Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VJ1206A101FXSPW1BC Datasheet(PDF) 10 Page - Vishay Siliconix

Part # VJ1206A101FXSPW1BC
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ1206A101FXSPW1BC Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button VJ1206A101FXSPW1BC Datasheet HTML 6Page - Vishay Siliconix VJ1206A101FXSPW1BC Datasheet HTML 7Page - Vishay Siliconix VJ1206A101FXSPW1BC Datasheet HTML 8Page - Vishay Siliconix VJ1206A101FXSPW1BC Datasheet HTML 9Page - Vishay Siliconix VJ1206A101FXSPW1BC Datasheet HTML 10Page - Vishay Siliconix VJ1206A101FXSPW1BC Datasheet HTML 11Page - Vishay Siliconix VJ1206A101FXSPW1BC Datasheet HTML 12Page - Vishay Siliconix VJ1206A101FXSPW1BC Datasheet HTML 13Page - Vishay Siliconix VJ1206A101FXSPW1BC Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
VJ....W1BC Basic Commodity Series
www.vishay.com
Vishay
Revision: 27-Mar-13
10
Document Number: 28548
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Letters indicate product thickness, please see packaging quantities
(1) Not in 20 % (code “M”) tolerance
SELECTION CHART
DIELECTRIC
Y5V
STYLE
VJ0402
VJ0603
VJ0805
SIZE CODE
0402
0603
0805
VOLTAGE (VDC)
6.3 V 10 V
16 V
25 V
50 V
100 V
10 V
16 V
25 V
50 V
100 V
10 V
16 V
25 V
50 V
100 V
VOLTAGE CODE
Y
Q
J
X
A
B
Q
J
X
A
B
Q
J
X
A
B
CAP. CODE
CAP.
102
1.0 nF
122
1.2 nF
152
1.5 nF
182
1.8 nF
222
2.2 nF
272
2.7 nF
332
3.3 nF
392
3.9 nF
472
4.7 nF
562
5.6 nF
682
6.8 nF
822
8.2 nF
103
10 nF
N
N
N
N
SSSS
A
A
A
A
B
123
12 nF
N
N
N
N
SSSS
A
A
A
A
153
15 nF
N
N
N
N
SSSS
A
A
A
A
B
183
18 nF
N
N
N
N
SSSS
A
A
A
A
223
22 nF
N
N
N
N
SSSS
A
A
A
A
B
273
27 nF
N
N
N
N
SSSS
A
A
A
A
333
33 nF
N
N
N
N
SSSS
A
A
A
A
B
393
39 nF
N
N
N
SSSS
A
A
A
A
473
47 nF
N
N
N
SSSS
A
A
A
A
B
563
56 nF
N
N
N (1)
SSSS
A
A
A
A
683
68 nF
N
N
N
SSSS
A
A
A
A
B
823
82 nF
N
N
SSSS
A
A
A
A
104
100 nF
N
N
N
SSSS
A
A
A
A
B
154
150 nF
N
SSSS
A
A
A
A
224
220 nF
N
N
SSSS
A
A
A
A
334
330 nF
N
N
S
S
S
B
B
B
B
474
470 nF
N
N
S
S
X
S
B
B
B
B
684
680 nF
N
S
X
B
B
D
D
105
1.0 μF
N
N
S
X
X
B
B
D
D
155
1.5 μF
S
D
D
225
2.2 μF
S
X
D
D
I
335
3.3 μF
DD
475
4.7 μF
X
D
D
I
685
6.8 μF
I
106
10 μF
II
226
22 μF
336
33 μF
476
47 μF
686
68 μF
107
100 μF


Similar Part No. - VJ1206A101FXSPW1BC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ1206A101 VISHAY-VJ1206A101 Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
VJ1206A101JXGAT5Z VISHAY-VJ1206A101JXGAT5Z Datasheet
236Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-Over in High-Voltage Applications
Revision: 25-Mar-13
More results

Similar Description - VJ1206A101FXSPW1BC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
logo
Kemet Corporation
C1210R225K3RACT050 KEMET-C1210R225K3RACT050 Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 07-Nov-13
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com