Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT809MTBIGT3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT809MTBIGT3
Description  3-Pin Microprocessor Power Supply Supervisors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT809MTBIGT3 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT809MTBIGT3 Datasheet HTML 1Page - ON Semiconductor CAT809MTBIGT3 Datasheet HTML 2Page - ON Semiconductor CAT809MTBIGT3 Datasheet HTML 3Page - ON Semiconductor CAT809MTBIGT3 Datasheet HTML 4Page - ON Semiconductor CAT809MTBIGT3 Datasheet HTML 5Page - ON Semiconductor CAT809MTBIGT3 Datasheet HTML 6Page - ON Semiconductor CAT809MTBIGT3 Datasheet HTML 7Page - ON Semiconductor CAT809MTBIGT3 Datasheet HTML 8Page - ON Semiconductor CAT809MTBIGT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CAT803, CAT809, CAT810
http://onsemi.com
2
Table 1. THRESHOLD SUFFIX SELECTOR
Nominal Threshold Voltage
Threshold Suffix Designation
4.63 V
L
4.55 V
H
4.38 V
M
4.00 V
J
3.08 V
T
2.93 V
S
2.63 V
R
2.32 V
Z
1.60 V
V
Table 2. PIN DESCRIPTIONS
Pin Number
Name
Description
CAT803
CAT809
CAT810
1
1
1
GND
Ground
2
2
RESET
Active LOW reset. RESET is asserted if VCC falls below the reset threshold and
remains low for at least 140 ms after VCC rises above the reset threshold.
2
RESET
Active HIGH reset. RESET is asserted if VCC falls below the reset threshold and
remains high for at least 140 ms after VCC rises above the reset threshold.
3
3
3
VCC
Power supply voltage that is monitored.
Table 3. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Units
Any pin with respect to ground
−0.3 to +6.0
V
Input Current, VCC
20
mA
Output Current, RESET, RESET
20
mA
Rate of Rise, VCC
100
V/ms
Continuous Power Dissipation
Derate 2.2 mW/°C above 70°C (SC70)
Derate 4 mW/°C above 70°C (SOT23)
175
320
mW
Operating Temperature Range
−40 to +85
°C
Storage Temperature Range
−65 to +105
°C
Lead Soldering Temperature (10 sec)
300
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.


Similar Part No. - CAT809MTBIGT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT809MTBIGT3 ONSEMI-CAT809MTBIGT3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results

Similar Description - CAT809MTBIGT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803TTBI ONSEMI-CAT803TTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT853TTBI-T3 ONSEMI-CAT853TTBI-T3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT803 ONSEMI-CAT803_14 Datasheet
106Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
August, 2014 ??Rev. 34
logo
Catalyst Semiconductor
CAT803 CATALYST-CAT803 Datasheet
790Kb / 14P
   3-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT809TTBI-T3 ONSEMI-CAT809TTBI-T3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809LTBI ONSEMI-CAT809LTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
logo
Catalyst Semiconductor
CAT853 CATALYST-CAT853 Datasheet
536Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com