Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-ADuMQSEBZ Datasheet(PDF) 6 Page - Analog Devices

Part # EVAL-ADuMQSEBZ
Description  Quad-Channel Digital Isolators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADuMQSEBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button EVAL-ADuMQSEBZ Datasheet HTML 2Page - Analog Devices EVAL-ADuMQSEBZ Datasheet HTML 3Page - Analog Devices EVAL-ADuMQSEBZ Datasheet HTML 4Page - Analog Devices EVAL-ADuMQSEBZ Datasheet HTML 5Page - Analog Devices EVAL-ADuMQSEBZ Datasheet HTML 6Page - Analog Devices EVAL-ADuMQSEBZ Datasheet HTML 7Page - Analog Devices EVAL-ADuMQSEBZ Datasheet HTML 8Page - Analog Devices EVAL-ADuMQSEBZ Datasheet HTML 9Page - Analog Devices EVAL-ADuMQSEBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ADuM1400/ADuM1401/ADuM1402
Data Sheet
Rev. H | Page 6 of 32
ELECTRICAL CHARACTERISTICS—3 V, 105°C OPERATION1
2.7 V ≤ VDD1 ≤ 3.6 V, 2.7 V ≤ VDD2 ≤ 3.6 V; all minimum/maximum specifications apply over the entire recommended operation range,
unless otherwise noted; all typical specifications are at TA = 25°C, VDD1 = VDD2 = 3.0 V. These specifications do not apply to ADuM1400W,
ADuM1401W, and ADuM1402W automotive grade versions.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DC SPECIFICATIONS
Input Supply Current per Channel, Quiescent
IDDI (Q)
0.26
0.31
mA
Output Supply Current per Channel, Quiescent
IDDO (Q)
0.11
0.14
mA
ADuM1400 Total Supply Current, Four Channels2
DC to 2 Mbps
VDD1 Supply Current
IDD1 (Q)
1.2
1.9
mA
DC to 1 MHz logic signal freq.
VDD2 Supply Current
IDD2 (Q)
0.5
0.9
mA
DC to 1 MHz logic signal freq.
10 Mbps (BRW and CRW Grades Only)
VDD1 Supply Current
IDD1 (10)
4.5
6.5
mA
5 MHz logic signal freq.
VDD2 Supply Current
IDD2 (10)
1.4
2.0
mA
5 MHz logic signal freq.
90 Mbps (CRW Grade Only)
VDD1 Supply Current
IDD1 (90)
37
65
mA
45 MHz logic signal freq.
VDD2 Supply Current
IDD2 (90)
11
15
mA
45 MHz logic signal freq.
ADuM1401 Total Supply Current, Four Channels2
DC to 2 Mbps
VDD1 Supply Current
IDD1 (Q)
1.0
1.6
mA
DC to 1 MHz logic signal freq.
VDD2 Supply Current
IDD2 (Q)
0.7
1.2
mA
DC to 1 MHz logic signal freq.
10 Mbps (BRW and CRW Grades Only)
VDD1 Supply Current
IDD1 (10)
3.7
5.4
mA
5 MHz logic signal freq.
VDD2 Supply Current
IDD2 (10)
2.2
3.0
mA
5 MHz logic signal freq.
90 Mbps (CRW Grade Only)
VDD1 Supply Current
IDD1 (90)
30
52
mA
45 MHz logic signal freq.
VDD2 Supply Current
IDD2 (90)
18
27
mA
45 MHz logic signal freq.
ADuM1402 Total Supply Current, Four Channels2
DC to 2 Mbps
VDD1 or VDD2 Supply Current
IDD1(Q), IDD2(Q)
0.9
1.5
mA
DC to 1 MHz logic signal freq.
10 Mbps (BRW and CRW Grades Only)
VDD1 or VDD2 Supply Current
IDD1(10), IDD2(10)
3.0
4.2
mA
5 MHz logic signal freq.
90 Mbps (CRW Grade Only)
VDD1 or VDD2 Supply Current
IDD1(90), IDD2(90)
24
39
mA
45 MHz logic signal freq.
For All Models
Input Currents
IIA, IIB, IIC,
IID, IE1, IE2
−10
+0.01 +10
μA
0 V ≤ VIA, VIB, VIC, VID ≤ VDD1 or VDD2,
0 V ≤ VE1, VE2 ≤ VDD1 or VDD2
Logic High Input Threshold
VIH, VEH
1.6
V
Logic Low Input Threshold
VIL, VEL
0.4
V
(VDD1 or VDD2) − 0.1
3.0
V
IOx = −20 μA, VIx = VIxH
Logic High Output Voltages
VOAH, VOBH,
VOCH, VODH
(VDD1 or VDD2) − 0.4
2.8
V
IOx = −4 mA, VIx = VIxH
0.0
0.1
V
IOx = 20 μA, VIx = VIxL
0.04
0.1
V
IOx = 400 μA, VIx = VIxL
Logic Low Output Voltages
VOAL, VOBL,
VOCL, VODL
0.2
0.4
V
IOx = 4 mA, VIx = VIxL
SWITCHING SPECIFICATIONS
ADuM140xARW
Minimum Pulse Width3
PW
1000 ns
CL = 15 pF, CMOS signal levels
Maximum Data Rate4
1
Mbps CL = 15 pF, CMOS signal levels
Propagation Delay5
tPHL, tPLH
50
75
100
ns
CL = 15 pF, CMOS signal levels
Pulse Width Distortion, |tPLH − tPHL|5
PWD
40
ns
CL = 15 pF, CMOS signal levels
Change vs. Temperature
11
ps/°C
CL = 15 pF, CMOS signal levels
Propagation Delay Skew6
tPSK
50
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching7
tPSKCD/tPSKOD
50
ns
CL = 15 pF, CMOS signal levels


Similar Part No. - EVAL-ADuMQSEBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADuMQSEBZ AD-EVAL-ADuMQSEBZ Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
EVAL-ADuMQSEBZ AD-EVAL-ADuMQSEBZ Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
EVAL-ADuMQSEBZ AD-EVAL-ADuMQSEBZ Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
EVAL-ADuMQSEBZ AD-EVAL-ADuMQSEBZ Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
EVAL-ADuMQSEBZ AD-EVAL-ADuMQSEBZ Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
More results

Similar Description - EVAL-ADuMQSEBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1410 AD-ADUM1410_10 Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_15 Datasheet
422Kb / 24P
   Quad-Channel Digital Isolators
Rev. J
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_07 Datasheet
600Kb / 24P
   Quad-Channel Digital Isolators
Rev. G
ADUM1400 AD-ADUM1400_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
ADUM1401 AD-ADUM1401_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com