Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF1K49088 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # RF1K49088
Description  3.5A, 30V, Avalanche Rated, Logic Level, Dual N-Channel LittleFET??Enhancement Mode Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RF1K49088 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  RF1K49088 Datasheet HTML 1Page - Fairchild Semiconductor RF1K49088 Datasheet HTML 2Page - Fairchild Semiconductor RF1K49088 Datasheet HTML 3Page - Fairchild Semiconductor RF1K49088 Datasheet HTML 4Page - Fairchild Semiconductor RF1K49088 Datasheet HTML 5Page - Fairchild Semiconductor RF1K49088 Datasheet HTML 6Page - Fairchild Semiconductor RF1K49088 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
5-60
Typical Performance Curves
FIGURE 1. NORMALIZED POWER DISSIPATION vs
TEMPERATURE DERATING CURVE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL
IMPEDANCE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. PEAK CURRENT CAPABILITY
NOTE: Refer to Harris Application Notes AN9321 and AN9322.
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING CAPABILITY
TA, AMBIENT TEMPERATURE (
oC)
0.0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
2.0
1.0
0.5
0.0
25
50
75
100
125
150
1.5
3.0
2.5
TA, AMBIENT TEMPERATURE (
oC)
4.0
3.5
t, RECTANGULAR PULSE DURATION (s)
10-3
10-1
100
101
102
0.01
10
0.1
1
10-2
103
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x Z
θJA x RθJA + TA
PDM
t1
t2
SINGLE PULSE
DUTY CYCLE - DESCENDING ORDER
0.5
0.2
0.1
0.05
0.01
0.02
VDS, DRAIN TO SOURCE VOLTAGE (V)
1
10
100
0.01
1
100
10
0.1
0.1
DC
5ms
100ms
1s
10ms
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
VDSS MAX = 30V
TJ = MAX RATED
TA = 25
oC
t, PULSE WIDTH (s)
200
10
1
10-5
10-4
10-3
10-2
10-1
100
101
VGS = 5V
100
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
I
= I25
150 - TA
125
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
VGS = 10V
TA = 25
oC
1
10
100
10
0.1
20
1
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 150
oC
STARTING TJ = 25
oC
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
RF1K49088


Similar Part No. - RF1K49088

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RF1K49088 INTERSIL-RF1K49088 Datasheet
173Kb / 7P
   3.5A, 30V, 0.06 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
logo
VBsemi Electronics Co.,...
RF1K49088 VBSEMI-RF1K49088 Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
More results

Similar Description - RF1K49088

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RF1K49086 FAIRCHILD-RF1K49086 Datasheet
195Kb / 7P
   3.5A, 30V, Avalanche Rated, Dual N-Channel LittleFET??Enhancement Mode Power MOSFET
logo
Intersil Corporation
RF1K49088 INTERSIL-RF1K49088 Datasheet
173Kb / 7P
   3.5A, 30V, 0.06 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
logo
Fairchild Semiconductor
RF1K49157 FAIRCHILD-RF1K49157 Datasheet
208Kb / 7P
   6.3A, 30V, Avalanche Rated, Single N-Channel LittleFET??Enhancement Mode Power MOSFET
RF1K49090 FAIRCHILD-RF1K49090 Datasheet
252Kb / 8P
   3.5A, 12V, 0.050 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
logo
Intersil Corporation
RF1K49090 INTERSIL-RF1K49090 Datasheet
127Kb / 7P
   3.5A, 12V, 0.050 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
logo
Fairchild Semiconductor
RFD16N03L FAIRCHILD-RFD16N03L Datasheet
130Kb / 7P
   16A, 30V, Avalanche Rated N-Channel Logic Level Enhancement-Mode Power MOSFETs
logo
Intersil Corporation
RF1K49086 INTERSIL-RF1K49086 Datasheet
143Kb / 7P
   3.5A, 30V, 0.06 Ohm, Dual N-Channel LittleFET??Power MOSFET
logo
Siemens Semiconductor G...
BUZ31L SIEMENS-BUZ31L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ70L SIEMENS-BUZ70L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ73L SIEMENS-BUZ73L Datasheet
181Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com