Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8805V Datasheet(PDF) 2 Page - ON Semiconductor

Part # LV8805V
Description  PC and Server Fan Motor Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV8805V Datasheet(HTML) 2 Page - ON Semiconductor

  LV8805V Datasheet HTML 1Page - ON Semiconductor LV8805V Datasheet HTML 2Page - ON Semiconductor LV8805V Datasheet HTML 3Page - ON Semiconductor LV8805V Datasheet HTML 4Page - ON Semiconductor LV8805V Datasheet HTML 5Page - ON Semiconductor LV8805V Datasheet HTML 6Page - ON Semiconductor LV8805V Datasheet HTML 7Page - ON Semiconductor LV8805V Datasheet HTML 8Page - ON Semiconductor LV8805V Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LV8805V
No.A1747-2/9
Allowable Operating Conditions
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC supply voltage
VCC
6 to 15
V
SOFTST input voltage range
VSOFTST
0 to VREG
V
FR input voltage range
VFR
0 to VREG
V
MINSP input voltage range
VMINSP
0 to VREG
V
Electrical Characteristics
at Ta
= 25°C, VCC = 12V, unless otherwise specified
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Circuit current 1
ICC1
2.6
3.6
mA
Charge pump block
Charge pump output voltage
VVG
17
V
Regulator block
5V regulator voltage
VVREG
4.75
5
5.25
V
Output on resistance
Sum of high-/low-side output transistor on
resistance
Ron (H+L)
IO = 0.7A, VCC = 12V, VG = 17V
1.2
2
Ω
Startup oscillator (OSC) pin
OSC pin charge current
IOSCC
-2.5
μA
OSC pin discharge current
IOSCD
2.5
μA
PWM input (PWMIN) pin
High-level input voltage range
VPWMINH
2.5
VREG
V
Low-level input voltage range
VPWMINL
0
1
V
Range of PWM input frequency
fPWMIN
15
60
kHz
Forward/reverse switching pin
High-level input voltage range
VFRH
Order of current application :
UOUT
→VOUT→WOUT
2.5
VREG
V
Low-level input voltage range
VFRL
Order of current application :
UOUT
→WOUT→VOUT
0
1
V
FG, 1/2FG, and RD output pins
FG output pin low-level voltage
VFG
When IO is 2mA
0.25
0.35
V
FG output pin leak voltage
ILFG
When VFG is 16V
1
μA
1/2FG output pin low-level voltage
V1/2FG
When IO is 2mA
0.25
0.35
V
1/2FG output pin leak voltage
IL1/2FG
When V1/2FG is 16V
1
μA
RD output pin low-level voltage
VRD
When IO is 2mA
0.25
0.35
V
RD output pin leak voltage
ILRD
When VRD is 16V
1
μA
Current limiter circuit
Limiter voltage
VRF
Limit current set to 1A when RF is 0.25
Ω.
0.225
0.25
0.275
V
Constraint protection circuit
CT pin high-level voltage
VCTH
2.25
2.8
2.95
V
CT pin low-level voltage
VCTL
0.43
0.5
0.65
V
CT pin charge current
ICTC
-2.9
-2.5
-2.2
μA
CT pin discharge current
ICTD
0.21
0.25
0.32
μA
ICT charge/discharge ratio
RCT
7
10
13
Soft start circuit
Soft start releasing voltage
VSOFTST
2.5
V
SOFTST pin charge current
ISOFTST
0.6
μA
Thermal protection circuit
Thermal protection circuit operating
temperature
TSD
Design target *
150
180
210
°C
* : Design target value and no measurement is made. The thermal protection circuit is incorporated to protect the IC from burnout or thermal destruction. Since
it operates outside the IC's guaranteed operating range, the customer's thermal design should be performed so that the thermal protection circuit will not be
activated when the fan is running under normal operating conditions.


Similar Part No. - LV8805V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8805V SANYO-LV8805V Datasheet
211Kb / 9P
   PC and Server Fan Motor Driver
More results

Similar Description - LV8805V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8805V SANYO-LV8805V Datasheet
211Kb / 9P
   PC and Server Fan Motor Driver
LV8804FV SANYO-LV8804FV_12 Datasheet
188Kb / 10P
   PC and Server Fan Motor Driver
LV8804V SANYO-LV8804V Datasheet
117Kb / 10P
   PC and Server Fan Motor Driver
logo
ON Semiconductor
LV8805SV-MPB-H ONSEMI-LV8805SV-MPB-H Datasheet
272Kb / 9P
   PC and Server Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8804V SANYO-LV8804V_11 Datasheet
229Kb / 10P
   PC and Server Fan Motor Driver
LV8804FV SANYO-LV8804FV_11 Datasheet
206Kb / 10P
   PC and Server Fan Motor Driver
LV8805SV SANYO-LV8805SV Datasheet
221Kb / 9P
   PC and Server Fan Motor Driver
logo
ON Semiconductor
LV8804FV-D ONSEMI-LV8804FV-D Datasheet
239Kb / 10P
   PC and Server Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8804FV SANYO-LV8804FV Datasheet
116Kb / 9P
   PC and Server Fan Motor Driver
LV8804V SANYO-LV8804V_12 Datasheet
229Kb / 10P
   PC and Server Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com