Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5112 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT5112
Description  32?릘ap Digital Potentiometer (POT)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5112 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT5112 Datasheet HTML 1Page - ON Semiconductor CAT5112 Datasheet HTML 2Page - ON Semiconductor CAT5112 Datasheet HTML 3Page - ON Semiconductor CAT5112 Datasheet HTML 4Page - ON Semiconductor CAT5112 Datasheet HTML 5Page - ON Semiconductor CAT5112 Datasheet HTML 6Page - ON Semiconductor CAT5112 Datasheet HTML 7Page - ON Semiconductor CAT5112 Datasheet HTML 8Page - ON Semiconductor CAT5112 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CAT5112
http://onsemi.com
4
Table 4. DC ELECTRICAL CHARACTERISTICS (VCC = +2.5 V to +6 V unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
POWER SUPPLY
VCC
Operating Voltage Range
2.5
6
V
ICC1
Supply Current (Increment)
VCC = 6 V, f = 1 MHz, IW = 0
200
mA
VCC = 6 V, f = 250 kHz, IW = 0
100
mA
ICC2
Supply Current (Write)
Programming, VCC = 6 V
1000
mA
VCC = 3 V
500
mA
ISB1 (Note 4)
Supply Current (Standby)
CS = VCC − 0.3 V
U/D, INC = VCC − 0.3 V or GND
75
150
mA
LOGIC INPUTS
IIH
Input Leakage Current
VIN = VCC
10
mA
IIL
Input Leakage Current
VIN = 0 V
−10
mA
VIH1
TTL High Level Input Voltage
4.5 V  VCC  5.5 V
2
VCC
V
VIL1
TTL Low Level Input Voltage
0
0.8
V
VIH2
CMOS High Level Input Voltage
2.5 V  VCC  6 V
VCC x 0.7
VCC + 0.3
V
VIL2
CMOS Low Level Input Voltage
−0.3
VCC x 0.2
V
POTENTIOMETER CHARACTERISTICS
RPOT
Potentiometer Resistance
−10 Device
10
kW
−50 Device
50
−00 Device
100
Pot. Resistance Tolerance
20
%
VRH
Voltage on RH pin
0
VCC
V
VRL
Voltage on RL pin
0
VCC
V
Resolution
1
%
INL
Integral Linearity Error
IW  2 mA
0.5
1
LSB
DNL
Differential Linearity Error
IW  2 mA
0.25
0.5
LSB
ROUT
Buffer Output Resistance
0.05 VCC  VWB  0.95 VCC,
VCC = 5 V
1
W
IOUT
Buffer Output Current
0.05 VCC  VWB  0.95 VCC,
VCC = 5 V
3
mA
TCRPOT
TC of Pot Resistance
300
ppm/C
TCRATIO
Ratiometric TC
20
ppm/C
CRH/CRL/CRW
Potentiometer Capacitances
8/8/25
pF
fc
Frequency Response
Passive Attenuator, 10 kW
1.7
MHz
VWB(SWING)
Output Voltage Range
IOUT  100 mA, VCC = 5 V
0.01 VCC
0.99 VCC
3. This parameter is tested initially and after a design or process change that affects the parameter.
4. Latch-up protection is provided for stresses up to 100 mA on address and data pins from −1 V to VCC + 1 V
5. IW = source or sink
6. These parameters are periodically sampled and are not 100% tested.


Similar Part No. - CAT5112

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5112 CATALYST-CAT5112 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT5112 CATALYST-CAT5112 Datasheet
53Kb / 7P
   32-Tap Digitally Programmable Potentiometer
CAT5112 CATALYST-CAT5112 Datasheet
250Kb / 11P
   32-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
logo
ON Semiconductor
CAT5112 ONSEMI-CAT5112 Datasheet
208Kb / 11P
   32-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
Doc. No. MD-2002 Rev. O
More results

Similar Description - CAT5112

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5114 ONSEMI-CAT5114_13 Datasheet
210Kb / 15P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 23
N57M5114 ONSEMI-N57M5114 Datasheet
123Kb / 13P
   32?릘ap Digital Potentiometer (POT)
August, 2016 ??Rev. P0
CAT5115 ONSEMI-CAT5115_13 Datasheet
200Kb / 12P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 11
CAT5126 ONSEMI-CAT5126_13 Datasheet
168Kb / 9P
   One?릘ime Digital 32?릘ap Potentiometer (POT)
June, 2013 ??Rev. 4
CAT5112VI-50 ONSEMI-CAT5112VI-50 Datasheet
162Kb / 10P
   32?릘ap Digital Potentiometer (POT) ith Buffered Wiper
June, 2013 ??Rev. 16
N57M5127 ONSEMI-N57M5127_18 Datasheet
89Kb / 9P
   32?릘ap Digital Potentiometer (POT) with Wiper Storage
March, 2018 ??Rev. 0
CAT5128 ONSEMI-CAT5128_13 Datasheet
158Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
July, 2013 ??Rev. 4
CAT5113LI-01 ONSEMI-CAT5113LI-01 Datasheet
182Kb / 13P
   100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
CAT5112VI10 ONSEMI-CAT5112VI10 Datasheet
201Kb / 10P
   32?릘ap Digital Potentiometer (POT) with Buffered Wiper
June, 2013 ??Rev. 16
N57L5128 ONSEMI-N57L5128 Datasheet
79Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
August, 2016 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com