Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQH3C4R7M24 Datasheet(PDF) 9 Page - ON Semiconductor

Part # LQH3C4R7M24
Description  CMOS White LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LQH3C4R7M24 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LQH3C4R7M24 Datasheet HTML 3Page - ON Semiconductor LQH3C4R7M24 Datasheet HTML 4Page - ON Semiconductor LQH3C4R7M24 Datasheet HTML 5Page - ON Semiconductor LQH3C4R7M24 Datasheet HTML 6Page - ON Semiconductor LQH3C4R7M24 Datasheet HTML 7Page - ON Semiconductor LQH3C4R7M24 Datasheet HTML 8Page - ON Semiconductor LQH3C4R7M24 Datasheet HTML 9Page - ON Semiconductor LQH3C4R7M24 Datasheet HTML 10Page - ON Semiconductor LQH3C4R7M24 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CAT32
http://onsemi.com
9
TYPICAL APPLICATION CIRCUITS
(The application diagrams below are shown for the TSOT−23 packages.)
Figure 16. Two LEDs with DC Level Dimming Control
2.5 V DC
DIMMING
CONTROL
15 mA
4
1.50 kW
60.40 kW
6.8 mH
2
3
1
6
5
SW
VIN
RSET
D1
C2
2.2 mF
C1
4.7 mF
VIN
CAT32
LED
GND
2.5 V DC
DIMMING
CONTROL
15 mA
4
1.50 kW
60.40 kW
6.8 mH
2
3
1
6
5
SW
VIN
RSET
D1
C2
1 mF
C1
4.7 mF
VIN
CAT32
LED
GND
Figure 17. Three LEDs with DC Level Dimming Control
15 mA
4
1.50 kW
6.8 mH
2
3
1
6
5
SW
VIN
RSET
D1
C2
1 mF
C1
4.7 mF
VIN
PWM
DIMMING
CONTROL
CAT32
LED
GND
Figure 18. Efficiency − Three LEDs
LED CURRENT (mA)
20
15
10
5
0
60
65
70
75
80
85
LED CURRENT (mA)
Figure 19. Four LEDs with PWM Dimming Control
Figure 20. Efficiency − Four LEDs
SHDN
L1
RSET
VIN = 4.2 V
VIN = 3.0 V
20
15
10
5
0
60
65
70
75
80
85
VIN = 4.2 V
VIN = 3.0 V
L1
SHDN
RSET
SHDN
RSET
L1


Similar Part No. - LQH3C4R7M24

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LQH3C4R7 LINER-LQH3C4R7 Datasheet
142Kb / 8P
   Dual Micropower DC/DC Converter with Positive and Negative Outputs
LQH3C4R7K24 LINER-LQH3C4R7K24 Datasheet
426Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
More results

Similar Description - LQH3C4R7M24

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT32 CATALYST-CAT32 Datasheet
193Kb / 14P
   CMOS White LED Driver
logo
ON Semiconductor
CAT32 ONSEMI-CAT32_14 Datasheet
134Kb / 11P
   CMOS White LED Driver
April, 2014 ??Rev. 5
logo
Catalyst Semiconductor
CAT32 CATALYST-CAT32_08 Datasheet
296Kb / 14P
   CMOS White LED Driver
logo
ON Semiconductor
CAT32TDI-T3 ONSEMI-CAT32TDI-T3 Datasheet
473Kb / 13P
   CMOS White LED Driver
Doc. No. MD-5005 Rev. V
logo
Copal Electronics
W-52 COPAL-W-52 Datasheet
194Kb / 11P
   CMOS White LED Driver
logo
ON Semiconductor
CAT32 ONSEMI-CAT32 Datasheet
194Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
logo
ELM Technology Corporat...
ELM900 ELM-TECH-ELM900 Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Electronics
ELM900 ELM-ELM900 Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Technology Corporat...
ELM900B-S ELM-TECH-ELM900B-S Datasheet
54Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Electronics
ELM900-SERIES ELM-ELM900-SERIES Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com