Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC6333 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # RC6333
Description  Triple Video Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC6333 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  RC6333 Datasheet HTML 1Page - Fairchild Semiconductor RC6333 Datasheet HTML 2Page - Fairchild Semiconductor RC6333 Datasheet HTML 3Page - Fairchild Semiconductor RC6333 Datasheet HTML 4Page - Fairchild Semiconductor RC6333 Datasheet HTML 5Page - Fairchild Semiconductor RC6333 Datasheet HTML 6Page - Fairchild Semiconductor RC6333 Datasheet HTML 7Page - Fairchild Semiconductor RC6333 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PRODUCT SPECIFICATION
RC6333
4
Test Circuit
65-3528-04
1/3
RC6333
10 pF
CL
75
W
RL
75
W
Video
Output
RF
250
W
250
W
Video
Input
RG
RS
RLOAD = RL + RS
Applications Discussion
Capacitive Load
The RC6333 can drive a capacitive load from 10 to over 50
pF. In back terminated video applications, bandwidth will
only be limited by the RC time constants of the external out-
put components. When driving a 75
W cable, place the 75W
source termination resistor as close to the amplifier output as
possible.
DC Accuracy
Since the RC6333 is a voltage-feedback amplifier, the invert-
ing and non-inverting inputs have similar impedances and
bias currents. To minimize offset voltage, match the source
resistances seen by inverting and non-inverting inputs.
Feedback Components
Because the RC6333 is a voltage-feedback amplifier, it facil-
itates using reactive (capacitive and inductive) feedback
components for implementing filters, integrators, sample/
hold circuits, etc. The feedback network and the parasitic
capacitance at the inverting (summing junction) input create
a pole and affect the transfer function of the circuit. For sta-
ble operation, minimize the parasitic capacitance and equiva-
lent resistance of the components used in the feedback
circuit.
Circuit Board
High-frequency applications require good grounding, power
supply decoupling, low parasitic capacitance and inductance,
and good isolation between the inputs to minimize their
crosstalk. Avoid coupling from output to input to prevent
positive feedback.


Similar Part No. - RC6333

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC6334 FAIRCHILD-RC6334 Datasheet
39Kb / 8P
   Quad Video Amplifier
More results

Similar Description - RC6333

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6103Q PHILIPS-TDA6103Q Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
TDA6107Q PHILIPS-TDA6107Q Datasheet
85Kb / 16P
   Triple video output amplifier
1999 Oct 26
TDA6107JF PHILIPS-TDA6107JF Datasheet
95Kb / 20P
   Triple video output amplifier
2002 Oct 18
TDA6108AJF NXP-TDA6108AJF Datasheet
101Kb / 16P
   Triple video output amplifier
Rev. 03-20 April 2005
TDA6107AJF NXP-TDA6107AJF Datasheet
77Kb / 16P
   Triple video output amplifier
Rev. 02-28 April 2005
logo
Intersil Corporation
HA5013 INTERSIL-HA5013 Datasheet
175Kb / 14P
   Triple, 125MHz Video Amplifier
September 1998
logo
NXP Semiconductors
TDA6108JF PHILIPS-TDA6108JF Datasheet
315Kb / 16P
   Triple video output amplifier
1999 Oct 29
logo
Integral Corp.
ILA6107Q INTEGRAL-ILA6107Q Datasheet
151Kb / 5P
   Triple video output amplifier
logo
KODENSHI_AUK CORP.
KKA6107Q KODENSHI-KKA6107Q Datasheet
130Kb / 7P
   Triple video output amplifier
logo
Intersil Corporation
HA5013 INTERSIL-HA5013_04 Datasheet
372Kb / 14P
   Triple, 125MHz Video Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com