Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7233AN Datasheet(PDF) 6 Page - Analog Devices

Part # AD7233AN
Description  LC2MOS 12-Bit Serial Mini-DIP DACPORT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7233AN Datasheet(HTML) 6 Page - Analog Devices

  AD7233AN Datasheet HTML 1Page - Analog Devices AD7233AN Datasheet HTML 2Page - Analog Devices AD7233AN Datasheet HTML 3Page - Analog Devices AD7233AN Datasheet HTML 4Page - Analog Devices AD7233AN Datasheet HTML 5Page - Analog Devices AD7233AN Datasheet HTML 6Page - Analog Devices AD7233AN Datasheet HTML 7Page - Analog Devices AD7233AN Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD7233–Typical Performance Characteristics
REV. B
–6–
APPLYING THE AD7233
Bipolar ( 5 V) Configuration
The AD7233 provides an output voltage range from –5 V to
+5 V without any external components. This configuration is
shown in Figure 4. The data format is two’s complement. The
output code table is shown in Table I. If offset binary coding is
required, it can be done by inverting the MSB in software before
the data is loaded to the AD7233.
12-BIT
DAC
2R
2R
VDD
AD7233
+5V
VOUT
GND
VSS
–12V TO –15V
+12V TO +15V
Figure 4. Circuit Configuration
Power Supply Decoupling
To achieve optimum performance when using the AD7233, the
VDD and VSS lines should each be decoupled to GND using
0.1
µF capacitors. In very noisy environments it is recom-
mended that 10
µF capacitors be connected in parallel with
the 0.1
µF capacitors.
Table I. AD7233 Bipolar Code Table
Input Data Word
MSB
LSB
Analog Output, VOUT
XXXX 0111 1111 1111
+5 V • (2047/2048)
XXXX 0000 0000 0001
+5 V • (1/2048)
XXXX 0000 0000 0000
0 V
XXXX 1111 1111 1111
–5 V • (1/2048)
XXXX 1000 0000 0001
–5 V • (2047/2048)
XXXX 1000 0000 0000
–5 V • (2048/2048) = –5 V
X = Don’t Care
Note: 1 LSB = 5 V/2048
≈ 2.4 mV
100
0
100k
20
10
1k
10
40
30
50
60
70
80
90
100
10k
FREQUENCY – Hz
OUTPUT WITH ALL
0s ON DAC
DD
POWER SUPPLY DECOUPLING CAPACITORS
ARE 10 F AND 0.1 F.
*
OUTPUT WITH ALL
1s ON DAC
DECOUPLING
NO DECOUPLING
DECOUPLING
NO DECOUPLING
V = 15V WITH
100mV p-p SIGNAL
TPC 2. Power Supply Rejection
Ratio vs. Frequency
VDD /VSS – Volts
0.50
10.5
0.40
0.30
0.20
0.10
0.00
11
12
13
14
15
16
TA = 25 C
TPC 1. Linearity vs. Power Supply
Voltage
500
0
100k
20
5k
50
50
100
200
100 200 500 1k 2k
10k 20k
50k
FREQUENCY – Hz
OUTPUT WITH ALL
0s ON DAC
VDD = +15V
VSS = –15V
TA = 25 C
TPC 3. Noise Spectral Density
vs. Frequency


Similar Part No. - AD7233AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7233AN AD-AD7233AN Datasheet
99Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. A
More results

Similar Description - AD7233AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7233 AD-AD7233 Datasheet
99Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. A
AD7243 AD-AD7243 Datasheet
171Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243ANZ AD-AD7243ANZ Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243ARZ AD-AD7243ARZ Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243 AD-AD7243_V01 Datasheet
282Kb / 13P
   LC2MOS 12-Bit Serial DACPORT
Rev. B
AD7249 AD-AD7249 Datasheet
149Kb / 12P
   LC2MOS Dual 12-Bit Serial DACPORT
REV. C
AD7245JNZ AD-AD7245JNZ Datasheet
3Mb / 16P
   LC2MOS 12-BiT DACPORT
AD7233 AD-AD7233_15 Datasheet
103Kb / 8P
   LC MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
AD7248JNZ AD-AD7248JNZ Datasheet
3Mb / 16P
   LC2MOS 12-Bit DACPORT
AD7245 AD-AD7245 Datasheet
1Mb / 16P
   LC2MOS 12-Bit DACPORT
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com