Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9235BRU-65 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9235BRU-65
Description  12-Bit, 20/40/65 MSPS 3 V A/D Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9235BRU-65 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9235BRU-65 Datasheet HTML 4Page - Analog Devices AD9235BRU-65 Datasheet HTML 5Page - Analog Devices AD9235BRU-65 Datasheet HTML 6Page - Analog Devices AD9235BRU-65 Datasheet HTML 7Page - Analog Devices AD9235BRU-65 Datasheet HTML 8Page - Analog Devices AD9235BRU-65 Datasheet HTML 9Page - Analog Devices AD9235BRU-65 Datasheet HTML 10Page - Analog Devices AD9235BRU-65 Datasheet HTML 11Page - Analog Devices AD9235BRU-65 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
AD9235
Data Sheet
Rev. D | Page 8 of 40
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AD9235
TOP VIEW
(Not to Scale)
MODE
SENSE
VREF
AVDD
REFT
REFB
OTR
D10
D9
D8
D7
DGND
DRVDD
AGND
VIN+
VIN–
PDWN
AVDD
AGND
D6
D5
D4
D0 (LSB)
CLK
D1
D2
D3
D11 (MSB)
Figure 3. 28-Lead TSSOP Pin Configuration
NOTES
1. DNC = DO NOT CONNECT.
2. IT IS RECOMMENDED THAT THE EXPOSED PADDLE
BE SOLDERED TO THE GROUND PLANE.
D8
D9
D10
D11 (MSB)
OTR
MODE
SENSE
VREF
D1
D0 (LSB)
DNC
DNC
PDWN
DNC
CLK
DNC
AD9235
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
Figure 4. 32-Lead LFCSP Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
28-Lead TSSOP
Pin No.
32-Lead LFCSP
Mnemonic
Description
1
21
OTR
Out-of-Range Indicator.
2
22
MODE
Data Format and Clock Duty Cycle Stabilizer (DCS) Mode Selection.
3
23
SENSE
Reference Mode Selection.
4
24
VREF
Voltage Reference Input/Output.
5
25
REFB
Differential Reference (−).
6
26
REFT
Differential Reference (+).
7, 12
27, 32
AVDD
Analog Power Supply.
8, 11
28, 31
AGND
Analog Ground.
9
29
VIN+
Analog Input Pin (+).
10
30
VIN–
Analog Input Pin (−).
13
2
CLK
Clock Input Pin.
14
4
PDWN
Power-Down Function Selection (Active High).
15 to 22, 25 to 28
7 to 14, 17 to 20
D0 (LSB) to D11 (MSB)
Data Output Bits.
23
15
DGND
Digital Output Ground.
24
16
DRVDD
Digital Output Driver Supply. Must be decoupled to DGND with a minimum.
0.1 µF capacitor. Recommended decoupling is 0.1 µF in parallel with 10 µF.
1, 3, 5, 6
DNC
Do Not Connect.
EP
EPAD
Exposed Pad. It is recommended that the exposed paddle be soldered to the
ground plane. There is an increased reliability of the solder joints and maxi-
mum thermal capability of the package is achieved with exposed paddle
soldered to the customer board.


Similar Part No. - AD9235BRU-65

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9235BRU-65 AD-AD9235BRU-65 Datasheet
1Mb / 32P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. B
AD9235BRU-65 AD-AD9235BRU-65 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BRU-65 AD-AD9235BRU-65 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BRU-65 AD-AD9235BRU-65 Datasheet
833Kb / 41P
   3V A/D Converter
More results

Similar Description - AD9235BRU-65

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9235 AD-AD9235_15 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCPZ-65 AD-AD9235BCPZ-65 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCPZ-20 AD-AD9235BCPZ-20 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCP-20EBZ AD-AD9235BCP-20EBZ Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235 AD-AD9235 Datasheet
1Mb / 32P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. B
AD9237 AD-AD9237 Datasheet
1,005Kb / 28P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
REV. 0
AD9237 AD-AD9237_15 Datasheet
570Kb / 24P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
REV. C
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9238 AD-AD9238 Datasheet
1Mb / 24P
   12-Bit, 20/40/65 MSPS Dual A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com