Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASDATA2 Datasheet(PDF) 1 Page - Analog Devices

Part # ASDATA2
Description  4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ASDATA2 Datasheet(HTML) 1 Page - Analog Devices

  ASDATA2 Datasheet HTML 1Page - Analog Devices ASDATA2 Datasheet HTML 2Page - Analog Devices ASDATA2 Datasheet HTML 3Page - Analog Devices ASDATA2 Datasheet HTML 4Page - Analog Devices ASDATA2 Datasheet HTML 5Page - Analog Devices ASDATA2 Datasheet HTML 6Page - Analog Devices ASDATA2 Datasheet HTML 7Page - Analog Devices ASDATA2 Datasheet HTML 8Page - Analog Devices ASDATA2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
4 ADC/8 DAC with PLL,
192 kHz, 24-Bit Codec
Data Sheet
AD1939
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2006–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
PLL generated or direct master clock
Low EMI design
112 dB DAC/107 dB ADC dynamic range and SNR
−94 dB THD + N
Single 3.3 V supply
Tolerance for 5 V logic inputs
Supports 24-bits and 8 kHz to 192 kHz sample rates
Differential ADC input
Differential DAC output
Log volume control with autoramp function
SPI controllable for flexibility
Software-controllable clickless mute
Software power-down
Right-justified, left-justified, I2S, and TDM modes
Master and slave modes up to 16-channel input/output
64-lead LQFP package
Qualified for automotive applications
APPLICATIONS
Automotive audio systems
Home Theater Systems
Set-top boxes
Digital audio effects processors
GENERAL DESCRIPTION
The AD1939 is a high performance, single-chip codec that
provides four analog-to-digital converters (ADCs) with
differential input, and eight digital-to-analog converters (DACs)
with differential output using the Analog Devices, Inc. patented
multibit sigma-delta (Σ-Δ) architecture. An SPI port is included,
allowing a microcontroller to adjust volume and many other
parameters. The AD1939 operates from 3.3 V digital and analog
supplies. The AD1939 is available in a 64-lead (differential
output) LQFP package.
The AD1939 is designed for low EMI. This consideration is
apparent in both the system and circuit design architectures.
By using the on-board PLL to derive the master clock from the
LR clock or from an external crystal, the AD1939 eliminates
the need for a separate high frequency master clock and can
also be used with a suppressed bit clock. The DACs and ADCs
are designed using the latest Analog Devices continuous time
architectures to further minimize EMI. By using 3.3 V supplies,
power consumption is minimized, further reducing emissions.
FUNCTIONAL BLOCK DIAGRAM
DIGITAL
FILTER
SERIAL DATA PORT
DIGITAL AUDIO
INPUT/OUTPUT
PRECISION
VOLTAGE
REFERENCE
TIMING MANAGEMENT
AND CONTROL
(CLOCK AND PLL)
SPI
CONTROL PORT
CONTROL DATA
INPUT/OUTPUT
AD1939
ADC
ADC
ADC
ADC
ANALOG
AUDIO
INPUTS
ANALOG
AUDIO
OUTPUTS
DAC
DAC
DAC
DAC
DAC
DAC
DAC
DAC
DIGITAL
FILTER
AND
VOLUME
CONTROL
SDATA
OUT
SDATA
IN
CLOCKS
Figure 1.


Similar Part No. - ASDATA2

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
ASDA-00 OSRAM-ASDA-00 Datasheet
1Mb / 25P
   Automotive High-Power Flood Illuminator
v4-00 2023-Mar-28
logo
Microchip Technology
ASDAK MICROCHIP-ASDAK Datasheet
563Kb / 1P
   Augmented Switching??Technology Accelerated Development Kit Digital Programmable Gate Drivers
7/20
More results

Similar Description - ASDATA2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1935 AD-AD1935 Datasheet
381Kb / 30P
   4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
Rev. PrI
AD1939 AD-AD1939 Datasheet
607Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
REV. 0
AD1938WBSTZ-RL AD-AD1938WBSTZ-RL Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1939 AD-AD1939_15 Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1938 AD-AD1938 Datasheet
559Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
REV. 0
AD1938 AD-AD1938_15 Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
ADAU1328 AD-ADAU1328_15 Datasheet
428Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
AD1928 AD-AD1928 Datasheet
595Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. 0
ADAU1328 AD-ADAU1328 Datasheet
543Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. 0
AD1928 AD-AD1928_15 Datasheet
419Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com