Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7874SQ3 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7874SQ3
Description  LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7874SQ3 Datasheet(HTML) 5 Page - Analog Devices

  AD7874SQ3 Datasheet HTML 1Page - Analog Devices AD7874SQ3 Datasheet HTML 2Page - Analog Devices AD7874SQ3 Datasheet HTML 3Page - Analog Devices AD7874SQ3 Datasheet HTML 4Page - Analog Devices AD7874SQ3 Datasheet HTML 5Page - Analog Devices AD7874SQ3 Datasheet HTML 6Page - Analog Devices AD7874SQ3 Datasheet HTML 7Page - Analog Devices AD7874SQ3 Datasheet HTML 8Page - Analog Devices AD7874SQ3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD7874
REV. C
–5–
PIN FUNCTION DESCRIPTION
Pin
Mnemonic
Description
1VIN1
Analog Input Channel 1. This is the first of the four input channels to be converted in a con-
version cycle. Analog input voltage range is
±10 V.
2VIN2
Analog Input Channel 2. Analog input voltage range is
±10 V.
3VDD
Positive supply voltage, +5 V
± 5%. This pin should be decoupled to AGND.
4
INT
Interrupt. Active low logic output indicating converter status. See Figure 7.
5
CONVST
Convert Start. Logic Input. A low to high transition on this input puts the track/hold into its
hold mode and starts conversion. The four channels are converted sequentially, Channel 1 to
Channel 4. The CONVST input is asynchronous to CLK and independent of CS and RD.
6
RD
Read. Active low logic input. This input is used in conjunction with CS low to enable the
data outputs. Four successive reads after a conversion will read the data from the four chan-
nels in the sequence, Channel 1, 2, 3, 4.
7
CS
Chip Select. Active low logic input. The device is selected when this input is active.
8
CLK
Clock Input. An external TTL-compatible clock may be applied to this input pin. Alterna-
tively, tying this pin to VSS enables the internal laser trimmed clock oscillator.
9VDD
Positive Supply Voltage, +5 V
± 5%. Same as Pin 3; both pins must be tied together at the
package. This pin should be decoupled to DGND.
10
DB11
Data Bit 11 (MSB). Three-state TTL output. Output coding is 2s complement.
11–13
DB10–DB8
Data Bit 10 to Data Bit 8. Three-state TTL outputs.
14
DGND
Digital Ground. Ground reference for digital circuitry.
15–21
DB7–DB1
Data Bit 7 to Data Bit 1. Three-state TTL outputs.
22
DB0
Data Bit 0 (LSB). Three-state TTL output.
23
AGND
Analog Ground. Ground reference for track/hold, reference and DAC.
24
REF IN
Voltage Reference Input. The reference voltage for the part is applied to this pin. It is inter-
nally buffered, requiring an input current of only
±1 µA. The nominal reference voltage for
correct operation of the AD7874 is 3 V.
25
REF OUT
Voltage Reference Output. The internal 3 V analog reference is provided at this pin. To oper-
ate the AD7874 with internal reference, REF OUT is connected to REF IN. The external
load capability of the reference is 500
µA.
26
VSS
Negative Supply Voltage, –5 V
± 5%.
27
VIN3
Analog Input Channel 3. Analog input voltage range is
±10 V.
28
VIN4
Analog Input Channel 4. Analog input voltage range is
±10 V.
ORDERING GUIDE
Relative
Temperature
SNR
Accuracy
Package
Model
1
Range
(dBs)
(LSB)
Option
2
AD7874AN
–40
°C to +85°C
70 min
±1 max
N-28
AD7874BN
–40
°C to +85°C
72 min
±1/2 max
N-28
AD7874AR
–40
°C to +85°C
70 min
±1 max
R-28
AD7874BR
–40
°C to +85°C
72 min
±1/2 max
R-28
AD7874AQ
–40
°C to +85°C
70 min
±1 max
Q-28
AD7874BQ
–40
°C to +85°C
72 min
±1/2 max
Q-28
AD7874SQ
3
–55
°C to +125°C 70 min
±1 max
Q-28
AD7874SE3
–55
°C to +125°C 70 min
±1 max
E-28A
NOTES
1To order MIL-STD-883, Class B processed parts, add /883B to part number. Contact
1our local sales office for military data sheet and availability.
2E = Leaded Ceramic Chip Carrier; N = Plastic DIP; Q = Cerdip; R = SOIC.
3Available to /883B processing only.


Similar Part No. - AD7874SQ3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7874SQ3 AD-AD7874SQ3 Datasheet
326Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874SQ3 AD-AD7874SQ3 Datasheet
326Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
More results

Similar Description - AD7874SQ3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7874SQ AD-AD7874SQ Datasheet
326Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874BNZ AD-AD7874BNZ Datasheet
326Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874 AD-AD7874 Datasheet
414Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7874 AD-AD7874_17 Datasheet
448Kb / 17P
   4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
AD7874 AD-AD7874_15 Datasheet
418Kb / 16P
   LC MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
ADAS3023 AD-ADAS3023 Datasheet
617Kb / 32P
   16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
REV. 0
AD7890 AD-AD7890 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD7891 AD-AD7891 Datasheet
173Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. A
AD7891YSZ-2 AD-AD7891YSZ-2 Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891AP AD-AD7891AP Datasheet
316Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com