Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSL0603R0100JTA18 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # WSL0603R0100JTA18
Description  Power Metal Strip Resistors, High Power
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSL0603R0100JTA18 Datasheet(HTML) 3 Page - Vishay Siliconix

  WSL0603R0100JTA18 Datasheet HTML 1Page - Vishay Siliconix WSL0603R0100JTA18 Datasheet HTML 2Page - Vishay Siliconix WSL0603R0100JTA18 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HSE, HSZ Series
www.vishay.com
Vishay Draloric
Revision: 08-Oct-13
3
Document Number: 22112
For technical questions, contact: slcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Standard lead configuration, other lead spacing and diameter available on request
(2) ± 20 % available on request
Y5U (2E3)
470
- 20/+ 50 (2)
6.0
4.0
5.0
0.6
1.1
HSE471.AQ...KR
680
1.2
HSE681.AQ...KR
1000
1.4
HSE102.AQ...KR
1500
7.0
1.2
HSE152.AQ...KR
2200
HSE222.AQ...KR
3300
11.0
7.5
1.1
HSE332.AQ...KR
4700
HSE472.AQ...KR
6800
13.0
HSE682.AQ...KR
8200
15.0
1.4
HSE822.AQ...KR
10000
1.2
HSE103.AQ...KR
ORDERING CODE
.7th digit
Capacitance tolerance
± 10 % = K, ± 20 % = M, - 20 %/+ 50 % = S
...
10th to 12th digit
Lead configuration
see “General Information”
Example
HSE
103
S
AQ
CRY
K
R
Series
Capacitance
value
Tolerance code
Voltage code
Lead
configuration
Internal code
RoHS
compliant
MARKING
RELATED DOCUMENTS
General Information
www.vishay.com/doc?22001
ORDERING INFORMATION
CAPACITANCE
(pF)
TOLERANCE
(%)
BODY
DIAMETER
Dmax. (mm)
BODY
THICKNESS
Smax. (mm)
LEAD
SPACING (1)
F (mm)
± 1 mm
LEAD
DIAMETER (1)
d (mm)
± 0.05 mm
WIDTH (1)
V (mm)
± 0.5 mm
ORDERING CODE
MISSING DIGITS
SEE ORDERING
CODE BELOW
HSE 470 pF to 4.7 nF
HSE 6.8 nF to 10 nF
HSZ 10 pF to 3.9 nF
HSZ 4.7 nF
2n2 M
E
6n8 M
n22 K
D
4n7 K


Similar Part No. - WSL0603R0100JTA18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL0603R0100JTA18 VISHAY-WSL0603R0100JTA18 Datasheet
120Kb / 3P
   Power Metal Strip® Resistors, High Power (2 x Standard WSL), Low Value (down to 0.001 Ω), Surface Mount
Revision: 10-Nov-08
WSL0603R0100JTA18 VISHAY-WSL0603R0100JTA18 Datasheet
95Kb / 3P
   Power Metal Strip Resistors, High Power Low Value, Surface Mount
Revision: 09-Sep-11
WSL0603R0100JTA18 VISHAY-WSL0603R0100JTA18 Datasheet
148Kb / 4P
   Power Metal Strip짰 Resistors, High Power (2 x Standard WSL),
More results

Similar Description - WSL0603R0100JTA18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSK06125L000FEA VISHAY-WSK06125L000FEA Datasheet
102Kb / 3P
   Power Metal Strip Resistors, High Power,
Revision: 09-Nov-11
442639 VISHAY-442639 Datasheet
125Kb / 3P
   Power Metal Strip Resistors
Revision: 01-Jul-09
442550 VISHAY-442550 Datasheet
125Kb / 3P
   Power Metal Strip Resistors
Revision: 12-Aug-09
WSL2512R1500FTA VISHAY-WSL2512R1500FTA Datasheet
86Kb / 3P
   Power Metal Strip Resistors, Low Value
Revision: 06-Jun-12
WSL2512R3300FEA VISHAY-WSL2512R3300FEA Datasheet
86Kb / 3P
   Power Metal Strip Resistors, Low Value
Revision: 06-Jun-12
WSL1206R2500 VISHAY-WSL1206R2500 Datasheet
87Kb / 3P
   Power Metal Strip Resistors, Low Value
Revision: 05-Mar-14
WSL0805R0200FEA18 VISHAY-WSL0805R0200FEA18 Datasheet
95Kb / 3P
   Power Metal Strip Resistors, High Power Low Value, Surface Mount
Revision: 09-Sep-11
WSK0612 VISHAY-WSK0612_15 Datasheet
84Kb / 3P
   Power Metal Strip® Resistors, High Power, Surface Mount, 4-Terminal
Revision: 28-Oct-13
WSL2726 VISHAY-WSL2726 Datasheet
130Kb / 3P
   Power Metal Strip® Resistors, Low Value, High Power, Surface Mount
Revision: 27-Aug-08
WSL4026 VISHAY-WSL4026 Datasheet
141Kb / 3P
   Power Metal Strip® Resistors, Low Value, High Power, Surface Mount
Revision: 31-Jul-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com