Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG407DN-T1-E3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG407DN-T1-E3
Description  16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG407DN-T1-E3 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG407DN-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG407DN-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG407DN-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG407DN-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG407DN-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG407DN-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG407DN-T1-E3 Datasheet HTML 9Page - Vishay Siliconix DG407DN-T1-E3 Datasheet HTML 10Page - Vishay Siliconix DG407DN-T1-E3 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Document Number: 70061
S11-0179-Rev. J, 07-Feb-11
www.vishay.com
7
Vishay Siliconix
DG406, DG407
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Switching Times vs. Single Supply
Off-Isolation vs. Frequency
tON/tOFF vs. Temperature
V+ - Supply Voltage (V)
700
600
300
200
100
0
510
15
20
400
500
tTRANS
tON(EN)
tOFF(EN)
V- = 0 V
f - Frequency (Hz)
- 80
- 60
- 40
- 20
0
10K
100K
1M
10M
- 100
- 120
1K
100
- 140
Temperature (°C)
180
140
100
60
220
tON(EN)
tOFF(EN)
tTRANS
260
300
V+ = 15 V
V- = - 15 V
- 55 - 35
125
- 15
5
25
45
65
85
105
Charge Injection vs. Analog Voltage
Supply Currents vs. Switching Frequency
Switching Threshold vs. Supply Voltage
VS - Source Voltage (V)
0
40
30
20
10
70
60
50
15
10
5
- 15
- 10
- 5
0
V+ = 15 V,
V- = - 15 V
V+ = 12 V,
V- = 0 V
f - Frequency (Hz)
10
- 10
10
100
1K
10K
100K
1M
10M
0
4
6
IGND
2
8
I-
I+
EN = 5 V
AX = 0 or 5 V
- 8
- 6
- 4
- 2
VSUPPLY - Supply Voltage (V)
3
1
0
510
15
20
2
0


Similar Part No. - DG407DN-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG407DN-T1-E3 VISHAY-DG407DN-T1-E3 Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
More results

Similar Description - DG407DN-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG406 VISHAY-DG406 Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
DG406B VISHAY-DG406B_V01 Datasheet
212Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG406B VISHAY-DG406B Datasheet
156Kb / 11P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. B, 21-May-07
DG406B VISHAY-DG406B_11 Datasheet
202Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. C, 07-Feb-11
DG406 VISHAY-DG406_V01 Datasheet
207Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG406 VISHAY-DG406_11 Datasheet
198Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 07-Feb-11
DG408MIL VISHAY-DG408MIL Datasheet
198Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
DG408 VISHAY-DG408 Datasheet
157Kb / 12P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. G, 11-Jun-07
DG408 VISHAY-DG408_V01 Datasheet
291Kb / 17P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG409AK-E3 VISHAY-DG409AK-E3 Datasheet
186Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com