Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG406DJ-E3 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # DG406DJ-E3
Description  16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG406DJ-E3 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button DG406DJ-E3 Datasheet HTML 5Page - Vishay Siliconix DG406DJ-E3 Datasheet HTML 6Page - Vishay Siliconix DG406DJ-E3 Datasheet HTML 7Page - Vishay Siliconix DG406DJ-E3 Datasheet HTML 8Page - Vishay Siliconix DG406DJ-E3 Datasheet HTML 9Page - Vishay Siliconix DG406DJ-E3 Datasheet HTML 10Page - Vishay Siliconix DG406DJ-E3 Datasheet HTML 11Page - Vishay Siliconix DG406DJ-E3 Datasheet HTML 12Page - Vishay Siliconix DG406DJ-E3 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Document Number: 70061
S11-0179-Rev. J, 07-Feb-11
www.vishay.com
9
Vishay Siliconix
DG406, DG407
TEST CIRCUITS
Figure 3. Enable Switching Time
VO
tr < 20 ns
tf < 20 ns
VO
Logic
Input
tON(EN)
90 %
Switch
Output
50 %
tOFF(EN)
3 V
0 V
0 V
A1
50
Ω
A0
S1
VO
A2
- 5 V
+ 15 V
- 15 V
300
Ω
EN
S2 - S 16
V+
V-
GND
D
35 pF
A3
VO
S1b
A2
S1a - S8a
S2b - S8b
A1
Da and Db
A0
50
Ω
300
Ω
+ 15 V
- 15 V
EN
V+
V-
GND
35 pF
DG406
DG407
- 5 V
90 %
Figure 4. Break-Before-Make Interval
50 %
80 %
Logic
Input
Switch
Output
VO
VS
tOPEN
tr < 20 ns
tf < 20 ns
0 V
3 V
0 V
50
Ω
A0
All S and Da
300
Ω
A3
D,Db
A1
A2
+ 2.4 V
+ 15 V
- 15 V
EN
V+
V-
VO
GND
+ 5 V
35 pF
DG406
DG407


Similar Part No. - DG406DJ-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG406DJ-E3 VISHAY-DG406DJ-E3 Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
DG406DJ-E3 VISHAY-DG406DJ-E3 Datasheet
198Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 07-Feb-11
More results

Similar Description - DG406DJ-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG406 VISHAY-DG406 Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
DG406B VISHAY-DG406B_V01 Datasheet
212Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG406B VISHAY-DG406B Datasheet
156Kb / 11P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. B, 21-May-07
DG406B VISHAY-DG406B_11 Datasheet
202Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. C, 07-Feb-11
DG406 VISHAY-DG406_V01 Datasheet
207Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG406 VISHAY-DG406_11 Datasheet
198Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 07-Feb-11
DG408MIL VISHAY-DG408MIL Datasheet
198Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
DG408 VISHAY-DG408 Datasheet
157Kb / 12P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. G, 11-Jun-07
DG408 VISHAY-DG408_V01 Datasheet
291Kb / 17P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG409AK-E3 VISHAY-DG409AK-E3 Datasheet
186Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com