Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC4200AN Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # RC4200AN
Description  Analog Multiplier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC4200AN Datasheet(HTML) 3 Page - Fairchild Semiconductor

  RC4200AN Datasheet HTML 1Page - Fairchild Semiconductor RC4200AN Datasheet HTML 2Page - Fairchild Semiconductor RC4200AN Datasheet HTML 3Page - Fairchild Semiconductor RC4200AN Datasheet HTML 4Page - Fairchild Semiconductor RC4200AN Datasheet HTML 5Page - Fairchild Semiconductor RC4200AN Datasheet HTML 6Page - Fairchild Semiconductor RC4200AN Datasheet HTML 7Page - Fairchild Semiconductor RC4200AN Datasheet HTML 8Page - Fairchild Semiconductor RC4200AN Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
PRODUCT SPECIFICATION
RC4200
REV. 1.2.1 6/14/01
3
Absolute Maximum Ratings
Notes:
1. For a supply voltage greater than -22V, the absolute maximum input voltage is equal to the supply voltage.
2. Observe package thermal characteristics.
Thermal Characteristics
(Still air, soldered into PC board)
Parameter
Min.
Max.
Unit
Supply Voltage1
-22
V
Input Current
-5
mA
Storage Temperature Range
RC4200/4200A
-55
+125
°C
Operating Temperature Range
RC4200/4200A
0
+70
°C
8-Lead Plastic DIP
8-Lead SOIC
Maximum Junction Temperature
+125°C
+125˚C
Maximum PD TA < 50°C
468mW
300mW
Thermal Resistance
θJC
——
Thermal Resistance
θJA
160°C/W
240˚C/W
For TA > 50°C Derate at
6.25mW/°C
4.17mW/˚C
Electrical Characteristics
(Over operating temperature range, VS = -15V unless otherwise noted)
Parameters
Test Conditlons
4200A
4200
Min.
Typ.
Max. Min.
Typ.
Max. Units
Total Error as Multiplier
TA = +25°C
Untrimmed1
±2.0
±3.0
%
With External Trim
±0.2
±0.2
%
Versus Temperature
±0.005
±0.005
%/°C
Versus Supply (-9 to -18V)
±0.1
±0.1
%/V
Nonlinearity2
50µA
≤ I1,2,4 ≤ 250 µA,
TA = +25°C
±0.1
±0.3
%
Input Current Range
(I1, I2 and I4)
1.0
1000
1.0
1000
µA
Input Offset Voltage
I1 = I2 = I4 = 150 µA
TA = +25°C
±5.0
±10
mV
Input Bias Current
I1 = I2 = I4 = 150 µA
TA = +25°C
300
500
nA
Average Input Offset
Voltage Drift
I1 = I2 = I4 = 150 µA
±50
±100 µV/°C
Output Current Range (I3)
3
1.0
1000
1.0
1000
µA


Similar Part No. - RC4200AN

ManufacturerPart #DatasheetDescription
logo
Raytheon Company
RC4277 RAYTHEON-RC4277 Datasheet
198Kb / 6P
   Dual Precision Operational Amplifiers
RC4277AD RAYTHEON-RC4277AD Datasheet
198Kb / 6P
   Dual Precision Operational Amplifiers
RC4277AD/883B RAYTHEON-RC4277AD/883B Datasheet
198Kb / 6P
   Dual Precision Operational Amplifiers
RC4277ED RAYTHEON-RC4277ED Datasheet
198Kb / 6P
   Dual Precision Operational Amplifiers
RC4277EN RAYTHEON-RC4277EN Datasheet
198Kb / 6P
   Dual Precision Operational Amplifiers
More results

Similar Description - RC4200AN

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM4200 NJRC-NJM4200 Datasheet
454Kb / 11P
   ANALOG MULTIPLIER
logo
Micrel Semiconductor
PL560-37 MICREL-PL560-37 Datasheet
757Kb / 15P
   Analog Frequency Multiplier
logo
Texas Instruments
MPY534KD TI-MPY534KD Datasheet
82Kb / 9P
[Old version datasheet]   Precision ANALOG MULTIPLIER
logo
PhaseLink Corporation
PL560-08 PLL-PL560-08 Datasheet
500Kb / 15P
   Analog Frequency Multiplier
logo
Micrel Semiconductor
PL565-68 MICREL-PL565-68 Datasheet
558Kb / 12P
   Analog Frequency Multiplier
logo
PhaseLink Corporation
PL560-XX PLL-PL560-XX Datasheet
887Kb / 15P
   Analog Frequency Multiplier
logo
Burr-Brown (TI)
MPY534 BURR-BROWN-MPY534 Datasheet
116Kb / 8P
   Precision ANALOG MULTIPLIER
logo
PhaseLink Corporation
PL660 PLL-PL660 Datasheet
484Kb / 15P
   Analog Frequency Multiplier
logo
Micrel Semiconductor
PL560-08 MICREL-PL560-08_12 Datasheet
552Kb / 12P
   Analog Frequency Multiplier
logo
Analog Devices
AD633JRZ AD-AD633JRZ Datasheet
610Kb / 16P
   Low Cost Analog Multiplier
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com