Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC4200N Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # RC4200N
Description  Analog Multiplier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC4200N Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button RC4200N Datasheet HTML 7Page - Fairchild Semiconductor RC4200N Datasheet HTML 8Page - Fairchild Semiconductor RC4200N Datasheet HTML 9Page - Fairchild Semiconductor RC4200N Datasheet HTML 10Page - Fairchild Semiconductor RC4200N Datasheet HTML 11Page - Fairchild Semiconductor RC4200N Datasheet HTML 12Page - Fairchild Semiconductor RC4200N Datasheet HTML 13Page - Fairchild Semiconductor RC4200N Datasheet HTML 14Page - Fairchild Semiconductor RC4200N Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
PRODUCT SPECIFICATION
RC4200
REV. 1.2.1 6/14/01
11
Squaring Circuits V0 = K VX
2
Figure 10. Squaring Circuit
VX(min.)
≤ VX ≤ VX(max.) ∆VX = VX(max.) – VX(min.)
65-1875
RC4200
Multiplier
V
(Input)
S
X
O
O
S
CX
Ra
Rb
R1
R
-V
I3
R
V
(Output)
+V
S
-V
3
6
4
5
8
7
1
2
Rc
Rd
I2
I1
I4
REF
+V
RC5534
R1
V
X
2
R
1
2
--------
2V
XVREF
R
1Ra
-------------------------
V
REF
2
R
a
2
--------------
++
V
0VREF
R
0Rd
---------------------
V
REF
2
R
cRd
--------------
V
XVREF
R
cRd
----------------------
++
=
if R
a
2
R
cRd and R1Ra
2R
CXRD
==
then
V
0VREF
R
0Rd
---------------------
V
X
2
R
1
2
-------- or V
0
KV
X
2 where K =
R
0Rd
V
REFR1
2
---------------------
==
K
V
0
V
X
2
-------- (Design Requirement)
=
R
1
∆V
X
200
µA
-----------------
=
R
a
∆V
XVREF
250
µA∆V
X
200
µAV
X max.
()
--------------------------------------------------------------------------------
=
R
d
V
REF
250
µA
-----------------
=
R
c
R
a
2
R
d
------
=
R
cx
R
1Ra
2R
d
-------------
=
R
0
∆V 2
X K
160
µA
-------------------
=


Similar Part No. - RC4200N

ManufacturerPart #DatasheetDescription
logo
Raytheon Company
RC4277 RAYTHEON-RC4277 Datasheet
198Kb / 6P
   Dual Precision Operational Amplifiers
RC4277AD RAYTHEON-RC4277AD Datasheet
198Kb / 6P
   Dual Precision Operational Amplifiers
RC4277AD/883B RAYTHEON-RC4277AD/883B Datasheet
198Kb / 6P
   Dual Precision Operational Amplifiers
RC4277ED RAYTHEON-RC4277ED Datasheet
198Kb / 6P
   Dual Precision Operational Amplifiers
RC4277EN RAYTHEON-RC4277EN Datasheet
198Kb / 6P
   Dual Precision Operational Amplifiers
More results

Similar Description - RC4200N

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM4200 NJRC-NJM4200 Datasheet
454Kb / 11P
   ANALOG MULTIPLIER
logo
Micrel Semiconductor
PL560-37 MICREL-PL560-37 Datasheet
757Kb / 15P
   Analog Frequency Multiplier
logo
Texas Instruments
MPY534KD TI-MPY534KD Datasheet
82Kb / 9P
[Old version datasheet]   Precision ANALOG MULTIPLIER
logo
PhaseLink Corporation
PL560-08 PLL-PL560-08 Datasheet
500Kb / 15P
   Analog Frequency Multiplier
logo
Micrel Semiconductor
PL565-68 MICREL-PL565-68 Datasheet
558Kb / 12P
   Analog Frequency Multiplier
logo
PhaseLink Corporation
PL560-XX PLL-PL560-XX Datasheet
887Kb / 15P
   Analog Frequency Multiplier
logo
Burr-Brown (TI)
MPY534 BURR-BROWN-MPY534 Datasheet
116Kb / 8P
   Precision ANALOG MULTIPLIER
logo
PhaseLink Corporation
PL660 PLL-PL660 Datasheet
484Kb / 15P
   Analog Frequency Multiplier
logo
Micrel Semiconductor
PL560-08 MICREL-PL560-08_12 Datasheet
552Kb / 12P
   Analog Frequency Multiplier
logo
Analog Devices
AD633JRZ AD-AD633JRZ Datasheet
610Kb / 16P
   Low Cost Analog Multiplier
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com