Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

515D337M025CC6AE3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 515D337M025CC6AE3
Description  Aluminum Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

515D337M025CC6AE3 Datasheet(HTML) 6 Page - Vishay Siliconix

  515D337M025CC6AE3 Datasheet HTML 1Page - Vishay Siliconix 515D337M025CC6AE3 Datasheet HTML 2Page - Vishay Siliconix 515D337M025CC6AE3 Datasheet HTML 3Page - Vishay Siliconix 515D337M025CC6AE3 Datasheet HTML 4Page - Vishay Siliconix 515D337M025CC6AE3 Datasheet HTML 5Page - Vishay Siliconix 515D337M025CC6AE3 Datasheet HTML 6Page - Vishay Siliconix 515D337M025CC6AE3 Datasheet HTML 7Page - Vishay Siliconix 515D337M025CC6AE3 Datasheet HTML 8Page - Vishay Siliconix 515D337M025CC6AE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
515D
www.vishay.com
Vishay Sprague
Revision: 12-Jun-13
6
Document Number: 42052
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
50 WVDC AT + 85 °C, SURGE = 63 V
10.0
515D106M050JA6AE3
0.197 x 0.433 [5.0 x 11.0]
44.0
0.10
22.0
515D226M050JA6AE3
0.197 x 0.433 [5.0 x 11.0]
95.0
0.10
33.0
515D336M050AA6AE3
0.248 x 0.433 [6.3 x 11.0]
125.0
0.10
47.0
515D476M050AA6AE3
0.248 x 0.433 [6.3 x 11.0]
150.0
0.10
100.0
515D107M050BB6AE3
0.315 x 0.453 [8.0 x 11.5]
250.0
0.10
220.0
515D227M050CD6AE3
0.394 x 0.630 [10.0 x 16.0]
440.0
0.10
330.0
515D337M050CG6AE3
0.394 x 0.787 [10.0 x 20.0]
580.0
0.10
470.0
515D477M050DG6AE3
0.492 x 0.787 [12.5 x 20.0]
760.0
0.10
1000.0
515D108M050EK6AE3
0.630 x 0.984 [16.0 x 25.0]
1350.0
0.10
2200.0
515D228M050FR6AE3
0.709 x 1.398 [18.0 x 35.5]
2090.0
0.10
63 WVDC AT + 85 °C, SURGE = 79 V
4.7
515D475M063JA6AE3
0.197 x 0.433 [5.0 x 11.0]
45.0
0.08
10.0
515D106M063JA6AE3
0.197 x 0.433 [5.0 x 11.0]
70.0
0.08
22.0
515D226M063AA6AE3
0.248 x 0.433 [6.3 x 11.0]
115.0
0.08
33.0
515D336M063AA6AE3
0.248 x 0.433 [6.3 x 11.0]
140.0
0.08
47.0
515D476M063BB6AE3
0.315 x 0.453 [8.0 x 11.5]
190.0
0.08
100.0
515D107M063CC6AE3
0.394 x 0.492 [10.0 x 12.5]
300.0
0.08
220.0
515D227M063CG6AE3
0.394 x 0.787 [10.0 x 20.0]
490.0
0.08
330.0
515D337M063DG6AE3
0.492 x 0.787 [12.5 x 20.0]
680.0
0.08
470.0
515D477M063DK6AE3
0.492 x 0.984 [12.5 x 25.0]
880.0
0.08
1000.0
515D108M063EN6AE3
0.630 x 1.240 [16.0 x 31.5]
1550.0
0.08
2200.0
515D228M063FV6AE3
0.709 x 1.575 [18.0 x 40.0]
2200.0
0.08
100 WVDC AT + 85 °C, SURGE = 125 V
0.10
515D104M100JA6AE3
0.197 x 0.433 [5.0 x 11.0]
2.1
0.08
0.22
515D224M100JA6AE3
0.197 x 0.433 [5.0 x 11.0]
4.7
0.08
0.33
515D334M100JA6AE3
0.197 x 0.433 [5.0 x 11.0]
7.0
0.08
0.47
515D474M100JA6AE3
0.197 x .0433 [5.0 x 11.0]
10.0
0.08
1.0
515D105M100JA6AE3
0.197 x 0.433 [5.0 x 11.0]
21.0
0.08
2.2
515D225M100JA6AE3
0.197 x 0.433 [5.0 x 11.0]
30.0
0.08
3.3
515D335M100JA6AE3
0.197 x 0.433 [5.0 x 11.0]
40.0
0.08
4.7
515D475M100JA6AE3
0.197 x 0.433 [5.0 x 11.0]
45.0
0.08
10.0
515D106M100AA6AE3
0.248 x 0.433 [6.3 x 11.0]
75.0
0.08
22.0
515D226M100BB6AE3
0.315 x 0.453 [8.0 x 11.5]
130.0
0.08
33.0
515D336M100CC6AE3
0.394 x 0.492 [10.0 x 12.5]
170.0
0.08
47.0
515D476M100CD6AE3
0.394 x 0.630 [10.0 x 16.0]
230.0
0.08
100.0
515D107M100DG6AE3
0.492 x 0.787 [12.5 x 20.0]
400.0
0.08
220.0
515D227M100EK6AE3
0.630 x 0.984 [16.0 x 25.0]
710.0
0.08
330.0
515D337M100EK6AE3
0.630 x 0.984 [16.0 x 25.0]
860.0
0.08
470.0
515D477M100EN6AE3
0.630 x 1.240 [16.0 x 31.5]
1100.0
0.08
1000.0
515D108M100FV6AE3
0.709 x 1.575 [18.0 x 40.0]
1690.0
0.08
160 WVDC AT + 85 °C, SURGE = 200 V
0.47
515D474M160AA6AE3
0.248 x 0.433 [6.3 x 11.0]
12.0
0.20
1.0
515D105M160AA6AE3
0.248 x 0.433 [6.3 x 11.0]
17.0
0.20
2.2
515D225M160AA6AE3
0.248 x 0.433 [6.3 x 11.0]
26.0
0.20
3.3
515D335M160BB6AE3
0.315 x 0.453 [8.0 x 11.5]
35.0
0.20
4.7
515D475M160BB6AE3
0.315 x 0.453 [8.0 x 11.5]
40.0
0.20
10.0
515D106M160CC6AE3
0.394 x 0.492 [10.0 x 12.5]
65.0
0.20
22.0
515D226M160CG6AE3
0.394 x 0.787 [10.0 x 20.0]
110.0
0.20
33.0
515D336M160DG6AE3
0.492 x 0.787 [12.5 x 20.0]
150.0
0.20
47.0
515D476M160DK6AE3
0.492 x 0.984 [12.5 x 25.0]
180.0
0.20
100.0
515D107M160EK6AE3
0.630 x 0.984 [16.0 x 25.0]
300.0
0.20
220.0
515D227M160FR6AE3
0.709 x 1.398 [18.0 x 35.5]
510.0
0.20
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(μF)
PART NUMBER
NOMINAL CASE SIZE
D x L
MAX. RIPPLE
AT + 85 °C
120 Hz (mA)
MAX. DF
AT + 20 °C
120 Hz


Similar Part No. - 515D337M025CC6AE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
515D337M025CC6AE3 VISHAY-515D337M025CC6AE3 Datasheet
111Kb / 8P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
01-Jan-2022
More results

Similar Description - 515D337M025CC6AE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
156PUM-SI VISHAY-156PUM-SI Datasheet
127Kb / 7P
   Aluminum Capacitors Aluminum Capacitors
Revision: 18-Aug-08
ECL VISHAY-ECL Datasheet
86Kb / 5P
   Aluminum Capacitors
Revision: 17-Jul-08
ECL VISHAY-ECL_12 Datasheet
90Kb / 5P
   Aluminum Capacitors
Revision: 18-Oct-12
ECV VISHAY-ECV Datasheet
87Kb / 5P
   Aluminum Capacitors
Revision: 13-Nov-08
ECA VISHAY-ECA_12 Datasheet
92Kb / 6P
   Aluminum Capacitors
Revision: 18-Oct-12
ECV VISHAY-ECV_12 Datasheet
90Kb / 5P
   Aluminum Capacitors
Revision: 18-Oct-12
ECA VISHAY-ECA Datasheet
90Kb / 6P
   Aluminum Capacitors
Revision: 05-Jun-08
ECB VISHAY-ECB Datasheet
86Kb / 5P
   Aluminum Capacitors
Revision: 05-Jun-08
logo
Nichicon corporation
UAS2D330MHD NICHICON-UAS2D330MHD Datasheet
65Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
UBX1A330MHL NICHICON-UBX1A330MHL Datasheet
79Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com