Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

564R20GAS10 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 564R20GAS10
Description  Lower Voltage Ceramic Singlelayer DC Disc Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

564R20GAS10 Datasheet(HTML) 4 Page - Vishay Siliconix

  564R20GAS10 Datasheet HTML 1Page - Vishay Siliconix 564R20GAS10 Datasheet HTML 2Page - Vishay Siliconix 564R20GAS10 Datasheet HTML 3Page - Vishay Siliconix 564R20GAS10 Datasheet HTML 4Page - Vishay Siliconix 564R20GAS10 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
564R and 565R Series
www.vishay.com
Vishay Cera-Mite
Revision: 24-Apr-13
4
Document Number: 23118
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TAPE AND REEL OPTIONS
Part number codes and specifications for tape and reel packaging are found in the general information document - find web-link
below.
ORDERING INFORMATION, CERAMIC 6 kVDC
C
(pF)
TOL.
(%)
Dmax.
DIAMETER
INCH (mm)
Tmax.
THICKNESS
INCH (mm)
LS
LEAD SPACE
INCH (mm)
WIRE SIZE
ORDERING
CODE
AWG
INCH (mm)
C0G (NP0)
10
± 20
0.400 (10.2)
0.220 (5.6)
0.375 (9.5)
20
0.032 (0.81)
564R60GAQ10
U2J (N750)
22
± 20
0.460 (11.7)
0.240 (6.1)
0.375 (9.5)
20
0.032 (0.81)
564R60GAQ22
R3L (N2200)
33
± 20
0.400 (10.2)
0.230 (5.8)
0.375 (9.5)
20
0.032 (0.81)
564R60GAQ33
47
0.460 (11.7)
0.205 (5.2)
564R60GAQ47
X5F
100
± 20
0.400 (10.2)
0.240 (6.1)
0.375 (9.5)
20
0.032 (0.81)
564R60GAT10
220
0.265 (6.7)
564R60GAT22
X5S
330
± 20
0.400 (10.2)
0.260 (6.6)
0.375 (9.5)
20
0.032 (0.81)
564R60GAT33
Y5U
470
± 20
0.400 (10.2)
0.265 (6.7)
0.375 (9.5)
20
0.032 (0.81)
564R60GAT47
560
0.240 (6.1)
564R60GAT56
Z5U
1000
± 20
0.400 (10.2)
0.270 (6.9)
0.375 (9.5)
20
0.032 (0.81)
564R60GAD10
1500
0.460 (11.7)
0.280 (7.1)
564R60GAD15
2200
0.530 (13.5)
0.240 (6.1)
564R60GAD22
3300
0.620 (15.7)
0.260 (6.6)
564R60GAD33
4700
0.790 (20.0)
564R60GAD47
0.010 μF
0.950 (24.1)
0.250 (6.4)
564R60GAS10
ORDERING INFORMATION, CERAMIC 7.5 kVDC
C
(pF)
TOL.
(%)
Dmax.
DIAMETER
INCH (mm)
Tmax.
THICKNESS
INCH (mm)
LS
LEAD SPACE
INCH (mm)
WIRE SIZE
ORDERING
CODE
AWG
INCH (mm)
X5F
100
± 20
0.530 (13.5)
0.310 (7.9)
0.500 (12.7)
20
0.032 (0.81)
564R75GAT10
470
0.620 (15.7)
0.270 (6.9)
564R75GAT47
Y5U
1000
+ 80/- 20
0.620 (15.7)
0.320 (8.1)
0.500 (12.7)
20
0.032 (0.81)
564R75GAD10
Z5U
2500
+ 80/- 20
0.620 (15.7)
0.280 (7.1)
0.500 (12.7)
20
0.032 (0.81)
564R75GAD25
RELATED DOCUMENTS
General Information
www.vishay.com/doc?23140


Similar Part No. - 564R20GAS10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
564R20GAS50 VISHAY-564R20GAS50 Datasheet
94Kb / 5P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
Revision: 06-Jul-16
564R20GAS50 VISHAY-564R20GAS50 Datasheet
117Kb / 8P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
01-Jan-2022
564R20GASS10 VISHAY-564R20GASS10 Datasheet
94Kb / 5P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
Revision: 06-Jul-16
564R20GASS10 VISHAY-564R20GASS10 Datasheet
117Kb / 8P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
01-Jan-2022
More results

Similar Description - 564R20GAS10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HSZ271MAQBRBKR VISHAY-HSZ271MAQBRBKR Datasheet
83Kb / 4P
   Ceramic Singlelayer DC Disc Capacitors
Revision: 08-Oct-13
564R VISHAY-564R Datasheet
94Kb / 5P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
Revision: 06-Jul-16
564R VISHAY-564R_V01 Datasheet
117Kb / 8P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
01-Jan-2022
561R1DF0T47 VISHAY-561R1DF0T47 Datasheet
74Kb / 3P
   Lower Voltage Ceramic DC Disc Capacitors
Revision: 15-Feb-13
561R1DF0D10 VISHAY-561R1DF0D10 Datasheet
106Kb / 7P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 1 kVDC to 3 kVDC Low Dissipation Factor
01-Jan-2022
HVCCSERIES VISHAY-HVCCSERIES Datasheet
202Kb / 11P
   High Voltage Ceramic Capacitors Radial-Leaded Singlelayer Disc
01-Jan-2022
HVCC VISHAY-HVCC Datasheet
190Kb / 10P
   High Voltage Ceramic Capacitors Radial-Leaded Singlelayer Disc
HBE472MBBCF0KR VISHAY-HBE472MBBCF0KR Datasheet
84Kb / 4P
   Ceramic Singlelayer DC Disc Capacitors, 2 kVDC General Purpose
Revision: 12-Sep-13
HY935 VISHAY-HY935 Datasheet
152Kb / 3P
   Lower Voltage Disc Capacitors
Revision 14-May-02
562R VISHAY-562R Datasheet
96Kb / 5P
   Lower Voltage Ceramic DC Disc Capacitors 1000 VDC General Purpose
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com