Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

515D688M010EN6AE3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 515D688M010EN6AE3
Description  Aluminum Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

515D688M010EN6AE3 Datasheet(HTML) 1 Page - Vishay Siliconix

  515D688M010EN6AE3 Datasheet HTML 1Page - Vishay Siliconix 515D688M010EN6AE3 Datasheet HTML 2Page - Vishay Siliconix 515D688M010EN6AE3 Datasheet HTML 3Page - Vishay Siliconix 515D688M010EN6AE3 Datasheet HTML 4Page - Vishay Siliconix 515D688M010EN6AE3 Datasheet HTML 5Page - Vishay Siliconix 515D688M010EN6AE3 Datasheet HTML 6Page - Vishay Siliconix 515D688M010EN6AE3 Datasheet HTML 7Page - Vishay Siliconix 515D688M010EN6AE3 Datasheet HTML 8Page - Vishay Siliconix 515D688M010EN6AE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
515D
www.vishay.com
Vishay Sprague
Revision: 12-Jun-13
1
Document Number: 42052
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Aluminum Capacitors
+ 85 °C, Miniature, Radial Lead
FEATURES
• High CV per case size
•Low cost
• Low profile ratings
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case size
Ø D x L in mm
0.157" x 0.276" [4.0 x 7.0]
to 0.709" x 1.575" [18.0 x 40.0]
Operating temperature
- 40 °C to + 85 °C
- 25 °C to + 85 °C for 315 WVDC
to 450 WVDC units
Rated capacitance range, CR
0.1 μF to 18 000 μF
Tolerance on CR
± 20 %
Rated voltage range, UR
6.3 WVDC to 450 WVDC
Termination
2 radial leads
Life validation test at 85 °C
2000 h:
CAP ± 20 % from initial
measurement.
DF 2 x initial specified limit.
DCL  initial specified limit.
Shelf life at 85 °C
1000 h:
CAP ± 20 % from initial
measurement.
DF 2 x initial specified limit.
DCL  initial specified limit.
DC leakage current
Rated voltage for 1 and 2 min for
6.3 WVDC to 100 WVDC units:
I < 0.03 CV or 4 μA
(whichever is greater).
I < 0.04 CV or 3 μA
(whichever is greater).
Rated voltage for 1 min for
160 WVDC to 450 WVDC units:
I < 0.1 CV + 40 μA and
CV
 1000; I < 0.04 CV + 100 μA
and CV > 1000
RIPPLE CURRENT MULTIPLIERS
TEMPERATURE
AMBIENT TEMPERATURE
MULTIPLIERS
 + 70 °C
1.27
+ 85 °C
1.0
FREQUENCY (Hz)
WVDC
CAP.
(μF)
50 TO
60
100 TO
120
300 TO
400
1 kHz
 10 kHz
6.3 to 100
0 to 47
0.75
1
1.35
1.57
2.00
100 to 470
0.80
1
1.23
1.34
1.50
1000 to 18 000
0.85
1
1.10
1.13
1.15
160 to 450
0.47 to 220
0.80
1
1.25
1.40
1.60
LOW TEMPERATURE PERFORMANCE
MAXIMUM IMPEDANCE RATIO Z(T)/Z(+ 20 °C)
MAXIMUM AT 120 Hz
RATED VOLTAGE
(WVDC)
Z - 25 °C/Z + 20 °C
Z - 40 °C/Z + 20 °C
6.3
4.0
10.0
10.0
3.0
8.0
16.0
2.0
6.0
25.0
2.0
4.0
35.0 to 100.0
2.0
3.0
160.0 to 200.0
3.0
4.0
250.0
3.0
6.0
315.0 to 400.0
6.0
-
450.0
15.0
-
DIMENSIONS in inches [millimeters]
CASE
CODE
NOMINAL CASE SIZE
D x L
LEAD SPACING
S
NOMINAL LEAD DIAMETER
D
TYPICAL WEIGHT
(g)
HW
0.157 x 0.276 [4.0 x 7.0]
0.059 [1.5]
0.018 [0.45]
0.20
JW
0.197 x 0.276 [5.0 x 7.0]
0.079 [2.0]
0.018 [0.45]
0.30
AW
0.248 x 0.276 [6.3 x 7.0]
0.098 [2.5]
0.018 [0.45]
0.40
JA
0.197 x 0.433 [5.0 x 11.0]
0.079 [2.0]
0.020 [0.50]
0.44
AA
0.248 x 0.433 [6.3 x 11.0]
0.098 [2.5]
0.020 [0.50]
0.60
BB
0.315 x 0.453 [8.0 x 11.5]
0.138 [3.5]
0.024 [0.60]
0.95


Similar Part No. - 515D688M010EN6AE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
515D688M010EN6AE3 VISHAY-515D688M010EN6AE3 Datasheet
111Kb / 8P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
01-Jan-2022
More results

Similar Description - 515D688M010EN6AE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
156PUM-SI VISHAY-156PUM-SI Datasheet
127Kb / 7P
   Aluminum Capacitors Aluminum Capacitors
Revision: 18-Aug-08
ECL VISHAY-ECL Datasheet
86Kb / 5P
   Aluminum Capacitors
Revision: 17-Jul-08
ECL VISHAY-ECL_12 Datasheet
90Kb / 5P
   Aluminum Capacitors
Revision: 18-Oct-12
ECV VISHAY-ECV Datasheet
87Kb / 5P
   Aluminum Capacitors
Revision: 13-Nov-08
ECA VISHAY-ECA_12 Datasheet
92Kb / 6P
   Aluminum Capacitors
Revision: 18-Oct-12
ECV VISHAY-ECV_12 Datasheet
90Kb / 5P
   Aluminum Capacitors
Revision: 18-Oct-12
ECA VISHAY-ECA Datasheet
90Kb / 6P
   Aluminum Capacitors
Revision: 05-Jun-08
ECB VISHAY-ECB Datasheet
86Kb / 5P
   Aluminum Capacitors
Revision: 05-Jun-08
logo
Nichicon corporation
UAS2D330MHD NICHICON-UAS2D330MHD Datasheet
65Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
UBX1A330MHL NICHICON-UBX1A330MHL Datasheet
79Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com