Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

593D106X0010A8W Datasheet(PDF) 10 Page - Vishay Siliconix

Part # 593D106X0010A8W
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

593D106X0010A8W Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button 593D106X0010A8W Datasheet HTML 6Page - Vishay Siliconix 593D106X0010A8W Datasheet HTML 7Page - Vishay Siliconix 593D106X0010A8W Datasheet HTML 8Page - Vishay Siliconix 593D106X0010A8W Datasheet HTML 9Page - Vishay Siliconix 593D106X0010A8W Datasheet HTML 10Page - Vishay Siliconix 593D106X0010A8W Datasheet HTML 11Page - Vishay Siliconix 593D106X0010A8W Datasheet HTML 12Page - Vishay Siliconix 593D106X0010A8W Datasheet HTML 13Page - Vishay Siliconix 593D106X0010A8W Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Typical Performance Characteristics
www.vishay.com
Vishay Sprague
Revision: 27-Feb-13
21
Document Number: 40088
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Typical Performance Characteristics Tantalum Capacitors
Notes
• All information presented in this document reflects typical performance characteristics
(1) Capacitance values 15 μF and higher
CAPACITOR ELECTRICAL PERFORMANCE CHARACTERISTICS
ITEM
PERFORMANCE CHARACTERISTICS
Category temperature range
- 55 °C to + 85 °C (to + 125 °C with voltage derating)
Capacitance tolerance
± 20 %, ± 10 % (at 120 Hz) 2 VRMS (max.) at + 25 °C using a capacitance bridge
Dissipation factor
Limit per Standard Ratings table. Tested via bridge method, at 25 °C, 120 Hz
ESR
Limit per Standard Ratings table. Tested via bridge method, at 25 °C, 100 kHz
Leakage current
After application of rated voltage applied to capacitors for 5 min using a steady source of power with
1 k
 resistor in series with the capacitor under test, leakage current at 25 °C is not more than 0.01 CV or
0.5 μA, whichever is greater. Note that the leakage current varies with temperature and applied voltage.
See graph below for the appropriate adjustment factor.
Capacitance change by
temperature
+ 12 % max. (at + 125 °C)
+ 10 % max. (at + 85 °C)
- 10 % max. (at - 55 °C)
For capacitance value > 300 μF
+ 20 % max. (at + 125 °C)
+ 15 % max. (at + 85 °C)
- 15 % max. (at - 55 °C)
Reverse voltage
Capacitors are capable of withstanding peak voltages in the reverse direction equal to:
10 % of the DC rating at + 25 °C
5 % of the DC rating at + 85 °C
Vishay does not recommend intentional or repetitive application of reverse voltage
Temperature derating
If capacitors are to be used at temperatures above + 25 °C, the permissible RMS ripple current or voltage
shall be calculated using the derating factors:
1.0 at + 25 °C
0.9 at + 85 °C
0.4 at + 125 °C
Operating temperature
+ 85 °C
+ 125 °C
RATED VOLTAGE
(V)
SURGE VOLTAGE
(V)
RATED VOLTAGE
(V)
SURGE VOLTAGE
(V)
4
5.2
2.7
3.4
6.3
8
4
5
10
13
7
8
16
20
10
12
20
26
13
16
25
32
17
20
35
46
23
28
50
65
33
40
50 (1)
60
33
40
63
76
42
50


Similar Part No. - 593D106X0010A8W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D106X0010A VISHAY-593D106X0010A Datasheet
477Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
More results

Similar Description - 593D106X0010A8W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D1061004A23 VISHAY-595D1061004A23 Datasheet
330Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 20-Jan-14
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0016R2T VISHAY-595D227X0016R2T Datasheet
338Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D107X9025R2T VISHAY-595D107X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0010R2T VISHAY-595D227X0010R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D VISHAY-595D_17 Datasheet
334Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated, Maximum CV
Revision: 21-Jun-17
595D476X9025R2T VISHAY-595D476X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D VISHAY-595D_08 Datasheet
120Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV
Revision: 18-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com