Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5265B Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 1N5265B
Description  Small Signal Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N5265B Datasheet(HTML) 3 Page - Vishay Siliconix

  1N5265B Datasheet HTML 1Page - Vishay Siliconix 1N5265B Datasheet HTML 2Page - Vishay Siliconix 1N5265B Datasheet HTML 3Page - Vishay Siliconix 1N5265B Datasheet HTML 4Page - Vishay Siliconix 1N5265B Datasheet HTML 5Page - Vishay Siliconix 1N5265B Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1N5221B to 1N5267B
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 06-May-13
3
Document Number: 85588
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Thermal Resistance vs. Lead Length
Fig. 2 - Typical Change of Working Voltage under Operating
Conditions at Tamb= 25 °C
Fig. 3 - Typical Change of Working Voltage vs.
Junction Temperature
Fig. 4 - Total Power Dissipation vs. Ambient Temperature
Fig. 5 - Temperature Coefficient of VZ vs. Z-Voltage
Fig. 6 - Diode Capacitance vs. Z-Voltage
95 9611
0
5
10
15
0
100
200
300
400
500
20
ll
I - Lead Length (mm)
T
L = constant
10
15
20
1
10
100
1000
VZ - Z-Voltage (V)
25
95 9598
T
j = 25 °C
I
Z = 5 mA
0
5
- 60
60
120
180
0.8
0.9
1.0
1.1
1.2
1.3
Tj - Junction Temperature (°C)
240
95 9599
0
V
Ztn = VZt/VZ (25 °C)
0
TKVZ = 10 x 10
-4/K
8 x 10-4/K
2 x 10-4/K
6 x 10-4/K
4 x 10-4/K
- 4 x 10-4/K
- 2 x 10-4/K
0
120
160
0
100
300
400
500
600
T
amb - Ambient Temperature (°C)
200
95 9602
200
80
40
- 5
0
5
10
15
VZ - Z-Voltage (V)
95 9600
I
Z = 5 mA
0
10
203040
50
10
15
0
50
100
150
200
VZ - Z-Voltage (V)
25
95 9601
20
T
j = 25 °C
V
R = 2 V
0
5


Similar Part No. - 1N5265B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
1N5265B TAYCHIPST-1N5265B Datasheet
4Mb / 2P
   EPITAXIAL ZENER DIODE
logo
Vishay Siliconix
1N5265B VISHAY-1N5265B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Central Semiconductor C...
1N5265B CENTRAL-1N5265B Datasheet
657Kb / 4P
   Zener Diode Die
logo
First Components Intern...
1N5265B FCI-1N5265B Datasheet
159Kb / 3P
   1/2 Watt ZENER DIODES
logo
Shenzhen Ping Sheng Ele...
1N5265B PFS-1N5265B Datasheet
157Kb / 2P
   Zener diode
More results

Similar Description - 1N5265B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com