Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5262B Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 1N5262B
Description  Small Signal Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N5262B Datasheet(HTML) 1 Page - Vishay Siliconix

  1N5262B Datasheet HTML 1Page - Vishay Siliconix 1N5262B Datasheet HTML 2Page - Vishay Siliconix 1N5262B Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N5221B to 1N5267B
Vishay Semiconductors
1
94 9367
Small Signal Zener Diodes
Features
• Silicon Planar Power Zener Diodes
• Standard Zener voltage tolerance is ± 5 %
• These diodes are also available in Mini-
MELF case with the type designation
TZM5221 ... TZM5267, SOT23 case with the type
designations MMBZ5225 ... MMBZ5267 and
SOD123
case
with
the
types
designations
MMSZ5225 ... MMSZ5267
• Lead (Pb)-free component
• Component in accordance to RoHS
2002/95/EC and WEEE 2002/96/EC
Applications
• Voltage stabilization
Mechanical Data
Case: DO35 Glass case
Weight: approx. 125 mg
Cathode Band Color: black
Packaging codes/options:
TAP/10 k per Ammopack (52 mm tape), 30 k/box
TR/10 k per 13" reel, 30 k/box
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Power dissipation
TL ≤ 25 °C
Ptot
500
mW
Z-current
IZ
Ptot/VZ
mA
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air l = 4 mm, TL = constant
RthJA
300
K/W
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
- 65 to + 175
°C
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 200 mA
VF
1.1
V
e2


Similar Part No. - 1N5262B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N5262B VISHAY-1N5262B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Central Semiconductor C...
1N5262B CENTRAL-1N5262B Datasheet
348Kb / 2P
   SILICON ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
logo
First Components Intern...
1N5262B FCI-1N5262B Datasheet
159Kb / 3P
   1/2 Watt ZENER DIODES
logo
Fairchild Semiconductor
1N5262B FAIRCHILD-1N5262B Datasheet
135Kb / 6P
   Zener Diodes
logo
SynSemi, Inc.
1N5262B SYNSEMI-1N5262B Datasheet
30Kb / 2P
   ZENER DIODES
More results

Similar Description - 1N5262B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com