Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

173D336(1)004W(2)(3) Datasheet(PDF) 9 Page - Vishay Siliconix

Part # 173D336(1)004W(2)(3)
Description  Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded Case
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

173D336(1)004W(2)(3) Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button 173D336(1)004W(2)(3) Datasheet HTML 2Page - Vishay Siliconix 173D336(1)004W(2)(3) Datasheet HTML 3Page - Vishay Siliconix 173D336(1)004W(2)(3) Datasheet HTML 4Page - Vishay Siliconix 173D336(1)004W(2)(3) Datasheet HTML 5Page - Vishay Siliconix 173D336(1)004W(2)(3) Datasheet HTML 6Page - Vishay Siliconix 173D336(1)004W(2)(3) Datasheet HTML 7Page - Vishay Siliconix 173D336(1)004W(2)(3) Datasheet HTML 8Page - Vishay Siliconix 173D336(1)004W(2)(3) Datasheet HTML 9Page - Vishay Siliconix 173D336(1)004W(2)(3) Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
173D
www.vishay.com
Vishay Sprague
Revision: 05-Apr-12
9
Document Number: 40019
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD REEL PACKAGING INFORMATION
1. Component Leads
a. Component leads shall not be bent beyond 0.047"
[1.19 mm] maximum from their nominal position when
measured from the leading edge of the component lead
at the inside tape edge and at the lead egress from the
component.
b. The “C” dimension shall be governed by the overall
length of the reel packaged component. The distance
between flanges shall be 0.125" to 0.250" [3.18 mm to
6.35 mm] greater than the overall component length.
2. Orientation
All polarized components must be oriented to one direction.
The cathode lead tape shall be a color and the anode lead
tape shall be white.
3. Reeling
a. Components on any reel shall not represent more than
two date codes when date code identification is required.
b. Component leads shall be positioned between pairs of
0.250" [6.35 mm] tape.
c. The
disposable
reels
have
hubs
and
corrugated
fibreboard flanges and core.
d. A minimum of 12" [304.8 mm] leader of tape shall be
provided before the first and after the last component on
the reel.
e. 50 lb to 60 lb. Kraft paper must be wound between layers
of components as far as necessary for component
protection. Width of paper to be 0.062" to 0.250"
[1.57 mm to 6.35 mm] less than the “C” dimension
of the reel.
f. Row components must be centered between tapes
± 0.047" [1.19 mm]. In addition, individual components
may deviate from center of component row ± 0.031"
[0.79 mm].
g. Staples shall not be used for splicing. Not more than
4 layers of tape shall be used in any splice area and no
tape shall be offset from another by more than 0.031"
[0.79 mm] non-cumulative. Tape splices shall overlap
at least 6.0" [152.4 mm] for butt joints and at least
3" [76.2 mm] for lap joints and shall not be weaker than
unspliced tape. Universal splicing clips may also be used.
h. Quantity per reel shall be controlled so that tape
components and cover shall not extend beyond the
smallest dimension of the flange (either across flats or
diameter). Once the quantity per reel for each part
number has been established, future orders for that part
number shall be packaged in that quantity. When order
release quantity is less than the established quantity, a
standard commercial pack is to be used.
i. A maximum of 0.25 % of the components per reel
quantity may be missing without consecutive missing
components.
j. Adequate protection must be provided to prevent
physical damage to both reel and components during
shipment and storage
PRODUCT INFORMATION
Mounting of Through Hole Components
www.vishay.com/doc?40108
SELECTOR GUIDES
Quick Reference Guide
www.vishay.com/doc?40037
Selector Guide
www.vishay.com/doc?49054
Parameter Comparison Guide
www.vishay.com/doc?40033
FAQ
Frequently Asked Questions
www.vishay.com/doc?40110


Similar Part No. - 173D336(1)004W(2)(3)

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
173D3361002V23 VISHAY-173D3361002V23 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
173D3361004W23 VISHAY-173D3361004W23 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
173D3361006W23 VISHAY-173D3361006W23 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
173D3361010X23 VISHAY-173D3361010X23 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
173D3361015X23 VISHAY-173D3361015X23 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
More results

Similar Description - 173D336(1)004W(2)(3)

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
173D VISHAY-173D Datasheet
81Kb / 6P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case
Revision 13-Jun-02
173D104X9035UWE3 VISHAY-173D104X9035UWE3 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
199D686X9025F6V1 VISHAY-199D686X9025F6V1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors
Revision: 29-Nov-12
M39003 VISHAY-M39003 Datasheet
86Kb / 6P
   Solid-Electrolyte TANTALEX??Capacitors
152D VISHAY-152D Datasheet
153Kb / 11P
   Solid-Electrolyte TANTALEX??Capacitors
150D VISHAY-150D Datasheet
72Kb / 9P
   Solid-Electrolyte TANTALEX Capacitors Hermetically-Sealed, Axial-Lead
Revision: 16-Jan-08
logo
Cornell Dubilier Electr...
TAC335K006P01 CDE-TAC335K006P01 Datasheet
196Kb / 4P
   Molded, Axial Leaded Solid Tantalum Capacitors
logo
Vishay Siliconix
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D225X9050C1V1E3 VISHAY-199D225X9050C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D226X0016DA1 VISHAY-199D226X0016DA1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com