Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

135D706X0015F2 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 135D706X0015F2
Description  Wet Tantalum Capacitors Tantalum-Case
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

135D706X0015F2 Datasheet(HTML) 1 Page - Vishay Siliconix

  135D706X0015F2 Datasheet HTML 1Page - Vishay Siliconix 135D706X0015F2 Datasheet HTML 2Page - Vishay Siliconix 135D706X0015F2 Datasheet HTML 3Page - Vishay Siliconix 135D706X0015F2 Datasheet HTML 4Page - Vishay Siliconix 135D706X0015F2 Datasheet HTML 5Page - Vishay Siliconix 135D706X0015F2 Datasheet HTML 6Page - Vishay Siliconix 135D706X0015F2 Datasheet HTML 7Page - Vishay Siliconix 135D706X0015F2 Datasheet HTML 8Page - Vishay Siliconix 135D706X0015F2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
135D
www.vishay.com
Vishay
Revision: 09-Apr-13
1
Document Number: 40024
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
Hermetic Seal for - 55 °C to + 200 °C Operation
FEATURES
• Axial
through-hole
terminations:
Standard
tin/lead (SnPb), 100 % tin (RoHS compliant)
available
• Standard and extended ratings
• Model
135D
tantalum-case
electrolytic
capacitors incorporate the advantages of all
the varieties of electrolytic capacitors and eliminate most
of the disadvantages. These units have a
3 V reverse
voltage capability at + 85 °C and a higher ripple current
capability than any other electrolytic type with similar
combinations of capacitance and case size.
• Designed for the aerospace applications, this capacitor
was developed under partial sponsorship of the Marshall
Space Flight Center, National Aeronautics and Space
Administration. The capacitors have a high resistance to
damage from shock and vibration. Extended range ratings
and high temperature designs are available.
• Model 135D capacitors are commercial equivalents of
Tansitor Style; AQ, AR, HAQ, HAR, Mallory-NACC Style;
TLT, TXT, THT, THX and Military Style CLR79 and CLR81,
designed to meet the performance requirements of
Military Specification MIL-PRF-39006/22/25. Capacitors
to meet MIL-PRF- 39006/22/25 should be ordered by part
numbers shown in that specification.
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and/or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information/tables in this datasheet for details.
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 °C to + 85 °C
(to + 200 °C with voltage derating)
Capacitance Tolerance: At 120 Hz, + 25 °C
± 20 % standard. ± 10 %, ± 5 % available as special.
DC Leakage Current (DCL Max.): At + 25 °C and above:
Leakage current shall not exceed the values listed in the
Standard Ratings table.
Life Test: Capacitors are capable of withstanding a 2000 h
life test at a temperature of + 85 °C or + 125 °C at the
applicable rated DC working voltage.
Following life test:
1. DCL, measured at + 85 °C rated voltage, shall not be in
excess of the original requirement.
2. The equivalent series resistance shall not exceed 150 %
of the initial requirement.
3. Change in capacitance shall not exceed 10 % from the
initial measurement.
Note
• Packaging: The use of formed plastic trays for packaging these axial lead components is standard. Tape and reel is not available due to the
unit weight.
Available
ORDERING INFORMATION
135D
306
X0
006
C
2
E3
MODEL
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
AT + 85 °C
CASE
CODE
STYLE NUMBER
RoHS
COMPLIANT
This is expressed
in picofarads. The
first two digits are
the significant
figures. The third
is the number of
zeros to follow.
X0 = ± 20 %
X9 = ± 10 %
X5 = ± 5 %
This is expressed in
volts. To complete the
three-digit block,
zeros precede the
voltage rating.
See
Ratings
and
Case
Codes
table
Standard temperature
(max. + 125 °C)
0 = No insulating sleeve
2 = Polyester insulationsleeve
3 = High temperature
film insulation
High temperature
(max. + 200 °C)
6 = High temperature
film insulation
8 = No insulating sleeve
E3 = 100 % tin
termination
(RoHS compliant
design)
Blank = SnPb
termination
(standard design)


Similar Part No. - 135D706X0015F2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D706X0015F2 VISHAY-135D706X0015F2 Datasheet
78Kb / 5P
   Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
Revision 15-Jan-01
135D706X0015F2 VISHAY-135D706X0015F2 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
135D706X0015F2 VISHAY-135D706X0015F2 Datasheet
100Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
Revision: 10-Oct-08
135D706X0015F2 VISHAY-135D706X0015F2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
More results

Similar Description - 135D706X0015F2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
DLA19001 VISHAY-DLA19001 Datasheet
129Kb / 7P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case
T16 VISHAY-T16 Datasheet
96Kb / 5P
   Wet Tantalum Capacitors, Extended Capacitance, Tantalum Case
134D687X9050K6 VISHAY-134D687X9050K6 Datasheet
94Kb / 4P
   Wet Tantalum HI-TMP Capacitors Tantalum Case
Revision: 21-Mar-13
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
DLA15005 VISHAY-DLA15005 Datasheet
108Kb / 4P
   Wet Tantalum Capacitors, Ultra-High Capacitance, Tantalum Case
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
M34 VISHAY-M34 Datasheet
75Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 11-Aug-09
M34C476K060BZSS VISHAY-M34C476K060BZSS Datasheet
91Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 28-Jul-11
M34C107K030BZSS VISHAY-M34C107K030BZSS Datasheet
91Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 28-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com