Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

173D106(1)004V(2)(3) Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 173D106(1)004V(2)(3)
Description  Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded Case
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

173D106(1)004V(2)(3) Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button 173D106(1)004V(2)(3) Datasheet HTML 2Page - Vishay Siliconix 173D106(1)004V(2)(3) Datasheet HTML 3Page - Vishay Siliconix 173D106(1)004V(2)(3) Datasheet HTML 4Page - Vishay Siliconix 173D106(1)004V(2)(3) Datasheet HTML 5Page - Vishay Siliconix 173D106(1)004V(2)(3) Datasheet HTML 6Page - Vishay Siliconix 173D106(1)004V(2)(3) Datasheet HTML 7Page - Vishay Siliconix 173D106(1)004V(2)(3) Datasheet HTML 8Page - Vishay Siliconix 173D106(1)004V(2)(3) Datasheet HTML 9Page - Vishay Siliconix 173D106(1)004V(2)(3) Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
173D
www.vishay.com
Vishay Sprague
Revision: 05-Apr-12
8
Document Number: 40019
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
50 VDC AT + 85 °C, SURGE = 65 V; 33 VDC AT + 125 °C, SURGE = 40 V
0.47
V
173D474(1)050V(2)(3)
0.5
3
0.56
V
173D564(1)050V(2)(3)
0.5
3
0.68
V
173D684(1)050V(2)(3)
0.5
3
0.82
V
173D824(1)050V(2)(3)
0.5
3
1.0
V
173D105(1)050V(2)(3)
0.5
3
1.2
W
173D125(1)050W(2)(3)
0.5
3
1.5
W
173D155(1)050W(2)(3)
0.6
3
1.8
W
173D185(1)050W(2)(3)
0.7
4
2.2
W
173D225(1)050W(2)(3)
0.9
4
2.7
X
173D275(1)050X(2)(3)
1.1
4
3.3
X
173D335(1)050X(2)(3)
1.3
4
3.9
X
173D395(1)050X(2)(3)
1.6
4
4.7
X
173D475(1)050X(2)(3)
1.9
4
5.6
Y
173D565(1)050Y(2)(3)
2.2
4
6.8
Y
173D685(1)050Y(2)(3)
2.7
4
8.2
Y
173D825(1)050Y(2)(3)
3.2
4
10
Y
173D106(1)050Y(2)(3)
4.0
6
12
Y
173D126(1)050Y(2)(3)
5.0
6
15
Y
173D156(1)050Y(2)(3)
6.0
6
18
Y
173D186(1)050Y(2)(3)
6.0
6
22
Y
173D226(1)050Y(2)(3)
11.0
6
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(μA)
MAX. DF
AT + 25 °C
120 Hz (%)
Note
• Part number definition:
(1) For 10 % tolerance specify “X9”; for 20 % specify “X0”; for 5 % specify “X5” (special order)
(2) Packaging code: for reel 13" specify W, leave blank for ammo pack
(3) Termination: for 100 % tin specify E3, for SnPb leave blank
TAPE AND REEL PACKAGING in inches [millimeters]
CASE CODE
UNITS PER REEL
COMPONENT SPACING
TAPE SPACING
UNITS PER AMMOPACK
AB
U
4500
0.200 ± 0.015
[5.08 ± 3.81]
2.062 ± 0.062
[52.37 ± 1.57]
1000
V
4000
W, X
2500
500
Y
500
0.400 ± 0.015
“A”
“A”
0.750 [19.05]
C
(1.b)
SECTION “A” - ”A”
0.250 [6.35] (3.b)
Component overall
length (1.b)
A
0.031 [0.79] (3.f)
(Both sides) (3.f)
(1.a)
0.047 [1.19] max.
off center (1.a)
0.125 [3.18] max.
B
Tape
spacing
Component
spacing (4.b)
13 [330.2] dia.
Standard reel
1.126 to 3.07
[28.6 to 78.0]
I. D. reel HUB
0.625 ± 0.062
[15.88 ± 1.57]
dia. thru hole
Label (4.a)
1.374 to 3.626
[34.9 to 92.1]


Similar Part No. - 173D106(1)004V(2)(3)

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
173D1061002U23 VISHAY-173D1061002U23 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
173D1061004V23 VISHAY-173D1061004V23 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
173D1061006V23 VISHAY-173D1061006V23 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
173D1061010V23 VISHAY-173D1061010V23 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
173D1061015W23 VISHAY-173D1061015W23 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
More results

Similar Description - 173D106(1)004V(2)(3)

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
173D VISHAY-173D Datasheet
81Kb / 6P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case
Revision 13-Jun-02
173D104X9035UWE3 VISHAY-173D104X9035UWE3 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
199D686X9025F6V1 VISHAY-199D686X9025F6V1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors
Revision: 29-Nov-12
M39003 VISHAY-M39003 Datasheet
86Kb / 6P
   Solid-Electrolyte TANTALEX??Capacitors
152D VISHAY-152D Datasheet
153Kb / 11P
   Solid-Electrolyte TANTALEX??Capacitors
150D VISHAY-150D Datasheet
72Kb / 9P
   Solid-Electrolyte TANTALEX Capacitors Hermetically-Sealed, Axial-Lead
Revision: 16-Jan-08
logo
Cornell Dubilier Electr...
TAC335K006P01 CDE-TAC335K006P01 Datasheet
196Kb / 4P
   Molded, Axial Leaded Solid Tantalum Capacitors
logo
Vishay Siliconix
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D225X9050C1V1E3 VISHAY-199D225X9050C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D226X0016DA1 VISHAY-199D226X0016DA1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com