Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

134D506(1)125F(2)(3) Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 134D506(1)125F(2)(3)
Description  Wet Tantalum HI-TMP Capacitors Tantalum Case
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

134D506(1)125F(2)(3) Datasheet(HTML) 3 Page - Vishay Siliconix

  134D506(1)125F(2)(3) Datasheet HTML 1Page - Vishay Siliconix 134D506(1)125F(2)(3) Datasheet HTML 2Page - Vishay Siliconix 134D506(1)125F(2)(3) Datasheet HTML 3Page - Vishay Siliconix 134D506(1)125F(2)(3) Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
134D
www.vishay.com
Vishay Sprague
Revision: 21-Mar-13
3
Document Number: 40072
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Part number definitions:
(1) Capacitance tolerance: X9 = 10 %, X0 = 20 %
(2) Style number: 8 = No film insulation, 6 = High temperature film isulation
(3) Termination: Blank = Standard tin/lead, E3 = RoHS compliant 100 % tin
EXTENDED RATINGS
CAPACITANCE
AT 25 °C
120 Hz
(μF)
CASE
CODE
MAX.
120 Hz
ESR
(
)
MAX.
DCL (μA)
MAX.
IMP, Z
AT - 25 °C
(
)
MAX.
CAP.
AT - 25 °C
(%)
TYP.
IMP., Z
AT - 55 °C
(
)
TYP.
CAP.
AT - 55 °C
(%)
TYP.
CAP. (%)
AC
RIPPLE
85 °C
40 kHz
(mA) RMS
PART NUMBER
25 °C
85 °C/
125 °C
85 °C 125 °C
50 VDC AT 85 °C; 30 VDC AT 125 °C; 30 VDC AT 200 °C
C
F
T
K
60 VDC AT 85 °C; 40 VDC AT 125 °C; 36 VDC AT 200 °C
C
F
T
1000
K
0.50
20
120
3
- 25
< 4.5
< - 55
< 12
< 15
3500
134D108(1)060K(2)(3)
75 VDC AT 85 °C; 50 VDC AT 125 °C; 45 VDC AT 200 °C
C
180
F
1.50
5
25
30
- 35
15
20
2000
134D187(1)075C(2)(3)
T
750
K
0.60
20
120
3
- 25
< 6.0
< - 60
< 10
< 15
3500
134D757(1)075K(2)(3)
100 VDC AT 85 °C; 65 VDC AT 125 °C; 60 VDC AT 200 °C
C
F
220
T
1.60
5
30
15
- 40
15
- 45
10
15
1800
134D227(1)100T(2)(3)
400
K
0.70
10
120
5
- 15
15
- 55
10
15
3250
134D407(1)100K(2)(3)
125 VDC AT 85 °C; 85 VDC AT 125 °C; 75 VDC AT 200 °C
C
F
T
K


Similar Part No. - 134D506(1)125F(2)(3)

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
134D VISHAY-134D Datasheet
95Kb / 3P
   Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
Revision: 25-Aug-08
logo
Willow Technologies Ltd
134D WILLOW-134D Datasheet
142Kb / 6P
   All welded construction
logo
Vishay Siliconix
134D227X0100C6 VISHAY-134D227X0100C6 Datasheet
95Kb / 3P
   Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
Revision: 25-Aug-08
134D227X0100C6E3 VISHAY-134D227X0100C6E3 Datasheet
95Kb / 3P
   Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
Revision: 25-Aug-08
134D227X0100C8 VISHAY-134D227X0100C8 Datasheet
95Kb / 3P
   Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
Revision: 25-Aug-08
More results

Similar Description - 134D506(1)125F(2)(3)

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
DLA19001 VISHAY-DLA19001 Datasheet
129Kb / 7P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case
T16 VISHAY-T16 Datasheet
96Kb / 5P
   Wet Tantalum Capacitors, Extended Capacitance, Tantalum Case
134D VISHAY-134D Datasheet
95Kb / 3P
   Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
Revision: 25-Aug-08
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
DLA15005 VISHAY-DLA15005 Datasheet
108Kb / 4P
   Wet Tantalum Capacitors, Ultra-High Capacitance, Tantalum Case
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
T34 VISHAY-T34 Datasheet
104Kb / 5P
   Wet Tantalum High Performance HI-TMP짰 Capacitors
M34 VISHAY-M34 Datasheet
75Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 11-Aug-09
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com