Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC1117S25T Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # RC1117S25T
Description  1A Adjustable/Fixed Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC1117S25T Datasheet(HTML) 1 Page - Fairchild Semiconductor

  RC1117S25T Datasheet HTML 1Page - Fairchild Semiconductor RC1117S25T Datasheet HTML 2Page - Fairchild Semiconductor RC1117S25T Datasheet HTML 3Page - Fairchild Semiconductor RC1117S25T Datasheet HTML 4Page - Fairchild Semiconductor RC1117S25T Datasheet HTML 5Page - Fairchild Semiconductor RC1117S25T Datasheet HTML 6Page - Fairchild Semiconductor RC1117S25T Datasheet HTML 7Page - Fairchild Semiconductor RC1117S25T Datasheet HTML 8Page - Fairchild Semiconductor RC1117S25T Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.fairchildsemi.com
REV. 1.3.2 10/16/03
Features
• Low dropout voltage
• Load regulation: 0.05% typical
• Trimmed current limit
• On-chip thermal limiting
• Standard SOT-223, TO-263, and TO-252 packages
• Three-terminal adjustable or fixed 2.5V, 2.85V, 3.3V, 5V
Applications
• Active SCSI terminators
• High efficiency linear regulators
• Post regulators for switching supplies
• Battery chargers
• 5V to 3.3V linear regulators
• Motherboard clock supplies
Description
The RC1117 and RC1117-2.5, -2.85, -3.3 and -5 are low
dropout three-terminal regulators with 1A output current
capability. These devices have been optimized for low voltage
where transient response and minimum input voltage are
critical. The 2.85V version is designed specifically to be
used in Active Terminators for SCSI bus.
Current limit is trimmed to ensure specified output current
and controlled short-circuit current. On-chip thermal limiting
provides protection against any combination of overload and
ambient temperatures that would create excessive junction
temperatures.
Unlike PNP type regulators where up to 10% of the output
current is wasted as quiescent current, the quiescent current
of the RC1117 flows into the load, increasing efficiency.
The RC1117 series regulators are available in the industry-
standard SOT-223, TO-263 (D2PAK), and TO-252 (DPAK)
power packages.
Typical Applications
VIN = 3.3V
VIN
VOUT
ADJ
1.5V at 1A
RC1117
10
µF22µF
R1
124
R2
24.9
VIN = 5V
VIN
VOUT
GND
2.85V at 1A
RC1117-2.85
10
µF
++
+
+
22
µF
VOUT = VREF(1 + R2/R1) + IAdj • R2
RC1117
1A Adjustable/Fixed Low Dropout Linear Regulator


Similar Part No. - RC1117S25T

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
RC111 CIT-RC111 Datasheet
178Kb / 2P
   CIT SWITCH
logo
List of Unclassifed Man...
RC1113 ETC2-RC1113 Datasheet
402Kb / 1P
   Nylon-Insulated Fork Terminals
More results

Similar Description - RC1117S25T

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1117A FAIRCHILD-FAN1117A Datasheet
49Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
L1117 ETC1-L1117 Datasheet
101Kb / 10P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Global Mixed-mode Techn...
G9117 GMT-G9117 Datasheet
59Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117_15 Datasheet
93Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117 Datasheet
293Kb / 9P
   1A Adjustable Low-Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com