Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

73844 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 73844
Description  Statshield Smocks Grounding, Testing and Maintenance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

73844 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  73844 Datasheet HTML 1Page - List of Unclassifed Manufacturers 73844 Datasheet HTML 2Page - List of Unclassifed Manufacturers 73844 Datasheet HTML 3Page - List of Unclassifed Manufacturers 73844 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Statshield® Smocks
Grounding, Testing and Maintenance
Description
Desco’ Statshield® smocks are designed to be antistatic,
low tribocharging, and create a Faraday Cage around the
torso and arms of the wearer to protect ESD susceptible
items from electrostatic fields generated by clothing on
the operator’s clothing. Statshield® Smocks meet the
requirement for Groundable Static Control Garment System
per ANSI/ESD S20.20-2007’s required limit of < 3.5 X 107
ohm Rtg tested per ANSI/ESD STM2.1.
“While a person may be grounded using a wrist strap or
other grounding methods, that does not mean that insulative
clothing fabrics can dissipate a charge to that person’s
skin and then to ground. Personnel clothing usually is
electrically separate or isolated from the body.” “Groundable
Made in the
United States of America
TECHNICAL BULLETIN TB-2055
TB-2055 July 2013 Page 1 of 4
© 2013 DESCO INDUSTRIES INC.
Employee Owned
DESCO WEST -
3651 Walnut Avenue, Chino, CA 91710 • (909) 627-8178
DESCO EAST
- One Colgate Way, Canton, MA 02021-1407 • (781) 821-8370 • Web Site: Desco.com
COIL CORD TO GROUND
NO WRISTBAND
NECESSARY
COIL CORD TO GROUND
WRISTBAND (NOT INCLUDED)
SNAPS TO CONNECT TO GARMENT
Figure 2. Desco Statshield® Premium Jacket with Snaps.
Also available in Lab Coat length.
Figure 1. Desco Statshield® Premium Lab Coat with
Conductive Cuffs. Also available in Jacket length.
Static Control Garment System, Garments that are used to
establish the primary ground path for a person shall provide
a resistance of less than 35 megohms from the person to
the groundable point of the garment.”[ESD TR20.20-2008
section 5.3.13 Garments]
Statshield® smocks are constructed of a lightweight
dissipative material which made from texturized polyester
and a minimum of 9% carbon nylon monofilament. The
conductive nylon fibers are woven in a chain-link design
throughout the material, providing continuous and consistent
charge dissipation. All of the seams in Statshield® smocks
are designed to maintain electrical continuity from panel to
panel and from sleeve to sleeve in accordance with the ESD
Association Garment Standard, ESD-STM2.1.
“After verifying that the garment has electrical conductivity
through all panels, the garment should be electrically
bonded to the grounding system of the wearer so as not to
act as a floating conductor.” [ESD TR20.20-2008 section
5.3.13 Garments] The conductive fabric in smock is a
conductor. If not grounded, the smock can become an
isolated charged conductor. If not grounded via a wrist strap
coil cord, ground the ESD garment using ESD footwear to
ESD flooring.
The dissipative material becomes part of the ground path
to remove static charges. Statshield® smocks are available
in two lengths -- the lab coat length and the jacket length.
Both lengths are available in two styles - with snaps and
with conductive elastic cuffs. Smocks are available in eight
colors* -- blue, white, teal, burgundy, black, camouflage,
pink and grey.
Statshield® smocks incorporate a “hip-to-cuff” grounding
feature which allows for hands-free grounding with no
cord attached to the operator’s wrist. This feature allows
connection of a ground cord to a 4mm snap stud on the hip.
A seam of carbon-suffused threads provides a secure and
direct electrical connection from the snap stud on the hip
to conductive elastic cuffs. Statshield® smocks ground the
person when used in this manner. Standard touch testing or
continuous monitoring can be used to test the “hip-to-cuff”
function.
*Fabric lots vary slightly in color.


Similar Part No. - 73844

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
73844 ETC2-73844 Datasheet
612Kb / 4P
   Statshield Smocks Grounding, Testing and Maintenance
73844 ETC2-73844 Datasheet
612Kb / 4P
   Statshield Smocks Grounding, Testing and Maintenance
More results

Similar Description - 73844

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
73862 ETC2-73862 Datasheet
612Kb / 4P
   Statshield Smocks Grounding, Testing and Maintenance
73616 ETC2-73616 Datasheet
612Kb / 4P
   Statshield Smocks Grounding, Testing and Maintenance
TB-2055 ETC2-TB-2055 Datasheet
612Kb / 4P
   Statshield Smocks Grounding, Testing and Maintenance
73837 ETC2-73837 Datasheet
612Kb / 4P
   Statshield Smocks Grounding, Testing and Maintenance
73832 ETC2-73832 Datasheet
609Kb / 4P
   ESD Statshield Protective Smocks Grounding, Testing and Maintenance
73654 ETC2-73654 Datasheet
224Kb / 2P
   STATSHIELD SMOCKS AND GLOVES
AN202 ETC-AN202 Datasheet
72Kb / 5P
   Testing and specifying FAST logic
logo
NXP Semiconductors
PTN3500 PHILIPS-PTN3500 Datasheet
115Kb / 15P
   Maintenance and control device
2001 Jan 17
PTN3501 PHILIPS-PTN3501 Datasheet
106Kb / 15P
   Maintenance and control device
2001 Jan 17
logo
Emerson Network Power
PL220-011 EMERSON-NETWORKPOWER-PL220-011 Datasheet
5Mb / 100P
   Military, Space and Testing Equipment
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com