Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4532X7R1E226M Datasheet(PDF) 8 Page - Torex Semiconductor

Part # C4532X7R1E226M
Description  18V Driver Transistor Built-In Synchronous Step-Down DC/DC Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

C4532X7R1E226M Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button C4532X7R1E226M Datasheet HTML 4Page - Torex Semiconductor C4532X7R1E226M Datasheet HTML 5Page - Torex Semiconductor C4532X7R1E226M Datasheet HTML 6Page - Torex Semiconductor C4532X7R1E226M Datasheet HTML 7Page - Torex Semiconductor C4532X7R1E226M Datasheet HTML 8Page - Torex Semiconductor C4532X7R1E226M Datasheet HTML 9Page - Torex Semiconductor C4532X7R1E226M Datasheet HTML 10Page - Torex Semiconductor C4532X7R1E226M Datasheet HTML 11Page - Torex Semiconductor C4532X7R1E226M Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8/21
XC9248 Series
■TYPICAL APPLICATION CIRCUIT (Continued)
<VOUT setting>
The output voltage can be set by connecting external dividing resistors. The output voltage is determined by the values of RFB1
and RFB2 as given in the equation below. The total of RFB1 and RFB2 should be less than 150kΩ. Output voltage range can be
set freely from 1.0V to 12V with a 0.8V reference voltage.
VOUT=0.8×(RFB1+RFB2)/RFB2
Adjust the value of the phase compensation speed-up capacitor CFB so that fzfp=1 / (2 × π × CFB x RFB1) is about 7kHz.
Adjustments are required from 5kHz to 50kHz depending on the application, value of inductance (L), and value of load
capacitance (CL).
Examples】
RFB1=47kΩ, RFB2=15kΩ, VOUT=0.8V×(47kΩ+15kΩ) /15kΩ =3.3V
CFB=470pF, fzfb=1/(2×π×470pF×47kΩ)=7.2kHz
< Minimum VOUT >
The Minimum VOUT is set by MINDUTY. The MINDUTY changes by the external inductance(L).
For the L value, please choose the optimal value – see P.7 <Coil current setting>. The Minimum VOUT can be calculated by
using the following equation:
VOUT= VIN × MINDUTY / 100
L vs. MINDUTY】
L[μH]
MINDUTY[%]
2.2
18
3.3
20
4.7
21
6.8
21
10
22
<External soft-start setting>
A capacitor can be connected to the SS pin to set a time longer than the internal soft-start time voluntarily.
By setting the EN pin to the VENH voltage or higher, a current ISS=4μA (TYP.) flows to the SS pin and charges the capacitor.
When the SS pin voltage attains the SS threshold voltage VSSTH=1.8V (TYP.), the output voltage reaches about 90% of the set voltage.
External soft-start can be calculated by using the following equation:
External soft-start time=VSSTH × CSS / ISS
Examples】
CSS=0.1μF, External soft-start time=1.8V × 0.1μF / 4μA × 1000=45ms
CSS
0.01
μ
F
0.047
μ
F
0.1
μ
F
0.47
μ
F
1
μ
F
4.7
μ
F
4.5ms
20ms
45ms
200ms
450ms
2000ms


Similar Part No. - C4532X7R1E226M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C4532X7R1E226M250KC TDK-C4532X7R1E226M250KC Datasheet
110Kb / 8P
   Part Number Change Notification
logo
ON Semiconductor
C4532X7R1E226M250KC ONSEMI-C4532X7R1E226M250KC Datasheet
2Mb / 28P
   Compact Intelligent Power Module (IPM) Motor Control Development Kit (MDK) 1 kW
March, 2021 ??Rev. 1
C4532X7R1E226M250KC ONSEMI-C4532X7R1E226M250KC Datasheet
2Mb / 26P
   Compact Intelligent Power Module Based Motor Evaluation Board with Interleaved Power Factor Correction
February, 2020 ??Rev. 2
logo
TDK Electronics
C4532X7R1E226M250KC TDK-C4532X7R1E226M250KC_16 Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C4532X7R1E226M250KC TDK-C4532X7R1E226M250KC_17 Datasheet
236Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C4532X7R1E226M

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
logo
E-CMOS Corporation
EC3293 E-CMOS-EC3293 Datasheet
821Kb / 11P
   3A, 18V, Synchronous Step-down DC/DC Converter
EC3292 E-CMOS-EC3292 Datasheet
764Kb / 10P
   2A, 18V, Synchronous Step-down DC/DC Converter
logo
Torex Semiconductor
XC9213 TOREX-XC9213 Datasheet
61Kb / 5P
   Driver Transistor Built-In Synchronous Step-Down DC/DC Controller Ics
logo
E-CMOS Corporation
EC3293A E-CMOS-EC3293A Datasheet
625Kb / 11P
   3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
logo
Linear Technology
LTC3608 LINER-LTC3608 Datasheet
372Kb / 24P
   18V, 8A Monolithic Synchronous Step-Down DC/DC Converter
LTC3608 LINER-LTC3608_15 Datasheet
474Kb / 26P
   18V, 8A Monolithic Synchronous Step-Down DC/DC Converter
logo
ELM Technology Corporat...
ELM615DA ELM-TECH-ELM615DA Datasheet
953Kb / 8P
   2A 18V 500kHz synchronous step down DC/DC converter
logo
Fitipower Integrated Te...
FR9872 FITIPOWER-FR9872 Datasheet
726Kb / 13P
   18V, 2.5A, 1.4MHz Synchronous Step-Down DC/DC Converter
FR9884 FITIPOWER-FR9884 Datasheet
862Kb / 13P
   18V, 3A, 340KHz Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com