Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2012X5R1A226M Datasheet(PDF) 9 Page - Torex Semiconductor

Part # C2012X5R1A226M
Description  18V Driver Transistor Built-In Synchronous Step-Down DC/DC Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

C2012X5R1A226M Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button C2012X5R1A226M Datasheet HTML 5Page - Torex Semiconductor C2012X5R1A226M Datasheet HTML 6Page - Torex Semiconductor C2012X5R1A226M Datasheet HTML 7Page - Torex Semiconductor C2012X5R1A226M Datasheet HTML 8Page - Torex Semiconductor C2012X5R1A226M Datasheet HTML 9Page - Torex Semiconductor C2012X5R1A226M Datasheet HTML 10Page - Torex Semiconductor C2012X5R1A226M Datasheet HTML 11Page - Torex Semiconductor C2012X5R1A226M Datasheet HTML 12Page - Torex Semiconductor C2012X5R1A226M Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9/21
XC9248
Series
■OPERATIONAL EXPLANATION
The XC9248 series consists of a reference voltage source, an internal reference voltage source, ramp wave circuit, error
amplifier, PWM comparator, phase compensation circuit, Nch MOS driver transistor, current limiter circuit, UVLO, short
protection circuit, thermal shutdown circuit, over voltage protection and others. (See the block diagram below.)
By using the error amplifier, the FB pin voltage is compared with the internal reference voltage. The signal is input into the
PWM comparator to determine the on time of switching. The signal from the error amplifier is compared with the ramp wave
from the ramp wave circuit, and the resulting output is delivered to the output buffer circuit to provide on-time of the duty cycle at
the LX pin. This process is continuously performed to ensure stable output voltage.
The current feedback circuit monitors the Nch MOS driver transistor current for each switching operation, and modulates the
error amplifier output signal to provide multiple feedback signals. This enables a stable feedback loop even when using a low
ESR capacitor such as ceramic, which results in ensuring stable output voltage.
XC9248 Series
<Reference Voltage Source>
The reference voltage source provides the reference voltage to ensure stable output voltage of the DC/DC converter.
<Ramp Wave Circuit>
The ramp wave circuit determines switching frequency. The frequency is fixed 500kHz internally. Clock pulses generated in
this circuit are used to produce ramp waveforms needed for PWM operation, and to synchronize all the internal circuits.
<Error Amplifier>
The error amplifier is designed to monitor output voltage. The amplifier compares the reference voltage with the feedback
voltage. When a voltage lower than the reference voltage is fed back, the output voltage of the error amplifier increases. The
gain and frequency characteristics of the error amplifier output are fixed internally to deliver an optimized signal to the mixer.
The error amplifier output signal optimized in the mixer is modulated with the current feedback signal. This signal is delivered to
the PWM comparator.


Similar Part No. - C2012X5R1A226M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C2012X5R1A226M085AC TDK-C2012X5R1A226M085AC Datasheet
138Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C2012X5R1A226M085AC TDK-C2012X5R1A226M085AC_17 Datasheet
230Kb / 3P
   Multilayer Ceramic Chip Capacitors
C2012X5R1A226M125AB TDK-C2012X5R1A226M125AB Datasheet
138Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C2012X5R1A226M125AB TDK-C2012X5R1A226M125AB_17 Datasheet
233Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C2012X5R1A226M

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
logo
E-CMOS Corporation
EC3293 E-CMOS-EC3293 Datasheet
821Kb / 11P
   3A, 18V, Synchronous Step-down DC/DC Converter
EC3292 E-CMOS-EC3292 Datasheet
764Kb / 10P
   2A, 18V, Synchronous Step-down DC/DC Converter
logo
Torex Semiconductor
XC9213 TOREX-XC9213 Datasheet
61Kb / 5P
   Driver Transistor Built-In Synchronous Step-Down DC/DC Controller Ics
logo
E-CMOS Corporation
EC3293A E-CMOS-EC3293A Datasheet
625Kb / 11P
   3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
logo
Linear Technology
LTC3608 LINER-LTC3608 Datasheet
372Kb / 24P
   18V, 8A Monolithic Synchronous Step-Down DC/DC Converter
LTC3608 LINER-LTC3608_15 Datasheet
474Kb / 26P
   18V, 8A Monolithic Synchronous Step-Down DC/DC Converter
logo
ELM Technology Corporat...
ELM615DA ELM-TECH-ELM615DA Datasheet
953Kb / 8P
   2A 18V 500kHz synchronous step down DC/DC converter
logo
Fitipower Integrated Te...
FR9872 FITIPOWER-FR9872 Datasheet
726Kb / 13P
   18V, 2.5A, 1.4MHz Synchronous Step-Down DC/DC Converter
FR9884 FITIPOWER-FR9884 Datasheet
862Kb / 13P
   18V, 3A, 340KHz Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com