Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2012X5R1E106K Datasheet(PDF) 4 Page - Torex Semiconductor

Part # C2012X5R1E106K
Description  18V Driver Transistor Built-In Synchronous Step-Down DC/DC Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

C2012X5R1E106K Datasheet(HTML) 4 Page - Torex Semiconductor

  C2012X5R1E106K Datasheet HTML 1Page - Torex Semiconductor C2012X5R1E106K Datasheet HTML 2Page - Torex Semiconductor C2012X5R1E106K Datasheet HTML 3Page - Torex Semiconductor C2012X5R1E106K Datasheet HTML 4Page - Torex Semiconductor C2012X5R1E106K Datasheet HTML 5Page - Torex Semiconductor C2012X5R1E106K Datasheet HTML 6Page - Torex Semiconductor C2012X5R1E106K Datasheet HTML 7Page - Torex Semiconductor C2012X5R1E106K Datasheet HTML 8Page - Torex Semiconductor C2012X5R1E106K Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4/21
XC9248 Series
■ABSOLUTE MAXIMUM RATINGS
Ta=25℃
PARAMETER
SYMBOL
RATINGS
UNITS
VIN Pin Voltage
VIN
-0.3 ~ +20
V
EN Pin Voltage
VEN
-0.3 ~ +20
V
LX Pin Voltage
VLX
-0.3 ~ VIN +0.3 or +20
(*1)
V
BST Pin Voltage
VBST
VL-0.3~VL+20
VLX -0.3~ VLX +5.5
V
VL Pin Voltage
VVL
-0.3 ~ VIN +0.3 or +5.5
(*2)
V
FB Pin Voltage
VFB
-0.3 ~ +5.5
V
SS Pin Voltage
VSS
-0.3 ~ +5.5
V
LX Pin Current
ILX
±
5
A
VL Pin Current
IVL
85
mA
Power Dissipation
Pd
300
mW
Operating Ambient Temperature
Topr
-40~+105
°C
Storage Temperature
Tstg
-50~+125
°C
All voltages are described based on the ground voltage.
(*1) The maximum value should be either VIN+0.3 or +20V in the lowest.
(*1) The maximum value should be either VIN+0.3 or +5.5V in the lowest.


Similar Part No. - C2012X5R1E106K

ManufacturerPart #DatasheetDescription
logo
Analog Devices
C2012X5R1E106K AD-C2012X5R1E106K Datasheet
658Kb / 44P
   Tiny I2C Programmable Linear Battery Charger
REV. 0
logo
Microchip Technology
C2012X5R1E106K085AC MICROCHIP-C2012X5R1E106K085AC Datasheet
3Mb / 416P
   16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
TDK Electronics
C2012X5R1E106K085AC TDK-C2012X5R1E106K085AC_17 Datasheet
214Kb / 3P
   Multilayer Ceramic Chip Capacitors
logo
Toshiba Semiconductor
C2012X5R1E106K125AB TOSHIBA-C2012X5R1E106K125AB Datasheet
2Mb / 84P
   Power Management System IC
2015-6-5
logo
TDK Electronics
C2012X5R1E106K125AB TDK-C2012X5R1E106K125AB_17 Datasheet
217Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C2012X5R1E106K

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
logo
E-CMOS Corporation
EC3293 E-CMOS-EC3293 Datasheet
821Kb / 11P
   3A, 18V, Synchronous Step-down DC/DC Converter
EC3292 E-CMOS-EC3292 Datasheet
764Kb / 10P
   2A, 18V, Synchronous Step-down DC/DC Converter
logo
Torex Semiconductor
XC9213 TOREX-XC9213 Datasheet
61Kb / 5P
   Driver Transistor Built-In Synchronous Step-Down DC/DC Controller Ics
logo
E-CMOS Corporation
EC3293A E-CMOS-EC3293A Datasheet
625Kb / 11P
   3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
logo
Linear Technology
LTC3608 LINER-LTC3608 Datasheet
372Kb / 24P
   18V, 8A Monolithic Synchronous Step-Down DC/DC Converter
LTC3608 LINER-LTC3608_15 Datasheet
474Kb / 26P
   18V, 8A Monolithic Synchronous Step-Down DC/DC Converter
logo
ELM Technology Corporat...
ELM615DA ELM-TECH-ELM615DA Datasheet
953Kb / 8P
   2A 18V 500kHz synchronous step down DC/DC converter
logo
Fitipower Integrated Te...
FR9872 FITIPOWER-FR9872 Datasheet
726Kb / 13P
   18V, 2.5A, 1.4MHz Synchronous Step-Down DC/DC Converter
FR9884 FITIPOWER-FR9884 Datasheet
862Kb / 13P
   18V, 3A, 340KHz Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com