Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NR6028T2R2N Datasheet(PDF) 8 Page - Torex Semiconductor

Part # NR6028T2R2N
Description  18V Driver Transistor Built-In Synchronous Step-Down DC/DC Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

NR6028T2R2N Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button NR6028T2R2N Datasheet HTML 4Page - Torex Semiconductor NR6028T2R2N Datasheet HTML 5Page - Torex Semiconductor NR6028T2R2N Datasheet HTML 6Page - Torex Semiconductor NR6028T2R2N Datasheet HTML 7Page - Torex Semiconductor NR6028T2R2N Datasheet HTML 8Page - Torex Semiconductor NR6028T2R2N Datasheet HTML 9Page - Torex Semiconductor NR6028T2R2N Datasheet HTML 10Page - Torex Semiconductor NR6028T2R2N Datasheet HTML 11Page - Torex Semiconductor NR6028T2R2N Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8/21
XC9248 Series
■TYPICAL APPLICATION CIRCUIT (Continued)
<VOUT setting>
The output voltage can be set by connecting external dividing resistors. The output voltage is determined by the values of RFB1
and RFB2 as given in the equation below. The total of RFB1 and RFB2 should be less than 150kΩ. Output voltage range can be
set freely from 1.0V to 12V with a 0.8V reference voltage.
VOUT=0.8×(RFB1+RFB2)/RFB2
Adjust the value of the phase compensation speed-up capacitor CFB so that fzfp=1 / (2 × π × CFB x RFB1) is about 7kHz.
Adjustments are required from 5kHz to 50kHz depending on the application, value of inductance (L), and value of load
capacitance (CL).
Examples】
RFB1=47kΩ, RFB2=15kΩ, VOUT=0.8V×(47kΩ+15kΩ) /15kΩ =3.3V
CFB=470pF, fzfb=1/(2×π×470pF×47kΩ)=7.2kHz
< Minimum VOUT >
The Minimum VOUT is set by MINDUTY. The MINDUTY changes by the external inductance(L).
For the L value, please choose the optimal value – see P.7 <Coil current setting>. The Minimum VOUT can be calculated by
using the following equation:
VOUT= VIN × MINDUTY / 100
L vs. MINDUTY】
L[μH]
MINDUTY[%]
2.2
18
3.3
20
4.7
21
6.8
21
10
22
<External soft-start setting>
A capacitor can be connected to the SS pin to set a time longer than the internal soft-start time voluntarily.
By setting the EN pin to the VENH voltage or higher, a current ISS=4μA (TYP.) flows to the SS pin and charges the capacitor.
When the SS pin voltage attains the SS threshold voltage VSSTH=1.8V (TYP.), the output voltage reaches about 90% of the set voltage.
External soft-start can be calculated by using the following equation:
External soft-start time=VSSTH × CSS / ISS
Examples】
CSS=0.1μF, External soft-start time=1.8V × 0.1μF / 4μA × 1000=45ms
CSS
0.01
μ
F
0.047
μ
F
0.1
μ
F
0.47
μ
F
1
μ
F
4.7
μ
F
4.5ms
20ms
45ms
200ms
450ms
2000ms


Similar Part No. - NR6028T2R2N

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NR6028T2R2N TAIYO-YUDEN-NR6028T2R2N Datasheet
295Kb / 3P
   SMD Power Inductors (NR series)
More results

Similar Description - NR6028T2R2N

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
logo
E-CMOS Corporation
EC3293 E-CMOS-EC3293 Datasheet
821Kb / 11P
   3A, 18V, Synchronous Step-down DC/DC Converter
EC3292 E-CMOS-EC3292 Datasheet
764Kb / 10P
   2A, 18V, Synchronous Step-down DC/DC Converter
logo
Torex Semiconductor
XC9213 TOREX-XC9213 Datasheet
61Kb / 5P
   Driver Transistor Built-In Synchronous Step-Down DC/DC Controller Ics
logo
E-CMOS Corporation
EC3293A E-CMOS-EC3293A Datasheet
625Kb / 11P
   3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
logo
Linear Technology
LTC3608 LINER-LTC3608 Datasheet
372Kb / 24P
   18V, 8A Monolithic Synchronous Step-Down DC/DC Converter
LTC3608 LINER-LTC3608_15 Datasheet
474Kb / 26P
   18V, 8A Monolithic Synchronous Step-Down DC/DC Converter
logo
ELM Technology Corporat...
ELM615DA ELM-TECH-ELM615DA Datasheet
953Kb / 8P
   2A 18V 500kHz synchronous step down DC/DC converter
logo
Fitipower Integrated Te...
FR9872 FITIPOWER-FR9872 Datasheet
726Kb / 13P
   18V, 2.5A, 1.4MHz Synchronous Step-Down DC/DC Converter
FR9884 FITIPOWER-FR9884 Datasheet
862Kb / 13P
   18V, 3A, 340KHz Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com