Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPM3512AQC208-10N Datasheet(PDF) 2 Page - Altera Corporation

Part # EPM3512AQC208-10N
Description  Programmable Logic Device Family
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM3512AQC208-10N Datasheet(HTML) 2 Page - Altera Corporation

  EPM3512AQC208-10N Datasheet HTML 1Page - Altera Corporation EPM3512AQC208-10N Datasheet HTML 2Page - Altera Corporation EPM3512AQC208-10N Datasheet HTML 3Page - Altera Corporation EPM3512AQC208-10N Datasheet HTML 4Page - Altera Corporation EPM3512AQC208-10N Datasheet HTML 5Page - Altera Corporation EPM3512AQC208-10N Datasheet HTML 6Page - Altera Corporation EPM3512AQC208-10N Datasheet HTML 7Page - Altera Corporation EPM3512AQC208-10N Datasheet HTML 8Page - Altera Corporation EPM3512AQC208-10N Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
2
Altera Corporation
MAX 3000A Programmable Logic Device Family Data Sheet
...and More
Features
PCI compatible
Bus–friendly architecture including programmable slew–rate control
Open–drain output option
Programmable macrocell flipflops with individual clear, preset,
clock, and clock enable controls
Programmable power–saving mode for a power reduction of over
50% in each macrocell
Configurable expander product–term distribution, allowing up to
32 product terms per macrocell
Programmable security bit for protection of proprietary designs
Enhanced architectural features, including:
6 or 10 pin– or logic–driven output enable signals
Two global clock signals with optional inversion
Enhanced interconnect resources for improved routability
Programmable output slew–rate control
Software design support and automatic place–and–route provided
by Altera’s development systems for Windows–based PCs and Sun
SPARCstations, and HP 9000 Series 700/800 workstations
Additional design entry and simulation support provided by EDIF
2 0 0 and 3 0 0 netlist files, library of parameterized modules (LPM),
Verilog HDL, VHDL, and other interfaces to popular EDA tools from
third–party manufacturers such as Cadence, Exemplar Logic, Mentor
Graphics, OrCAD, Synopsys, Synplicity, and VeriBest
Programming support with the Altera master programming unit
(MPU), MasterBlasterTM communications cable, ByteBlasterMVTM
parallel port download cable, BitBlasterTM serial download cable as
well as programming hardware from third–party manufacturers and
any in–circuit tester that supports JamTM Standard Test and
Programming Language (STAPL) Files (.jam), Jam STAPL Byte-Code
Files (.jbc), or Serial Vector Format Files (.svf)
General
Description
MAX 3000A devices are low–cost, high–performance devices based on the
Altera MAX architecture. Fabricated with advanced CMOS technology,
the EEPROM–based MAX 3000A devices operate with a 3.3-V supply
voltage and provide 600 to 10,000 usable gates, ISP, pin-to-pin delays as
fast as 4.5 ns, and counter speeds of up to 227.3 MHz. MAX 3000A devices
in the –4, –5, –6, –7, and –10 speed grades are compatible with the timing
requirements of the PCI Special Interest Group (PCI SIG) PCI Local Bus
Specification, Revision 2.2
. See Table 2.


Similar Part No. - EPM3512AQC208-10N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
More results

Similar Description - EPM3512AQC208-10N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com