Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGMS12SR6020A Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FGMS12SR6020A
Description  3-14.4Vdc Input, 20A, 0.6-5.5Vdc Output
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FGMS12SR6020A Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FGMS12SR6020A Datasheet HTML 1Page - List of Unclassifed Manufacturers FGMS12SR6020A Datasheet HTML 2Page - List of Unclassifed Manufacturers FGMS12SR6020A Datasheet HTML 3Page - List of Unclassifed Manufacturers FGMS12SR6020A Datasheet HTML 4Page - List of Unclassifed Manufacturers FGMS12SR6020A Datasheet HTML 5Page - List of Unclassifed Manufacturers FGMS12SR6020A Datasheet HTML 6Page - List of Unclassifed Manufacturers FGMS12SR6020A Datasheet HTML 7Page - List of Unclassifed Manufacturers FGMS12SR6020A Datasheet HTML 8Page - List of Unclassifed Manufacturers FGMS12SR6020A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Page 5 of 23
Delivering Next Generation Technology
Tomodachi Series
FGMS12SR6020*A
3-14.4Vdc Input, 20A, 0.6-5.5Vdc Output
Http://www.fdk.com
Ver 1.2 May. 9, 2013
Preliminary Data Sheet
Feature Specifications (Continued)
* Over temperature Warning – Warning may not activate before alarm and unit may shutdown before warning
PARAMETER
NOTES
MIN
TYP
MAX
UNITS
Turn-On Delay Time
Full resistive load
with Vin (module enabled, then Vin applied) From Vin=Vin(min) to 0.1*Vout(nom)
1.2
ms
with Enable (Vin applied, then enabled)
From enable to 0.1*Vout(nom)
0.8
ms
Rise Time (Full resistive load)
From 0.1*Vout(nom) to 0.9*Vout(nom)
2.7
ms
Output Voltage Overshoot
Ta = 25C, Vin = min to max, Iout = min
to max, with or without external
capacitance
3.0
%Vout
Over Temperature Protection
(See Thermal Considerations section)
120
°C
Tracking Accuracy
(Power-Up: 0.5V/ms)
100
mV
(Power-Down: 0.5V/ms)
100
mV
Input Under Voltage Lockout
Turn-on Threshold
3.25
Vdc
Turn-off Threshold
2.6
Vdc
Hysteresis
0.25
Vdc
Power Good
Overvoltage threshold for PGOOD ON
108
%Vout
Overvoltage threshold for PGOOD OFF
110
%Vout
Undervoltage threshold for PGOOD ON
92
%Vout
Undervoltage threshold for PGOOD OFF
90
%Vout
Pulldown resistance of PGOOD pin
50
Sink current capability into PGOOD pin
5
mA


Similar Part No. - FGMS12SR6020A

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
FGM LSTD-FGM Datasheet
135Kb / 2P
   High power performance
logo
Fujikura Ltd.
FGM-302PGSR FUJIKURA-FGM-302PGSR Datasheet
255Kb / 5P
   Sensing element Gauge
FGM-305PGSR FUJIKURA-FGM-305PGSR Datasheet
255Kb / 5P
   Sensing element Gauge
FGM-307PGSR FUJIKURA-FGM-307PGSR Datasheet
255Kb / 5P
   Sensing element Gauge
FGM-3120PGSR FUJIKURA-FGM-3120PGSR Datasheet
255Kb / 5P
   Sensing element Gauge
More results

Similar Description - FGMS12SR6020A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FGSR12SR6003A ETC2-FGSR12SR6003A Datasheet
883Kb / 23P
   3-14.4Vdc Input, 3A, 0.6-5.5Vdc Output
FGMD12SR6020A ETC2-FGMD12SR6020A Datasheet
794Kb / 40P
   3-14.4Vdc Input, 20A, 0.45-5.5Vdc Output
FGSD12SR6003A ETC2-FGSD12SR6003A Datasheet
907Kb / 41P
   3-14.4Vdc Input, 3A, 0.45-5.5Vdc Output
FGSD12SR6006A ETC2-FGSD12SR6006A Datasheet
921Kb / 41P
   3-14.4Vdc Input, 6A, 0.45-5.5Vdc Output
FGSD12SR6012A ETC2-FGSD12SR6012A Datasheet
798Kb / 41P
   3-14.4Vdc Input, 12A, 0.45-5.5Vdc Output
FGLS12SR6040A ETC2-FGLS12SR6040A Datasheet
1,006Kb / 21P
   4.5-14.4Vdc Input, 40A, 0.6-2.0Vdc Output
logo
Lineage Power Corporati...
APTS020A0X3-SRZ LINEAGEPOWER-APTS020A0X3-SRZ Datasheet
739Kb / 26P
   4.5 - 14Vdc input; 0.69Vdc to 5.5Vdc output; 20A output current
APTH020A0X3-SRZ LINEAGEPOWER-APTH020A0X3-SRZ Datasheet
556Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 20A output current
AXH005A0XZ LINEAGEPOWER-AXH005A0XZ Datasheet
486Kb / 19P
   3 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 5A output current
logo
List of Unclassifed Man...
FGLD12SR6040A ETC2-FGLD12SR6040A Datasheet
1Mb / 38P
   4.5-14.4Vdc Input, 40A, 0.45-2.0Vdc Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com