Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGMS12SR6020A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FGMS12SR6020A
Description  3-14.4Vdc Input, 20A, 0.6-5.5Vdc Output
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FGMS12SR6020A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FGMS12SR6020A Datasheet HTML 1Page - List of Unclassifed Manufacturers FGMS12SR6020A Datasheet HTML 2Page - List of Unclassifed Manufacturers FGMS12SR6020A Datasheet HTML 3Page - List of Unclassifed Manufacturers FGMS12SR6020A Datasheet HTML 4Page - List of Unclassifed Manufacturers FGMS12SR6020A Datasheet HTML 5Page - List of Unclassifed Manufacturers FGMS12SR6020A Datasheet HTML 6Page - List of Unclassifed Manufacturers FGMS12SR6020A Datasheet HTML 7Page - List of Unclassifed Manufacturers FGMS12SR6020A Datasheet HTML 8Page - List of Unclassifed Manufacturers FGMS12SR6020A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Page 2 of 23
Delivering Next Generation Technology
Tomodachi Series
FGMS12SR6020*A
3-14.4Vdc Input, 20A, 0.6-5.5Vdc Output
Http://www.fdk.com
Ver 1.2 May. 9, 2013
Preliminary Data Sheet
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings may lead to degradation in performance and reliability of
the converter and may result in permanent damage.
Electrical Specifications
All specifications apply over specified input voltage, output load, and temperature range, unless otherwise
noted.
PARAMETER
NOTES
MIN
TYP
MAX
UNITS
ABSOLUTE MAXIMUM RATINGS
1
Input Voltage
Continuous
-0.3
15
Vdc
SEQ, SYNC, VS+
7
Vdc
Operating Temperature
Ambient temperature
-40
85
°C
Storage Temperature
-55
125
°C
Output Voltage
0.6
5.5
Vdc
PARAMETER
NOTES
MIN
TYP
MAX
UNITS
INPUT CHARACTERISTICS
Operating Input Voltage Range
3.0
14.4
Vdc
Maximum Input Current
Vin=4.5V to 14V, Io=Max
19
Adc
Input No Load Current, Vin=12V
Vout=5.0V
134
mA
Vout=0.6V
69
mA
Input Stand-by Current
Vin=12V, module disabled
16.4
mA
Inrush Transient, I
2t
1
A
2s
Input Reflected-Ripple Current
Peak-to-peak (5Hz to 20MHz, 1uH
source impedance; Vin=0 to 14V, Io=20A
50
mAp-p
Input Ripple Rejection (120Hz)
-64
dB


Similar Part No. - FGMS12SR6020A

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
FGM LSTD-FGM Datasheet
135Kb / 2P
   High power performance
logo
Fujikura Ltd.
FGM-302PGSR FUJIKURA-FGM-302PGSR Datasheet
255Kb / 5P
   Sensing element Gauge
FGM-305PGSR FUJIKURA-FGM-305PGSR Datasheet
255Kb / 5P
   Sensing element Gauge
FGM-307PGSR FUJIKURA-FGM-307PGSR Datasheet
255Kb / 5P
   Sensing element Gauge
FGM-3120PGSR FUJIKURA-FGM-3120PGSR Datasheet
255Kb / 5P
   Sensing element Gauge
More results

Similar Description - FGMS12SR6020A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FGSR12SR6003A ETC2-FGSR12SR6003A Datasheet
883Kb / 23P
   3-14.4Vdc Input, 3A, 0.6-5.5Vdc Output
FGMD12SR6020A ETC2-FGMD12SR6020A Datasheet
794Kb / 40P
   3-14.4Vdc Input, 20A, 0.45-5.5Vdc Output
FGSD12SR6003A ETC2-FGSD12SR6003A Datasheet
907Kb / 41P
   3-14.4Vdc Input, 3A, 0.45-5.5Vdc Output
FGSD12SR6006A ETC2-FGSD12SR6006A Datasheet
921Kb / 41P
   3-14.4Vdc Input, 6A, 0.45-5.5Vdc Output
FGSD12SR6012A ETC2-FGSD12SR6012A Datasheet
798Kb / 41P
   3-14.4Vdc Input, 12A, 0.45-5.5Vdc Output
FGLS12SR6040A ETC2-FGLS12SR6040A Datasheet
1,006Kb / 21P
   4.5-14.4Vdc Input, 40A, 0.6-2.0Vdc Output
logo
Lineage Power Corporati...
APTS020A0X3-SRZ LINEAGEPOWER-APTS020A0X3-SRZ Datasheet
739Kb / 26P
   4.5 - 14Vdc input; 0.69Vdc to 5.5Vdc output; 20A output current
APTH020A0X3-SRZ LINEAGEPOWER-APTH020A0X3-SRZ Datasheet
556Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 20A output current
AXH005A0XZ LINEAGEPOWER-AXH005A0XZ Datasheet
486Kb / 19P
   3 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 5A output current
logo
List of Unclassifed Man...
FGLD12SR6040A ETC2-FGLD12SR6040A Datasheet
1Mb / 38P
   4.5-14.4Vdc Input, 40A, 0.45-2.0Vdc Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com