Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP2AGX260EF29C5N Datasheet(PDF) 8 Page - Altera Corporation

Part # EP2AGX260EF29C5N
Description  Device Datasheet for Arria II Devices
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2AGX260EF29C5N Datasheet(HTML) 8 Page - Altera Corporation

Back Button EP2AGX260EF29C5N Datasheet HTML 4Page - Altera Corporation EP2AGX260EF29C5N Datasheet HTML 5Page - Altera Corporation EP2AGX260EF29C5N Datasheet HTML 6Page - Altera Corporation EP2AGX260EF29C5N Datasheet HTML 7Page - Altera Corporation EP2AGX260EF29C5N Datasheet HTML 8Page - Altera Corporation EP2AGX260EF29C5N Datasheet HTML 9Page - Altera Corporation EP2AGX260EF29C5N Datasheet HTML 10Page - Altera Corporation EP2AGX260EF29C5N Datasheet HTML 11Page - Altera Corporation EP2AGX260EF29C5N Datasheet HTML 12Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 78 page
background image
1–8
Chapter 1: Device Datasheet for Arria II Devices
Electrical Characteristics
Arria II Device Handbook Volume 3: Device Datasheet and Addendum
July 2012
Altera Corporation
I/O Pin Leakage Current
Table 1–7 lists the Arria II GX I/O pin leakage current specifications.
Table 1–8 lists the Arria II GZ I/O pin leakage current specifications.
Bus Hold
Bus hold retains the last valid logic state after the source driving it either enters the
high impedance state or is removed. Each I/O pin has an option to enable bus hold in
user mode. Bus hold is always disabled in configuration mode.
Table 1–9 lists bus hold specifications for Arria II GX devices.
Table 1–7. I/O Pin Leakage Current for Arria II GX Devices
Symbol
Description
Conditions
Min
Typ
Max
Unit
II
Input pin
VI = 0 V to VCCIOMAX
–10
10
µA
IOZ
Tri-stated I/O pin
VO = 0 V to VCCIOMAX
–10
10
µA
Table 1–8. I/O Pin Leakage Current for Arria II GZ Devices
Symbol
Description
Conditions
Min
Typ
Max
Unit
II
Input pin
VI = 0 V to VCCIOMAX
–20
20
µA
IOZ
Tri-stated I/O pin
VO = 0 V to VCCIOMAX
–20
20
µA
Table 1–9. Bus Hold Parameters for Arria II GX Devices (Note 1)
Parameter
Symbol
Cond.
VCCIO (V)
Unit
1.2
1.5
1.8
2.5
3.0
3.3
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Bus-hold
low,
sustaining
current
ISUSL
VIN > VIL
(max.)
8
12
30—50
70
70
µA
Bus-hold
high,
sustaining
current
ISUSH
VIN < VIL
(min.)
–8
–12
–30
–50
–70
–70
µA
Bus-hold
low,
overdrive
current
IODL
0V <VIN <
VCCIO
125
175
200
300
500
500
µA
Bus-hold
high,
overdrive
current
IODH
0V <VIN <
VCCIO
–125
–175
–200
–300
–500
–500
µA
Bus-hold
trip point
VTRIP
0.3
0.9
0.375
1.125
0.68
1.07
0.7
1.7
0.8
2
0.8
2
V
Note to Table 1–9:
(1) The bus-hold trip points are based on calculated input voltages from the JEDEC standard.


Similar Part No. - EP2AGX260EF29C5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX260EF29I3N ALTERA-EP2AGX260EF29I3N Datasheet
820Kb / 78P
   Device Datasheet for Arria II Devices
More results

Similar Description - EP2AGX260EF29C5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX125EF29I5N ALTERA-EP2AGX125EF29I5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260FF35I3N ALTERA-EP2AGX260FF35I3N Datasheet
801Kb / 28P
   Device Datasheet for Arria II Devices
EP2AGX260EF29I3N ALTERA-EP2AGX260EF29I3N Datasheet
820Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX45DF25I3N ALTERA-EP2AGX45DF25I3N Datasheet
801Kb / 78P
   1. Device Datasheet for Arria II Devices
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
EP2AGX45DF25I5 ALTERA-EP2AGX45DF25I5 Datasheet
1Mb / 90P
   Arria II Device Handbook
EP4SGX290NF45C2N ALTERA-EP4SGX290NF45C2N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
EP4SGX360KF40C4N ALTERA-EP4SGX360KF40C4N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
5AGXFB3H4F35I3N ALTERA-5AGXFB3H4F35I3N Datasheet
793Kb / 37P
   Arria V Device Overview
5AGXFB3H4F40C5N ALTERA-5AGXFB3H4F40C5N Datasheet
1Mb / 82P
   Arria V Device Handbook
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com