Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QTLP680C-4 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # QTLP680C-4
Description  SURFACE MOUNT LED LAMP STANDARD BRIGHT REFLECTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP680C-4 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  QTLP680C-4 Datasheet HTML 1Page - Fairchild Semiconductor QTLP680C-4 Datasheet HTML 2Page - Fairchild Semiconductor QTLP680C-4 Datasheet HTML 3Page - Fairchild Semiconductor QTLP680C-4 Datasheet HTML 4Page - Fairchild Semiconductor QTLP680C-4 Datasheet HTML 5Page - Fairchild Semiconductor QTLP680C-4 Datasheet HTML 6Page - Fairchild Semiconductor QTLP680C-4 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2/13/03
PACKAGE DIMENSIONS
Page 1 of 7
© 2003 Fairchild Semiconductor Corporation
QTLP680C-2 HER
QTLP680C-3 Yellow
QTLP680C-4 Green
QTLP680C-7 AlGaAs Red
QTLP680C-B Blue
SURFACE MOUNT LED LAMP
STANDARD BRIGHT REFLECTOR
APPLICATIONS
Backlighting
Status indication for consumer electronics and other
equipment
DESCRIPTION
Designed with a reflective housing, these surface mount LEDs offer uniform lighting and high light output performance.
FEATURES
Wide viewing angle of 130°
Water clear optics
Moisture-proof packaging
Available in 0.315" (8mm) width tape on 7" (178mm) diameter reel; 2,000 units per reel
0.063 (1.60)
0.055 (1.40)
0.091 (2.31)
0.083 (2.10)
0.0197 (0.50)
0.122 (3.10)
0.114 (2.90)
0.185 (4.70)
0.177 (4.50)
0.008 (0.20)
0.004 (0.10)
0.014 (0.36)
0.010 (0.26)
0.0157 (0.40)
(
0.043 (1.1)
0.035 (0.9)
0.110 (2.8)
0.102 (2.6)
-+
-+
for -2, -3, -4 and -B
for -7
SIDE
TOP
POLARITY
NOTE:
1. Dimensions for all drawings are in inches (mm).


Similar Part No. - QTLP680C-4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP680C-23 FAIRCHILD-QTLP680C-23 Datasheet
128Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT REFLECTOR
QTLP680C-24 FAIRCHILD-QTLP680C-24 Datasheet
128Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT REFLECTOR
QTLP680C-74 FAIRCHILD-QTLP680C-74 Datasheet
128Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT REFLECTOR
QTLP680C-RAG FAIRCHILD-QTLP680C-RAG Datasheet
123Kb / 6P
   SURFACE MOUNT LED LAMP SUPER BRIGHT REFLECTOR (DUAL COLOR)
QTLP680C-RY FAIRCHILD-QTLP680C-RY Datasheet
123Kb / 6P
   SURFACE MOUNT LED LAMP SUPER BRIGHT REFLECTOR (DUAL COLOR)
More results

Similar Description - QTLP680C-4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP680C-23 FAIRCHILD-QTLP680C-23 Datasheet
128Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT REFLECTOR
QTLP680C-RY FAIRCHILD-QTLP680C-RY Datasheet
123Kb / 6P
   SURFACE MOUNT LED LAMP SUPER BRIGHT REFLECTOR (DUAL COLOR)
QTLP650D2TR FAIRCHILD-QTLP650D2TR Datasheet
407Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP630C FAIRCHILD-QTLP630C Datasheet
111Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0805
QTLP650C-23 FAIRCHILD-QTLP650C-23 Datasheet
83Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1210
QTLP650C-2 FAIRCHILD-QTLP650C-2 Datasheet
403Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP600C-23 FAIRCHILD-QTLP600C-23 Datasheet
184Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0606
QTLP650C FAIRCHILD-QTLP650C Datasheet
401Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP600C FAIRCHILD-QTLP600C Datasheet
173Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0606
QTLP630C4TR FAIRCHILD-QTLP630C4TR Datasheet
94Kb / 6P
   Surface Mount LED Lamp, Standard Bright 0805
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com