Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

81224 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 81224
Description  WESCORP ESD CELLULOSE TAPE, PAPER CORE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

81224 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  81224 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCO WESt: 3651 WALNUT AVE., CHINO, CA 91710 WEB SITE: Desco.com
PHONE (909) 627-8178 FAX (909) 627-7449
DESCO EASt: ONE COLGATE WAY, CANTON, MA 02021-1407
PHONE (781) 821-8370
FAX (781) 575-0172
DRAWING NUMBER
81220
DAtE:
April
2010
© 2010 DESCO INDUSTrIES INC.
Employee Owned
WESCORP* ESD CELLULOSE tAPE, PAPER CORE
81220
81227
tape
0.5"
.75"
1"
2"
Core
Length
ESD Clear Cellulose
81220
81223
81221
81224
81222
81225
81226
1"
3"
36 yds
72 yds
ESD Clear Cellulose with
Symbols
81227
81228
81229
81230
3"
72 yds
ESD Cellulose tape
For general purpose applications
• 2.4mil(0.0024”or0.06mm)totalthickness
• Cellulosefilmresistance10E10-10E11ohmsperANSI/ESDS11.11
• Rubberbasedadhesiveabsorbsmoisture
• Adhesivesurfaceresistance10E10-10E11ohms
• TemperatureRange-10°Cto+71°C(14°F-160°F);meetsMIL-B-81705of
100°Cfor10minutesmaximum
• Availableinclear,clearwithESDsymbols,andclearwithESDsymbols
withyellowstripe.MarkingincludesESDsensitivitysymbolsofMil
STD-1285*andANSI/ESDS8.1.
• Durablemarking;symbolsprintedinbetweenfilmandadhesive
*WescorpisaDescoIndustriesbrand.
Tapewidthsarenominal
metric±0.8mm(±1/32")
1/4"is 6 mm nominal or
0.236"
1/2"is 12mmnominalor 0.472"
3/4"is 18mmnominalor 0.709"
1"
is 24 mm nominal or
0.945"
2"
is 48 mm nominal or
1.890"
Wescorp Tape Storage and Limited Warranty:
The user must determine the suitability for use of an ESD tape for his particular
application. For best results, tape inventory should be continually replenished. It
is recommended that rolls of tape be stored flat and rotated (flipped over to the
otherside)periodically.Tapesshouldbestoredinadry,wellventilatedroomwitha
reasonably consistent temperature of 68°F (20°C) and be protected from exposure
todirectsunlight.Tapeshouldnotbestoredinultravioletsunlight,moisture,orheat.
Tapeoveroneyearoldshouldbeevaluatedbytheusertodetermineacceptabilityfor
theuser’sapplication.DescoIndustries,Inc.recommendsthosetrackingusefullifeof
producttouseshipping/invoicedateasDescoIndustries,Inc.expresslywarrantsthat
foraperiodofone(1)yearfromthedateofpurchase,ourWescorpBrandAntistatic
Tapewillbefreeofdefectsinmaterial(parts)andworkmanship(labor).Seedetailsof
Limited Warranty online at
Desco.com/Warranty.aspx
Nosulfur,surfactantsorsiliconebasedmaterial(adhesive,filmbacking,release
material)isusedinthemanufactureofourcellulosetape.
*MilitaryorganizationssometimesuseMIL-STD-1285forhardwaremarkingandthat
documentoncerequiredtheuseofthe“threearrowsinacircle”symbol.Thatsymbol
hasbeenchangedforconsistencywithindustrymarkingtothe“handintriangle”ESD
Susceptibilitysymbol.”(Ref:ESDTR20.20section5.3.14.1)
Antistatic Tape
Imprint on Clear Cellulose
withSymbols
roHS Compliance Statement
None of the following materials are intentionally added in manufacturing this
product:lead,mercury,cadmium,hexavalentchromium,polybrominatedbiphenyls
(PBB) or polybrominated diphenyl ethers (PBDE) as outlined in the Directive
2002/95/ECArticle4.1.SeeDescoIndustriesInc.letteron-lineatDesco.com.
Widthtolerance±1/32"
Tape is wound on paper core
Made in America
Width - See Metric Note
Specificationsandproceduressubjecttochangewithoutnotice


Similar Part No. - 81224

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8122774 FESTO-8122774 Datasheet
94Kb / 2P
   Solenoid valve
8122775 FESTO-8122775 Datasheet
98Kb / 2P
   Solenoid valve
8122776 FESTO-8122776 Datasheet
94Kb / 2P
   Solenoid valve
8122777 FESTO-8122777 Datasheet
98Kb / 2P
   Solenoid valve
8122778 FESTO-8122778 Datasheet
93Kb / 2P
   Solenoid valve
More results

Similar Description - 81224

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
47020 ETC2-47020 Datasheet
254Kb / 1P
   WESCORP ESD HIGH TEMP MASKING TAPE, PAPER CORE
81203 ETC2-81203 Datasheet
37Kb / 1P
   Antistatic Cellulose Tape
logo
Japan Aviation Electron...
IL-Z-C3-A-1-15000 JAE-IL-Z-C3-A-1-15000 Datasheet
115Kb / 1P
   MAGAZINE PAPER TAPE
logo
Murata Manufacturing Co...
GRM155R61J224KE01 MURATA1-GRM155R61J224KE01 Datasheet
179Kb / 2P
   180mm Paper Tape
logo
3M Electronics
401M 3M-401M Datasheet
143Kb / 5P
   3M??Double Coated Paper Tape 401M
256 3M-256 Datasheet
564Kb / 5P
   3M??Scotch짰 Printable Flatback Paper Tape 256
logo
Bourns Electronic Solut...
CR1206-J-000ELF BOURNS-CR1206-J-000ELF Datasheet
218Kb / 5P
   Paper tape on reel for automatic placement
logo
List of Unclassifed Man...
79204 ETC-79204 Datasheet
375Kb / 6P
   ESD Tape Applications
logo
Bertech.
ESDCT3P BERTECH-ESDCT3P Datasheet
216Kb / 1P
   ESD Printed Tape
ESDCT3C BERTECH-ESDCT3C Datasheet
197Kb / 1P
   ESD Clear Tape
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com