Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QTLP670C-74 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # QTLP670C-74
Description  SURFACE MOUNT LED LAMP STANDARD BRIGHT PLCC-4
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP670C-74 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  QTLP670C-74 Datasheet HTML 1Page - Fairchild Semiconductor QTLP670C-74 Datasheet HTML 2Page - Fairchild Semiconductor QTLP670C-74 Datasheet HTML 3Page - Fairchild Semiconductor QTLP670C-74 Datasheet HTML 4Page - Fairchild Semiconductor QTLP670C-74 Datasheet HTML 5Page - Fairchild Semiconductor QTLP670C-74 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
0.059 [1.50]
0.043 [1.09]
0.102 [2.59]
0.177 [4.50]
60 - 120 sec
Preheating
+5° C/s MAX
-5° C/s MAX
120 - 150° C MAX
5 sec MAX
soldering time
240° C MAX
RECOMMENDED PRINTED CIRCUIT BOARD PATTERN
RECOMMENDED IR REFLOW SOLDERING PROFILE
SURFACE MOUNT LED LAMP
STANDARD BRIGHT PLCC-4
QTLP670C-23 HER/Yellow
QTLP670C-24 HER/Green
QTLP670C-34 Yellow/Green
QTLP670C-74 AlGaAs Red/Green
www.fairchildsemi.com
4 OF 6
8/31/01
DS300109


Similar Part No. - QTLP670C-74

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP670C-7 FAIRCHILD-QTLP670C-7 Datasheet
155Kb / 7P
   SURFACE MOUNT LED LAMP
QTLP670C-7 FAIRCHILD-QTLP670C-7 Datasheet
160Kb / 7P
   SURFACE MOUNT LED LAMP
More results

Similar Description - QTLP670C-74

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP670C-RY FAIRCHILD-QTLP670C-RY Datasheet
157Kb / 6P
   SURFACE MOUNT LED LAMP SUPER BRIGHT PLCC-4
QTLP650D2TR FAIRCHILD-QTLP650D2TR Datasheet
407Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP630C FAIRCHILD-QTLP630C Datasheet
111Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0805
QTLP650C-23 FAIRCHILD-QTLP650C-23 Datasheet
83Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1210
QTLP650C-2 FAIRCHILD-QTLP650C-2 Datasheet
403Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP600C-23 FAIRCHILD-QTLP600C-23 Datasheet
184Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0606
QTLP650C FAIRCHILD-QTLP650C Datasheet
401Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP680C FAIRCHILD-QTLP680C Datasheet
435Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT REFLECTOR
QTLP600C FAIRCHILD-QTLP600C Datasheet
173Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0606
QTLP630C4TR FAIRCHILD-QTLP630C4TR Datasheet
94Kb / 6P
   Surface Mount LED Lamp, Standard Bright 0805
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com