Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QTLP690C-R Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # QTLP690C-R
Description  SURFACE MOUNT LED LAMP SUPER BRIGHT 0402
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP690C-R Datasheet(HTML) 5 Page - Fairchild Semiconductor

  QTLP690C-R Datasheet HTML 1Page - Fairchild Semiconductor QTLP690C-R Datasheet HTML 2Page - Fairchild Semiconductor QTLP690C-R Datasheet HTML 3Page - Fairchild Semiconductor QTLP690C-R Datasheet HTML 4Page - Fairchild Semiconductor QTLP690C-R Datasheet HTML 5Page - Fairchild Semiconductor QTLP690C-R Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Ø12.75
2.5±
0.5
11.0
+0.5
-0.0
+0.25
-0.0
+1.5
8.4 -0.0
Progressive direction
Polarity
2.0±0.05
1.50
+0.10
-0.0
4.0
0.23±0.1
4.0
Dimensional tolerance is ± 0.1mm unless otherwise specified
Unit = mm
0.62
0.66
TAPE AND REEL DIMENSIONS
SURFACE MOUNT LED LAMP
SUPER BRIGHT 0402
QTLP690C-R Red
QTLP690C-E Orange
QTLP690C-O Yellow-Orange
QTLP690C-Y Yellow
QTLP690C-AG Yellow-Green
DS300396
8/31/01
5 OF 6
www.fairchildsemi.com


Similar Part No. - QTLP690C-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP600C FAIRCHILD-QTLP600C Datasheet
173Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0606
QTLP600C FAIRCHILD-QTLP600C Datasheet
85Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.8 mm Height)
QTLP600C-2 FAIRCHILD-QTLP600C-2 Datasheet
78Kb / 6P
   STANDARD BRIGHT 0603 (0.8 mm Height)
QTLP600C-2 FAIRCHILD-QTLP600C-2 Datasheet
84Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.8 mm Height)
QTLP600C-2 FAIRCHILD-QTLP600C-2 Datasheet
85Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.8 mm Height)
More results

Similar Description - QTLP690C-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP630C-R FAIRCHILD-QTLP630C-R Datasheet
150Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 0805
QTLP600C-RY FAIRCHILD-QTLP600C-RY Datasheet
169Kb / 6P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 0606
QTLP650C-RY FAIRCHILD-QTLP650C-RY Datasheet
161Kb / 6P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1210
QTLP650C-Y FAIRCHILD-QTLP650C-Y Datasheet
160Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1206
QTLP610C-R FAIRCHILD-QTLP610C-R Datasheet
149Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT RIGHT ANGLE
QTLP670C-RY FAIRCHILD-QTLP670C-RY Datasheet
157Kb / 6P
   SURFACE MOUNT LED LAMP SUPER BRIGHT PLCC-4
QTLP652C-R FAIRCHILD-QTLP652C-R Datasheet
125Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1206 (Reverse Mount)
QTLP680C-RY FAIRCHILD-QTLP680C-RY Datasheet
123Kb / 6P
   SURFACE MOUNT LED LAMP SUPER BRIGHT REFLECTOR (DUAL COLOR)
QTLP651C-R FAIRCHILD-QTLP651C-R Datasheet
188Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1206 (Inner Lens)
logo
Roithner LaserTechnik G...
B5-433-B525 ROITHNER-B5-433-B525 Datasheet
158Kb / 3P
   Super bright LED Lamp
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com