Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HE3621A0500 Datasheet(PDF) 2 Page - HAMLIN Position and Movement Sensor Solutions

Part # HE3621A0500
Description  H E3600 Min ia tu re S .I.L . R e lay F e a tu re s a n d Be n e fits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMLIN [HAMLIN Position and Movement Sensor Solutions]
Direct Link  http://www.hamlin.com
Logo HAMLIN - HAMLIN Position and Movement Sensor Solutions

HE3621A0500 Datasheet(HTML) 2 Page - HAMLIN Position and Movement Sensor Solutions

  HE3621A0500 Datasheet HTML 1Page - HAMLIN Position and Movement Sensor Solutions HE3621A0500 Datasheet HTML 2Page - HAMLIN Position and Movement Sensor Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TABLE 2
HE3300 Series Recognized File #E47258
Electrical and Operating Characteristics @ 25
Contact Type
Form A
SPST-NO
Standard
Form A
SPST-NO
Data Switching
Relay Types
HE3621A
HE3671A
CONTACT RATINGS
Contact Hamlin for specific
load/life details.
Power, Switching
Voltage, Switching
Current, Switching
Current, Carry
Watt - max.
Vdc - max.
A - max.
A - max.
10
200
0.5
1.2
10
200
0.5
0.8
VOLTAGE HOLD-OFF
Across Open Contacts
Contacts to Coil
Between Isolated Terminals
Vdc - min.
Vac - min.
Vac - min.
250
1500
1500
250
1500
1500
RESISTANCE
Contact, Initial
Insulation Across Open Contacts
Insulation Between Isolated Terminals
Ω ­ max.
Ω ­ min.
Ω ­ min.
0.150
10¹º
10¹º
0.100
10¹º
10¹º
TIMING
Operate Time
Release Time
ms - max.
ms - max.
1.0
1.0
1.0
1.0
ENVIRONMENTAL
Temperature, Operating
Temperature, Storage
Vibration Resistance
Shock Resistance
°C
°C
G-max. 10-2000 Hz
G-max. 11 ms, ½ sine
-40 to +85
-40 to +105
20
50
-40 to +85
-40 to +105
20
50
Coil Characteristics @ 25
Contact
Form &
Type
Electrical &
Operating
Characterist
ics
Dimensions
Part Number
Nominal
Coil voltage
Vdc
Coil
Resistance
±10% Ohms
Must
Operate
Vdc
Must
Release
Vdc
Maximum
Coil
Voltage
Vdc
Top View 2,54 mm, 0.1 in. Grid
Dot on Case: Pin 1
Numbers not printed on case.
1A
SPST-NO
See Table 2
See Table 1
HE3621A0500
HE3671A0500
HE3621A1200
HE3671A1200
HE3621A2400
HE3671A2400
5
12
24
500
1000
2150
3.75
8.0
16.0
0.5
1.0
2.0
14
22
31
Table 3
HE3600 Series Miniature Relay
Hamlin USA
Tel: +1 920 648 3000 Fax: +1 920 648 3001 Email: sales.us@hamlin.com
Hamlin Europe
Tel: +44 (0)1603 257700 Fax: +44 (0)1603 257702 Email: sales.uk@hamlin.com
Hamlin China
Tel: +86 (0) 512 69365 800 Fax: +86 (0) 512 69365 811 Email: sales.cn@hamlin.com
DRGNo: HE3600 REV : AA Date: 7/02/12 DCR: B8832


Similar Part No. - HE3621A0500

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
HE3621A0500 HAMLIN-HE3621A0500 Datasheet
152Kb / 2P
   HE3600 Miniature S.I.L. Relay Features and Benefits
logo
Littelfuse
HE3621A0500 LITTELFUSE-HE3621A0500 Datasheet
402Kb / 3P
   Miniature single in-line package
More results

Similar Description - HE3621A0500

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
G3018K ETL-G3018K Datasheet
300Kb / 4P
   N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G2N7002K ETL-G2N7002K Datasheet
372Kb / 4P
   N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G2310 ETL-G2310 Datasheet
353Kb / 4P
   N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
GT2602 ETL-GT2602 Datasheet
354Kb / 4P
   N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
GT2610 ETL-GT2610 Datasheet
269Kb / 4P
   N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
GTT2604 ETL-GTT2604 Datasheet
283Kb / 4P
   N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G138 ETL-G138 Datasheet
336Kb / 4P
   N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G2300 ETL-G2300 Datasheet
326Kb / 4P
   N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G2302 ETL-G2302 Datasheet
371Kb / 4P
   N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G3400 ETL-G3400 Datasheet
293Kb / 4P
   N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com