Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-53822-S Datasheet(PDF) 9 Page - Texas Instruments

Part # PE-53822-S
Description  LM2596 SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PE-53822-S Datasheet(HTML) 9 Page - Texas Instruments

Back Button PE-53822-S Datasheet HTML 5Page - Texas Instruments PE-53822-S Datasheet HTML 6Page - Texas Instruments PE-53822-S Datasheet HTML 7Page - Texas Instruments PE-53822-S Datasheet HTML 8Page - Texas Instruments PE-53822-S Datasheet HTML 9Page - Texas Instruments PE-53822-S Datasheet HTML 10Page - Texas Instruments PE-53822-S Datasheet HTML 11Page - Texas Instruments PE-53822-S Datasheet HTML 12Page - Texas Instruments PE-53822-S Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
LM2596
www.ti.com
SNVS124C – NOVEMBER 1999 – REVISED APRIL 2013
Test Circuit and Layout Guidelines
Fixed Output Voltage Versions
CIN
—470
μF, 50V, Aluminum Electrolytic Nichicon “PL Series”
COUT —220 μF, 25V Aluminum Electrolytic, Nichicon “PL Series”
D1
—5A, 40V Schottky Rectifier, 1N5825
L1
—68
μH, L38
Adjustable Output Voltage Versions
where VREF = 1.23V
Select R1 to be approximately 1 kΩ, use a 1% resistor for best stability.
CIN —470 μF, 50V, Aluminum Electrolytic Nichicon “PL Series”
COUT —220 μF, 35V Aluminum Electrolytic, Nichicon “PL Series”
D1
—5A, 40V Schottky Rectifier, 1N5825
L1
—68
μH, L38
R1
—1 k
Ω, 1%
CFF —See Application Information Section
Figure 20. Standard Test Circuits and Layout Guides
As in any switching regulator, layout is very important. Rapidly switching currents associated with wiring
inductance can generate voltage transients which can cause problems. For minimal inductance and ground
loops, the wires indicated by heavy lines should be wide printed circuit traces and should be kept as short
as possible. For best results, external components should be located as close to the switcher lC as possible
using ground plane construction or single point grounding.
If open core inductors are used, special care must be taken as to the location and positioning of this type of
inductor. Allowing the inductor flux to intersect sensitive feedback, lC groundpath and COUT wiring can cause
problems.
When using the adjustable version, special care must be taken as to the location of the feedback resistors and
the associated wiring. Physically locate both resistors near the IC, and route the wiring away from the inductor,
especially an open core type of inductor. (See Application Information section for more information.)
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2596


Similar Part No. - PE-53822-S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PE-53822-S TI1-PE-53822-S Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
More results

Similar Description - PE-53822-S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2596SX-5.0 TI1-LM2596SX-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2596SX-ADJ NSC-LM2596SX-ADJ Datasheet
736Kb / 31P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2599 NSC-LM2599_00 Datasheet
817Kb / 32P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2595 TI1-LM2595_13 Datasheet
3Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595SX-3.3 TI1-LM2595SX-3.3 Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595S-50 TI1-LM2595S-50 Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2598 TI1-LM2598_13 Datasheet
2Mb / 45P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
[Old version datasheet]   LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2594 TI1-LM2594 Datasheet
1Mb / 41P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER짰 Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com