Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

13850 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 13850
Description  Statshield Moisture Barrier Bags Application Instructions
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

13850 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  13850 Datasheet HTML 1Page - List of Unclassifed Manufacturers 13850 Datasheet HTML 2Page - List of Unclassifed Manufacturers 13850 Datasheet HTML 3Page - List of Unclassifed Manufacturers 13850 Datasheet HTML 4Page - List of Unclassifed Manufacturers 13850 Datasheet HTML 5Page - List of Unclassifed Manufacturers 13850 Datasheet HTML 6Page - List of Unclassifed Manufacturers 13850 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TB-2031 Page 2 of 7
DESCO WEST
- 3651 Walnut Avenue, Chino, CA 91710 • (909) 627-8178
DESCO EAST
- One Colgate Way, Canton, MA 02021-1407 • (781) 821-8370 • Web Site: Desco.com
© 2013 DESCO INDUSTRIES INC.
Employee Owned
Figure 4. Desiccant packs
In order to provide a complete moisture barrier
packaging system, desiccant must be inserted into
the bag, prior to having the bag vacuum sealed. The
recommended amount of desiccant is dependent
on the interior surface area of the bag to be used.
Figure 5 is a reference table indicating recommended
minimum amounts of desiccant that should be used
with Moisture Barrier Bags.
INTERIOR BAG
NUMBER OF DESICCANT UNITS
SURFACE AREA
*MIH <20%
MIH <30%
MIH < 40%
100 sq. in.
1.5
1.0
1.0
130 sq. in.
2.0
1.5
1.0
160 sq. in.
2.0
1.5
1.5
200 sq. in.
2.5
2.0
1.5
240 sq. in.
3.0
2.0
1.5
290 sq. in.
4.0
2.5
2.0
340 sq. in.
4.5
3.0
2.5
390 sq. in.
5.0
3.5
2.5
450 sq. in.
5.5
4.0
3.0
510 sq. in.
6.5
4.5
3.5
580 sq. in.
7.5
5.0
4.0
650 sq. in.
8.0
5.5
4.0
720 sq. in.
9.0
6.0
4.5
Figure 5. Table for recommended desiccant usage.
Information taken out of EIA-583, Table 1, Page 8
13868
13869
13870
Figure 5. Humidity Indicator Cards
Desiccant packs are available from Desco in the
following unit sizes and standard packages:
Item #
Unit Size
Std. Package
13840
1/2 unit - 1.5" x 3"
Box of 700
13843
1 unit - 2" x 4"
Box of 450
13844
1/2 unit - 2" x 4"
Pail of 300
13850
1/2 unit - 1.5" x 3"
Pail of 550
Desiccant packs sold by Desco meet the requirements
of MIL-D-3464. For more detailed information, see
Drawing
13850.
HUMIDITY INDICATOR CARDS
Humidity Indicator Cards contain chemically
impregnated, humidity sensitive, indicating spots that
will change color with moisture. The comparison bar is
used to determine relative humidity of air. Select the
indicating spot that most closely matches the color of
the comparison bar. The measured relative humidity
is the percentage indicated on the matching spot. The
chemical reaction of the indicating spots is completely
reversible; the spots will continue to change color as
the moisture levels change.
Item#
Card Size
Std. Package
Relative Humidity
13868
2" x 3"
125 pcs/can
5/10/15
13869
2" x 3"
125 pcs/can
5/10/60
13870
2" x 3"
100 pcs/can
10/20/30/40
COBALT-DICHLORIDE FREE
HUMIDITY INDICATOR CARDS
Cobalt-Dichloride Free Humidity Indicator
(HI) Cards
provide electronic and semiconductor manufacturers
with a JEDEC complaint humidity indicator card that is
free of Cobalt-Dichloride, a chemical regulated under
European Chemical Bureau (ECB) REACH-directives.
*MIH - Maximum Interior Humidity.
Dry Packing Information
The Statshield® Moisture Barrier Bag, Desiccant Packs
and Humidity Indicator Cards have been developed for
use in “DRY PACKAGING” applications. In order for
the MBB bag and its accessories to perform properly,
Desco recommends the user follow procedures defined
in IPC/JEDEC J-STD-033B.
DESICCANT
Desiccant is a drying agent used to lower the moisture
content of air within a closed space, such as a
sealed Moisture Barrier bag. Desiccant is packaged
in fractional units in order to facilitate its usage with
a variety of bag sizes. One full “unit” of packaged
desiccant will absorb the following quantities of water
at equilibrium with air at 77°F (25°C): 3.00 grams @
20% rH and 6.00 grams @ 40% rH, when tested to
MIL-D-3464.


Similar Part No. - 13850

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1385001-2 MACOM-1385001-2 Datasheet
35Kb / 1P
   Wire to Board Connectors Dynamic Series Connectors/D-3000 Series D-3 Contact and Application Tooling
1385047-3 MACOM-1385047-3 Datasheet
662Kb / 6P
   AMP CT Connector Series
More results

Similar Description - 13850

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10600 ETC2-10600 Datasheet
229Kb / 6P
   Application Instructions Reztore Static-Wipes
10415 ETC2-10415 Datasheet
379Kb / 6P
   Reztore Topical Antistat Application Instructions
logo
3M Electronics
70068 3M-70068 Datasheet
70Kb / 3P
   MOISTURE BARRIER BAG, ALUMINIZED
logo
List of Unclassifed Man...
10409 ETC2-10409 Datasheet
510Kb / 7P
   Statguard Conductive Acrylic Paint Application Instructions
10438 ETC2-10438 Datasheet
264Kb / 5P
   Reztore Surface and Mat Cleaner Application Instructions
10434 ETC2-10434 Datasheet
264Kb / 5P
   Reztore Surface and Mat Cleaner Application Instructions
logo
3M Electronics
70035 3M-70035 Datasheet
261Kb / 2P
   3M Moisture Barrier Bag Dri-Shield 2000
logo
UN Semiconducctor INC
UNSDC58V-2L UNSEMI-UNSDC58V-2L Datasheet
2Mb / 5P
   Instructions
Revision March 1,2022
logo
List of Unclassifed Man...
73654 ETC2-73654 Datasheet
224Kb / 2P
   STATSHIELD SMOCKS AND GLOVES
13460 ETC2-13460 Datasheet
146Kb / 1P
   STATSHIELD METAL-IN SERIES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com