Part Name
         Description
QTLP653C

 SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 (Reverse Mount with Inner Lens) ( 7 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
   
 6 page
background image
2/13/03
Page 6 of 7
© 2003 Fairchild Semiconductor Corporation
SURFACE MOUNT LED LAMP
STANDARD BRIGHT 1206
(Reverse Mount with Inner Lens)
QTLP653C-7 AlGaAs Red
QTLP653C-G Green
TAPE AND REEL DIMENSIONS
Progressive direction
Polarity
2.0
±0.05
1.50
+0.10
-0.0
1.37
4.0
(sprocket)
1.73
0.23
±0.1
4.0
for -7
Dimensional tolerance is
± 0.1mm unless otherwise specified
Angle:
± 0.5
Unit: mm
Polarity marks on the opposite sprocket side.
Ø13
±0.5
2.5
±0.5
2.5
±0.5
16.0
±0.2
Ø60.2
±0.5
13.2
±1.5
Ø178.0
±1



Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
QTLP651CSURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 Inner Lens 1 2 3 4 5 MoreFairchild Semiconductor
QTLP652CSURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 Reverse Mount 1 2 3 4 5 MoreFairchild Semiconductor
QTLP651C-RSURFACE MOUNT LED LAMP SUPER BRIGHT 1206 Inner Lens 1 2 3 4 5 MoreFairchild Semiconductor
QTLP650CSURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 1 2 3 4 5 MoreFairchild Semiconductor
QTLP660C-BSURFACE MOUNT LED LAMP STANDARD BRIGHT 1.8mm Dome Lens 1 2 3 4 5 MoreFairchild Semiconductor
QTLP652C-RSURFACE MOUNT LED LAMP SUPER BRIGHT 1206 Reverse Mount 1 2 3 4 5 MoreFairchild Semiconductor
QTLP630CSURFACE MOUNT LED LAMP STANDARD BRIGHT 0805 1 2 3 4 5 MoreFairchild Semiconductor
QTLP650C-23SURFACE MOUNT LED LAMP STANDARD BRIGHT 1210 1 2 3 4 5 MoreFairchild Semiconductor
QTLP660CSURFACE MOUNT LED LAMP SUPER BRIGHT 1.8 mm Dome Lens 1 2 3 4 5 MoreFairchild Semiconductor
QTLP670CSURFACE MOUNT LED LAMP STANDARD BRIGHT PLCC-4 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl