Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM20SITL Datasheet(PDF) 7 Page - Texas Instruments

Part # LM20SITL
Description  LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM20SITL Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM20SITL Datasheet HTML 3Page - Texas Instruments LM20SITL Datasheet HTML 4Page - Texas Instruments LM20SITL Datasheet HTML 5Page - Texas Instruments LM20SITL Datasheet HTML 6Page - Texas Instruments LM20SITL Datasheet HTML 7Page - Texas Instruments LM20SITL Datasheet HTML 8Page - Texas Instruments LM20SITL Datasheet HTML 9Page - Texas Instruments LM20SITL Datasheet HTML 10Page - Texas Instruments LM20SITL Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LM20
www.ti.com
SNIS106P – DECEMBER 1999 – REVISED FEBRUARY 2013
where T is the middle of the temperature range of interest and m is in V/°C. For example for the temperature
range of TMIN = −30 to TMAX = +100°C:
T = 35°C
(5)
and
m =
−11.77 mV/°C
(6)
The offset of the linear transfer function can be calculated using the following equation:
b = (VOP(TMAX) + VOP(T) − m × (TMAX+T))/2
(7)
where:
VOP(TMAX) is the calculated output voltage at TMAX using the parabolic transfer function for VO
VOP(T) is the calculated output voltage at T using the parabolic transfer function for VO.
Using this procedure the best fit linear transfer function for many popular temperature ranges was calculated in
Table 2. As shown in Table 2 the error that is introduced by the linear transfer function increases with wider
temperature ranges.
Table 2. First Order Equations Optimized for Different Temperature Ranges
Temperature Range
Linear Equation
Maximum Deviation of Linear Equation from
VO =
Parabolic Equation (°C)
Tmin (°C)
Tmax (°C)
−55
130
−11.79 mV/°C × T + 1.8528 V
±1.41
−40
110
−11.77 mV/°C × T + 1.8577 V
±0.93
−30
100
−11.77 mV/°C × T + 1.8605 V
±0.70
-40
85
−11.67 mV/°C × T + 1.8583 V
±0.65
−10
65
−11.71 mV/°C × T + 1.8641 V
±0.23
35
45
−11.81 mV/°C × T + 1.8701 V
±0.004
20
30
–11.69 mV/°C × T + 1.8663 V
±0.004
Mounting
The LM20 can be applied easily in the same way as other integrated-circuit temperature sensors. It can be glued
or cemented to a surface. The temperature that the LM20 is sensing will be within about +0.02°C of the surface
temperature to which the LM20's leads are attached to.
This presumes that the ambient air temperature is almost the same as the surface temperature; if the air
temperature were much higher or lower than the surface temperature, the actual temperature measured would
be at an intermediate temperature between the surface temperature and the air temperature.
To ensure good thermal conductivity the backside of the LM20 die is directly attached to the pin 2 GND pin. The
tempertures of the lands and traces to the other leads of the LM20 will also affect the temperature that is being
sensed.
Alternatively, the LM20 can be mounted inside a sealed-end metal tube, and can then be dipped into a bath or
screwed into a threaded hole in a tank. As with any IC, the LM20 and accompanying wiring and circuits must be
kept insulated and dry, to avoid leakage and corrosion. This is especially true if the circuit may operate at cold
temperatures where condensation can occur. Printed-circuit coatings and varnishes such as Humiseal and epoxy
paints or dips are often used to ensure that moisture cannot corrode the LM20 or its connections.
The thermal resistance junction to ambient (
θJA) is the parameter used to calculate the rise of a device junction
temperature due to its power dissipation. For the LM20 the equation used to calculate the rise in the die
temperature is as follows:
TJ = TA + θJA [(V
+ I
Q) + (V
+ − V
O) IL]
where IQ is the quiescent current and ILis the load current on the output. Since the LM20's junction temperature
is the actual temperature being measured care should be taken to minimize the load current that the LM20 is
required to drive.
The tables shown in Table 3 summarize the rise in die temperature of the LM20 without any loading, and the
thermal resistance for different conditions.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM20


Similar Part No. - LM20SITL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20SITL NSC-LM20SITL Datasheet
652Kb / 10P
   2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LM20SITL/NOPB TI1-LM20SITL/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   DSBGA Temperature Sensor
logo
National Semiconductor ...
LM20SITLEP NSC-LM20SITLEP Datasheet
250Kb / 9P
   Enhanced Plastic 2.4V, 10uA, SC70, micro SMD Temperature Sensor
LM20SITLX NSC-LM20SITLX Datasheet
652Kb / 10P
   2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LM20SITLX/NOPB TI1-LM20SITLX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   DSBGA Temperature Sensor
More results

Similar Description - LM20SITL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM20 TI-LM20_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM20 2.4-V, 10-關A, SC70, DSBGA Temperature Sensor
logo
National Semiconductor ...
LM20 NSC-LM20 Datasheet
218Kb / 9P
   LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LMT88 TI-LMT88 Datasheet
899Kb / 13P
[Old version datasheet]   LMT88 2.4V, 10 A, SC70, DSBGA Temperature Sensor
logo
National Semiconductor ...
LM20 NSC-LM20_05 Datasheet
652Kb / 10P
   2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LMT89 TI-LMT89 Datasheet
920Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10 A, SC70, Temperature Sensor
logo
National Semiconductor ...
LM19 NSC-LM19_10 Datasheet
272Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
LM19 NSC-LM19_07 Datasheet
241Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
logo
Texas Instruments
LMT89DCKT TI-LMT89DCKT Datasheet
898Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10UA, SC70, Temperature Sensor
LM19 TI-LM19_15 Datasheet
268Kb / 14P
[Old version datasheet]   LM19 2.4V, 10關A, TO-92 Temperature Sensor
LM19 TI1-LM19 Datasheet
283Kb / 13P
[Old version datasheet]   LM19 2.4V, 10關A, TO-92 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com