Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QTLP651C Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # QTLP651C
Description  SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 Inner Lens
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP651C Datasheet(HTML) 5 Page - Fairchild Semiconductor

  QTLP651C Datasheet HTML 1Page - Fairchild Semiconductor QTLP651C Datasheet HTML 2Page - Fairchild Semiconductor QTLP651C Datasheet HTML 3Page - Fairchild Semiconductor QTLP651C Datasheet HTML 4Page - Fairchild Semiconductor QTLP651C Datasheet HTML 5Page - Fairchild Semiconductor QTLP651C Datasheet HTML 6Page - Fairchild Semiconductor QTLP651C Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
4/16/02
Page 5 of 7
© 2002 Fairchild Semiconductor Corporation
QTLP651C-2 HER
QTLP651C-3 Yellow
QTLP651C-4 Green
QTLP651C-7 AlGaAs Red
QTLP651C-B Blue
SURFACE MOUNT LED LAMP
STANDARD BRIGHT 1206 (Inner Lens)
TAPE AND REEL DIMENSIONS
Ø12.75
2.5±
0.5
11.0
+0.5
-0.0
+0.25
-0.0
+1.5
8.4 -0.0
Progressive direction
Polarity
2.0
±0.05
Ø1.55
±0.05
4.0
4.0
for -7
Dimensional tolerance is
± 0.1mm unless otherwise specified
Angle:
± 0.5
Unit: mm
1.85
±0.1
1.77
0.25
±0.1


Similar Part No. - QTLP651C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP651C-AG FAIRCHILD-QTLP651C-AG Datasheet
188Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1206 (Inner Lens)
QTLP651C-AG FAIRCHILD-QTLP651C-AG Datasheet
195Kb / 8P
   SURFACE MOUNT LED LAMP
QTLP651C-E FAIRCHILD-QTLP651C-E Datasheet
188Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1206 (Inner Lens)
QTLP651C-E FAIRCHILD-QTLP651C-E Datasheet
195Kb / 8P
   SURFACE MOUNT LED LAMP
QTLP651C-IB FAIRCHILD-QTLP651C-IB Datasheet
188Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1206 (Inner Lens)
More results

Similar Description - QTLP651C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP653C FAIRCHILD-QTLP653C Datasheet
354Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 (Reverse Mount with Inner Lens)
QTLP653C7TR FAIRCHILD-QTLP653C7TR Datasheet
360Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 (Reverse Mount with Inner Lens)
QTLP651C-R FAIRCHILD-QTLP651C-R Datasheet
188Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1206 (Inner Lens)
QTLP650D2TR FAIRCHILD-QTLP650D2TR Datasheet
407Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP650C-2 FAIRCHILD-QTLP650C-2 Datasheet
403Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP650C FAIRCHILD-QTLP650C Datasheet
401Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP650CBTR FAIRCHILD-QTLP650CBTR Datasheet
407Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP652C FAIRCHILD-QTLP652C Datasheet
403Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 (Reverse Mount)
QTLP660C-B FAIRCHILD-QTLP660C-B Datasheet
372Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1.8mm (Dome Lens)
QTLP650C-Y FAIRCHILD-QTLP650C-Y Datasheet
160Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1206
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com