Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4364AIDR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4364AIDR
Description  1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4364AIDR Datasheet(HTML) 5 Page - Texas Instruments

  OPA4364AIDR Datasheet HTML 1Page - Texas Instruments OPA4364AIDR Datasheet HTML 2Page - Texas Instruments OPA4364AIDR Datasheet HTML 3Page - Texas Instruments OPA4364AIDR Datasheet HTML 4Page - Texas Instruments OPA4364AIDR Datasheet HTML 5Page - Texas Instruments OPA4364AIDR Datasheet HTML 6Page - Texas Instruments OPA4364AIDR Datasheet HTML 7Page - Texas Instruments OPA4364AIDR Datasheet HTML 8Page - Texas Instruments OPA4364AIDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
1
0.1
0.01
0.001
0.0001
Frequency (Hz)
10
100
1k
10k
100k
G = 10, R = 2kW
L
V = 1.8V
S
V
= 10dBv
-
OUT
G = 10, R = 2kW
L
V = 5V
S
G = 10, R = 10kW
L
V = 1.8V, 5V
S
G = 1, R = 2kW
L
V = 1.8V
S
G = 1,
R = 2kW
L
V = 5V
S
G = 1,
R = 10kW
L
V = 1.8V, 5V
S
1
0.1
0.01
0.001
0.0001
Frequency (Hz)
10
100
1k
10k
100k
G = 10, R = 2kW
L
G = 10, R = 10kW
L
G = 1, R = 10kW
L
G = 1, R = 2kW
L
(V = 5V, V
= 1Vrms)
S
OUT
100
80
60
40
20
0
Frequency (Hz)
1
10
100
1k
10k
100k
10M
1M
1.4
1.2
1.0
0.8
0.6
0.4
Supply Voltage (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Per Amplifier
120
100
80
60
40
20
0
-20
Frequency (Hz)
0
-30
-60
-90
-120
-150
-180
10
100
1k
10k
100k
1M
10M
100M
100
90
80
70
60
50
40
30
20
10
0
Frequency (Hz)
10
1k
100
100k
10k
1M
10M
OPA363, OPA2363
OPA364, OPA2364, OPA4364
www.ti.com
SBOS259C – SEPTEMBER 2002 – REVISED MAY 2013
TYPICAL CHARACTERISTICS
At TA = +25°C, RL = 10kΩ connected to VS/2, VOUT = VS/2, and VCM = VS/2, unless otherwise noted.
OPEN-LOOP GAIN AND PHASE
COMMON-MODE REJECTION RATIO
vs FREQUENCY
vs FREQUENCY
Figure 1.
Figure 2.
POWER-SUPPLY REJECTION RATIO
QUIESCENT CURRENT
vs FREQUENCY
vs SUPPLY VOLTAGE
Figure 3.
Figure 4.
TOTAL HARMONIC DISTORTION + NOISE RATIO
TOTAL HARMONIC DISTORTION + NOISE RATIO
vs FREQUENCY
vs FREQUENCY
Figure 5.
Figure 6.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: OPA363 OPA2363 OPA364 OPA2364 OPA4364


Similar Part No. - OPA4364AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4364AIDR TI-OPA4364AIDR Datasheet
728Kb / 27P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
More results

Similar Description - OPA4364AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA363 TI-OPA363 Datasheet
728Kb / 27P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA364AIDBVRG4 TI-OPA364AIDBVRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA365-EP TI1-OPA365-EP Datasheet
495Kb / 19P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA2365-Q1 TI1-OPA2365-Q1 Datasheet
886Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-EP TI-OPA365-EP_15 Datasheet
998Kb / 22P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-Q1 TI-OPA365-Q1_15 Datasheet
1,023Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA4364-Q1 TI1-OPA4364-Q1 Datasheet
590Kb / 21P
[Old version datasheet]   1.8-V, 7-MHz, 90-dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
logo
SG Micro Corp
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
   Single Rail-to-Rail I/O Operational Amplifier
logo
Texas Instruments
OPA743 TI1-OPA743 Datasheet
842Kb / 17P
[Old version datasheet]   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
OPA2743EA TI1-OPA2743EA Datasheet
615Kb / 17P
[Old version datasheet]   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com