Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA364IDBVTG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA364IDBVTG4
Description  1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA364IDBVTG4 Datasheet(HTML) 3 Page - Texas Instruments

  OPA364IDBVTG4 Datasheet HTML 1Page - Texas Instruments OPA364IDBVTG4 Datasheet HTML 2Page - Texas Instruments OPA364IDBVTG4 Datasheet HTML 3Page - Texas Instruments OPA364IDBVTG4 Datasheet HTML 4Page - Texas Instruments OPA364IDBVTG4 Datasheet HTML 5Page - Texas Instruments OPA364IDBVTG4 Datasheet HTML 6Page - Texas Instruments OPA364IDBVTG4 Datasheet HTML 7Page - Texas Instruments OPA364IDBVTG4 Datasheet HTML 8Page - Texas Instruments OPA364IDBVTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
OPA363, OPA2363
OPA364, OPA2364, OPA4364
www.ti.com
SBOS259C – SEPTEMBER 2002 – REVISED MAY 2013
ELECTRICAL CHARACTERISTICS: VS = +1.8V to +5.5V (continued)
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, RL = 10kΩ connected to VS/2, VOUT = VS/2, and VCM = VS/2, unless otherwise noted.
OPAx363, OPAx364
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CAPACITANCE
Differential
2
pF
Common-Mode
3
pF
OPEN-LOOP GAIN
RL = 10kΩ, 100mV < VO < (V+) – 100mV
Open-Loop Voltage Gain
AOL
94
100
dB
OPA4364AI
90
dB
over Temperature
VS = 1.8V to 5.5V
86
dB
FREQUENCY RESPONSE
CL = 100pF
Gain-Bandwidth Product
GBW
7
MHz
Slew Rate
SR
G = +1
5
V/
μs
Settling Time, 0.1%
tS
VS = +5V, 4V Step, G = +1
1
µs
0.01%
VS = +5V, 4V Step, G = +1
1.5
µs
Overload Recovery Time
VIN · Gain > VS
0.8
µs
Total Harmonic Distortion + Noise
THD+N
VS = +5V, G = +1, f = 20Hz to 20kHz
0.002
%
OUTPUT
Voltage Output Swing
RL = 10kΩ
10
20
V
Over Temperature
RL = 10kΩ
20
V
Short-Circuit Current
ISC
See Typical Characteristics
Capacitive Load Drive
CLOAD
See Typical Characteristics
SHUTDOWN (for OPAx363)
tOFF
1
µs
tON
(1)
20
µs
Vl (shutdown)
(V–) + 0.8
V
Vh (amplifier is active)
0.75 (V+)
5.5
V
IQSD
0.9
µA
POWER SUPPLY
Specified Voltage Range
VS
1.8
5.5
V
Operating Voltage Range
1.8 to 5.5
V
Quiescent Current (per amplifier)
IQ
VS = +1.8V
650
750
µA
VS = +3.6V
850
1000
µA
VS = +5.5V
1.1
1.4
mA
TEMPERATURE RANGE
Specified Range
–40
+125
°C
Operating Range
–40
+150
°C
Storage Range
–65
+150
°C
Thermal Resistance
θJA
SOT23-5, SOT23-6
200
°C/W
MSOP-8, MSOP-10, SO-8
150
°C/W
TSSOP-14, SO-14
100
°C/W
(1)
Part is considered enabled when input offset voltage returns to specified range.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: OPA363 OPA2363 OPA364 OPA2364 OPA4364


Similar Part No. - OPA364IDBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA364IDBVT TI-OPA364IDBVT Datasheet
728Kb / 27P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
More results

Similar Description - OPA364IDBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA363 TI-OPA363 Datasheet
728Kb / 27P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA364AIDBVRG4 TI-OPA364AIDBVRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA365-EP TI1-OPA365-EP Datasheet
495Kb / 19P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA2365-Q1 TI1-OPA2365-Q1 Datasheet
886Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-EP TI-OPA365-EP_15 Datasheet
998Kb / 22P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-Q1 TI-OPA365-Q1_15 Datasheet
1,023Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA4364-Q1 TI1-OPA4364-Q1 Datasheet
590Kb / 21P
[Old version datasheet]   1.8-V, 7-MHz, 90-dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
logo
SG Micro Corp
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
   Single Rail-to-Rail I/O Operational Amplifier
logo
Texas Instruments
OPA743 TI1-OPA743 Datasheet
842Kb / 17P
[Old version datasheet]   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
OPA2743EA TI1-OPA2743EA Datasheet
615Kb / 17P
[Old version datasheet]   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com