Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTD1N50E Datasheet(PDF) 7 Page - Motorola, Inc

Part # MTD1N50E
Description  TMOS POWER FET 1.0 AMPERE 500 VOLTS RDS(on) = 5.0 OHM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTD1N50E Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MTD1N50E Datasheet HTML 2Page - Motorola, Inc MTD1N50E Datasheet HTML 3Page - Motorola, Inc MTD1N50E Datasheet HTML 4Page - Motorola, Inc MTD1N50E Datasheet HTML 5Page - Motorola, Inc MTD1N50E Datasheet HTML 6Page - Motorola, Inc MTD1N50E Datasheet HTML 7Page - Motorola, Inc MTD1N50E Datasheet HTML 8Page - Motorola, Inc MTD1N50E Datasheet HTML 9Page - Motorola, Inc MTD1N50E Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MTD1N50E
7
Motorola TMOS Power MOSFET Transistor Device Data
INFORMATION FOR USING THE DPAK SURFACE MOUNT PACKAGE
RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the semiconductor packages must be
the correct size to ensure proper solder connection interface
between the board and the package. With the correct pad
geometry, the packages will self align when subjected to a
solder reflow process.
0.190
4.826
mm
inches
0.100
2.54
0.063
1.6
0.165
4.191
0.118
3.0
0.243
6.172
POWER DISSIPATION FOR A SURFACE MOUNT DEVICE
The power dissipation for a surface mount device is a
function of the drain pad size.
These can vary from the
minimum pad size for soldering to a pad size given for
maximum power dissipation. Power dissipation for a surface
mount device is determined by TJ(max), the maximum rated
junction temperature of the die, R
θJA, the thermal resistance
from the device junction to ambient, and the operating
temperature, TA. Using the values provided on the data sheet,
PD can be calculated as follows:
PD =
TJ(max) – TA
R
θJA
The values for the equation are found in the maximum
ratings table on the data sheet. Substituting these values into
the equation for an ambient temperature TA of 25°C, one can
calculate the power dissipation of the device. For a DPAK
device, PD is calculated as follows.
PD =
150
°C – 25°C
71.4
°C/W
= 1.75 Watts
The 71.4
°C/W for the DPAK package assumes the use of
the recommended footprint on a glass epoxy printed circuit
board to achieve a power dissipation of 1.75 Watts. There are
other alternatives to achieving higher power dissipation from
the surface mount packages. One is to increase the area of the
drain pad. By increasing the area of the drain pad, the power
dissipation can be increased. Although one can almost double
the power dissipation with this method, one will be giving up
area on the printed circuit board which can defeat the purpose
of using surface mount technology. For example, a graph of
R
θJA versus drain pad area is shown in Figure 15.
Figure 15. Thermal Resistance versus Drain Pad
Area for the DPAK Package (Typical)
1.75 Watts
Board Material = 0.0625
G–10/FR–4, 2 oz Copper
80
100
60
40
20
10
8
6
4
2
0
3.0 Watts
5.0 Watts
TA = 25°C
A, AREA (SQUARE INCHES)
Another alternative would be to use a ceramic substrate or
an aluminum core board such as Thermal Clad
™. Using a
board material such as Thermal Clad, an aluminum core
board, the power dissipation can be doubled using the same
footprint.


Similar Part No. - MTD1N50E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTD1N50E ONSEMI-MTD1N50E Datasheet
136Kb / 12P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
logo
VBsemi Electronics Co.,...
MTD1N50E VBSEMI-MTD1N50E Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Inchange Semiconductor ...
MTD1N50E ISC-MTD1N50E Datasheet
345Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
MTD1N50E1 ONSEMI-MTD1N50E1 Datasheet
136Kb / 12P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTD1N50ET4 ONSEMI-MTD1N50ET4 Datasheet
136Kb / 12P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
More results

Similar Description - MTD1N50E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP1N50E MOTOROLA-MTP1N50E Datasheet
159Kb / 8P
   TMOS POWER FET 1.0 AMPERES 500 VOLTS RDS(on) = 5.0 OHM
MTD1N60E MOTOROLA-MTD1N60E Datasheet
266Kb / 10P
   TMOS POWER FET 1.0 AMPERE 600 VOLTS RDS(on) = 8.0 OHM
MTD5N25E MOTOROLA-MTD5N25E Datasheet
252Kb / 10P
   TMOS POWER FET 5.0 AMPERES 250 VOLTS RDS(on) = 1.0 OHM
MTP5N40E MOTOROLA-MTP5N40E Datasheet
258Kb / 8P
   TMOS POWER FET 5.0 AMPERES 400 VOLTS RDS(on) = 1.0 OHM
MTD5P06E MOTOROLA-MTD5P06E Datasheet
208Kb / 10P
   TMOS POWER FET 5.0 AMPERES 60 VOLTS RDS(on) = 0.55 OHM
MTP3N120E MOTOROLA-MTP3N120E Datasheet
252Kb / 8P
   TMOS POWER FET 3.0 AMPERES 1200 VOLTS RDS(on) = 5.0 OHM
MTP1N60E MOTOROLA-MTP1N60E Datasheet
232Kb / 8P
   TMOS POWER FET 1.0 AMPERES 600 VOLTS RDS(on) = 8.0 OHM
MTW7N80E MOTOROLA-MTW7N80E Datasheet
220Kb / 8P
   TMOS POWER FET 7.0 AMPERES 800 VOLTS RDS(on) = 1.0 OHM
MTD1N80E MOTOROLA-MTD1N80E Datasheet
269Kb / 10P
   TMOS POWER FET 1.0 AMPERES 800 VOLTS RDS(on) = 12 OHM
MTP1N100E MOTOROLA-MTP1N100E Datasheet
203Kb / 8P
   TMOS POWER FET 1.0 AMPERES 1000 VOLTS RDS(on) = 9.0 OHM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com